データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM13A-E データシート(PDF) 6 Page - Silicon Touch Technology Inc.

部品番号 DM13A-E
部品情報  Minimum constant-current outputs: 0.3mA
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SITI [Silicon Touch Technology Inc.]
ホームページ  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM13A-E データシート(HTML) 6 Page - Silicon Touch Technology Inc.

Back Button DM13A-E Datasheet HTML 2Page - Silicon Touch Technology Inc. DM13A-E Datasheet HTML 3Page - Silicon Touch Technology Inc. DM13A-E Datasheet HTML 4Page - Silicon Touch Technology Inc. DM13A-E Datasheet HTML 5Page - Silicon Touch Technology Inc. DM13A-E Datasheet HTML 6Page - Silicon Touch Technology Inc. DM13A-E Datasheet HTML 7Page - Silicon Touch Technology Inc. DM13A-E Datasheet HTML 8Page - Silicon Touch Technology Inc. DM13A-E Datasheet HTML 9Page - Silicon Touch Technology Inc. DM13A-E Datasheet HTML 10Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Low Power 16-bit Constant Current LED Driver
Version:Pre.003
Page 5
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM13A-E
Maximum Ratings
*1
(Ta=25
C, Tj(max) = 150C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Supply Voltage
VDD
-0.3 ~ 6.0
V
Input Voltage
VIN
-0.3 ~ VDD+0.3
V
Output Current
IOUT
30
mA
Output Voltage
VOUT
-0.3 ~ 5.5
V
Input Clock Frequency
FDCK
25
MHz
GND Terminal Current
IGND
480
mA
Power Dissipation
(4 layer PCB)
PD
2.5 ( PDIP24 : Ta=25
C)
W
2.03( SOP24B : Ta=25
C)
1.57 ( SOP24 : Ta=25
C)
1.38 ( SSOP24 : Ta=25
C)
3.37 (QFN24 : Ta=25
C)
Thermal Resistance
Rth(j-a)
50.0 (PDIP24 )
C/W
61.4 ( SOP24B)
79.2 (SOP24 )
90.2 (SSOP24 )
37 (QFN24 )
Operating Temperature
Top
-20 ~ 85
C
Storage Temperature
Tstg
-55 ~ 150
C
Recommended Operating Condition
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Supply Voltage
VDD
3.3
5.0
5.5
V
Output Voltage
VOUT
Driver On@0.4mA
0.31
0.5VDD
V
Output Voltage
VOUT
Driver Off
5.5
Output Current
IO
OUTn
0.3
30
mA
IOH
VOH = VDD
– 0.2 V
+1
IOL
VOL = 0.2 V
-1
Input Voltage
VIH
VDD = 3.3 V ~ 5.5V
0.8VDD
VDD
V
VIL
0.0
0.2VDD
Input Clock Frequency
FDCK
Single Chip Operation
25
MHz
LAT Pulse Width
tw LAT
VDD = 5.0V&3.3V
15
ns
DCK Pulse Width
tw DCK
15
Set-up Time for DAI
tsetup(D)
10
Hold Time for DAI
thold(D)
10
Set-up Time for LAT
tsetup(L)
10
Hold Time for LAT
thold(L)
10
*1 Stress beyond those listed under “Maximum Ratings” may cause permanent damage to the device. These are stress
ratings only; it’s not implied functional operation condition. Exposure to “Maximum Ratings” conditions for extended
periods may affect device reliability and life time.


同様の部品番号 - DM13A-E

メーカー部品番号データシート部品情報
logo
Silicon Touch Technolog...
DM13A SITI-DM13A Datasheet
462Kb / 20P
   16-bit Constant Current LED Driver
More results

同様の説明 - DM13A-E

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NSI50350AST3G ONSEMI-NSI50350AST3G Datasheet
201Kb / 7P
   Constant Current Regulator Constant Current Regulator
May, 2012 ??Rev. 3
logo
Arch Electronics Corp.
PLF25_SERIES ARCH-PLF25_SERIES Datasheet
271Kb / 2P
   Constant Current
logo
Linear Technology
LT3956 LINER-LT3956_15 Datasheet
1Mb / 20P
   Constant-Current, Constant-Voltage Converter
logo
SHENZHEN FUMAN ELECTRON...
FM1800 FUMAN-FM1800 Datasheet
343Kb / 6P
   Constant current constant voltage IC
logo
Texas Instruments
UCC28710 TI1-UCC28710_15 Datasheet
1Mb / 34P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller
logo
Fairchild Semiconductor
DM9368 FAIRCHILD-DM9368 Datasheet
71Kb / 6P
   7-Segment Decoder/Driver/Latch with Constant Current Source Outputs
logo
Silicon Touch Technolog...
DM633 SITI-DM633 Datasheet
506Kb / 26P
   16-CHANNEL CONSTANT CURRENT LED DRIVER WITH PROGRAMMABLE PWM OUTPUTS
DM413 SITI-DM413 Datasheet
305Kb / 18P
   3-CHANNEL CONSTANT CURRENT LED DRIVERS WITH PROGRAMMABLE PWM OUTPUTS
logo
HTC Korea TAEJIN Techno...
TJ1052 HTC-TJ1052 Datasheet
181Kb / 4P
   CONSTANT VOLTAGE & CONSTANT CURRENT CONTROLLER
logo
Silicon Touch Technolog...
DM631 SITI-DM631 Datasheet
500Kb / 24P
   16-CHANNEL CONSTANT CURRENT LED DRIVER WITH PROGRAMMABLE PWM OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com