データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC33067 データシート(PDF) 4 Page - ON Semiconductor

部品番号 MC33067
部品情報  High Performance Resonant Mode Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33067 データシート(HTML) 4 Page - ON Semiconductor

  MC33067_15 Datasheet HTML 1Page - ON Semiconductor MC33067_15 Datasheet HTML 2Page - ON Semiconductor MC33067_15 Datasheet HTML 3Page - ON Semiconductor MC33067_15 Datasheet HTML 4Page - ON Semiconductor MC33067_15 Datasheet HTML 5Page - ON Semiconductor MC33067_15 Datasheet HTML 6Page - ON Semiconductor MC33067_15 Datasheet HTML 7Page - ON Semiconductor MC33067_15 Datasheet HTML 8Page - ON Semiconductor MC33067_15 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MC34067, MC33067, NCV33067
www.onsemi.com
4
ELECTRICAL CHARACTERISTICS (continued) (VCC = 12 V [Note 6], ROSC= 18.2 k, RVFO = 2940 W, COSC = 300 pF,
RT = 2370 W, CT = 300 pF, CL = 1.0 nF. For typical values TA = 25°C, for min/max values TA is the operating ambient temperature range
that applies (Note 7), unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OSCILLATOR
Frequency (Error Amp Output Low)
Total Variation (VCC = 10 V to 18 V, TA = TLow to THigh)
fOSC(low)
490
525
550
kHz
Frequency (Error Amp Output High)
Total Variation (VCC = 10 V to 18 V, TA = TLow to THigh)
fOSC(high)
1850
2050
2200
kHz
Oscillator Control Input Voltage, Pin 3
Vin
2.5
V
ONE−SHOT
Drive Output Off−Time
TA = 25°C
Total Variation (VCC = 10 V to 18 V, TA = TLow to THigh)
tBlank
235
225
250
270
280
ns
DRIVE OUTPUTS
Output Voltage
Low State (ISink = 20 mA)
Low State (ISink = 200 mA)
High State (ISource = 20 mA)
High State (ISource = 200 mA)
VOL
VOH
9.5
9.0
0.8
1.5
10.3
9.7
1.2
2.0
V
Output Voltage with UVLO Activated (VCC = 6.0 V, ISink = 1.0 mA)
VOL(UVLO)
0.8
1.2
V
Output Voltage Rise Time (CL = 1.0 nF)
tr
20
50
ns
Output Voltage Fall Time (CL = 1.0 nF)
tf
15
50
ns
FAULT COMPARATOR
Input Threshold
Vth
0.93
1.0
1.07
V
Input Bias Current (VPin 10 = 0 V)
IIB
− 2.0
−10
mA
Propagation Delay to Drive Outputs (100 mV Overdrive)
tPLH(In/Out)
60
100
ns
SOFT−START
Capacitor Charge Current (VPin 11 = 2.5 V)
Ichg
4.5
9.0
14
mA
Capacitor Discharge Current (VPin 11 = 2.5 V)
Idischg
3.0
8.0
mA
UNDERVOLTAGE LOCKOUT
Startup Threshold, VCC Increasing
Enable/UVLO Adjust Pin Open
Enable/UVLO Adjust Pin Connected to VCC
Vth(UVLO)
14.8
8.0
16
9.0
17.2
10
V
Minimum Operating Voltage After Turn−On, VCC Decreasing
Enable/UVLO Adjust Pin Open
Enable/UVLO Adjust Pin Connected to VCC
VCC(min)
8.0
7.6
9.0
8.6
10
9.6
V
Enable/UVLO Adjust Shutdown Threshold Voltage
Vth(Enable)
6.0
7.0
V
Enable/UVLO Adjust Input Current (Pin 9 = 0 V)
Iin(Enable)
− 0.2
− 1.0
mA
TOTAL DEVICE
Power Supply Current (Enable/UVLO Adjust Pin Open)
Startup (VCC = 13.5 V)
Operating (fOSC = 500 kHz) (Note 6)
ICC
0.5
27
0.8
35
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
5. Maximum package power dissipation limits must be observed.
6. Adjust VCC above the Startup Threshold voltage before setting to 12 V.
7. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
8. Tlow
=0
°C for MC34067
=− 40
°C for MC33067, NCV33067
Thigh =+ 70°C for MC34067
=+ 85
°C for MC33067, NCV33067


同様の部品番号 - MC33067_15

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC33067DW ONSEMI-MC33067DW Datasheet
374Kb / 16P
   HIGH PERFORMANCE ZERO VOLTAGE SWITCH RESONANT MODE CONTROLLERS
Rev 1, 05/99
MC33067DW ONSEMI-MC33067DW Datasheet
535Kb / 16P
   High Performance Resonant Mode Controllers
October, 2005 ??Rev. 11
MC33067DWG ONSEMI-MC33067DWG Datasheet
535Kb / 16P
   High Performance Resonant Mode Controllers
October, 2005 ??Rev. 11
MC33067DWR2 ONSEMI-MC33067DWR2 Datasheet
535Kb / 16P
   High Performance Resonant Mode Controllers
October, 2005 ??Rev. 11
MC33067DWR2G ONSEMI-MC33067DWR2G Datasheet
535Kb / 16P
   High Performance Resonant Mode Controllers
October, 2005 ??Rev. 11
More results

同様の説明 - MC33067_15

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC34067 ONSEMI-MC34067_05 Datasheet
535Kb / 16P
   High Performance Resonant Mode Controllers
October, 2005 ??Rev. 11
MC34067 ONSEMI-MC34067_09 Datasheet
634Kb / 16P
   High Performance Resonant Mode Controllers
December, 2009 ??Rev. 13
logo
Motorola, Inc
MC34066 MOTOROLA-MC34066 Datasheet
171Kb / 12P
   High Performance Resonant Mode Controllers
logo
ON Semiconductor
MC34067 ONSEMI-MC34067 Datasheet
374Kb / 16P
   HIGH PERFORMANCE ZERO VOLTAGE SWITCH RESONANT MODE CONTROLLERS
Rev 1, 05/99
logo
Infineon Technologies A...
ICE2HS01G INFINEON-ICE2HS01G Datasheet
606Kb / 29P
   High Performance Resonant Mode Controller
Version 2.0, 11 May 2010
logo
ON Semiconductor
NCP1397ADR2G ONSEMI-NCP1397ADR2G Datasheet
749Kb / 27P
   High Performance Resonant Mode Controller
November, 2011 ??Rev. 4
NCP1395 ONSEMI-NCP1395 Datasheet
335Kb / 27P
   High Performance Resonant Mode Controller
March, 2006 ??Rev. 1
logo
List of Unclassifed Man...
UC1861-1868 ETC1-UC1861-1868 Datasheet
422Kb / 9P
   Resonant-Mode Power Supply Controllers
logo
Texas Instruments
UC1861 TI-UC1861 Datasheet
438Kb / 9P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
UC1861 TI1-UC1861_13 Datasheet
3Mb / 14P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com