データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC33067 データシート(PDF) 9 Page - ON Semiconductor

部品番号 MC33067
部品情報  High Performance Resonant Mode Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33067 データシート(HTML) 9 Page - ON Semiconductor

Back Button MC33067 Datasheet HTML 5Page - ON Semiconductor MC33067 Datasheet HTML 6Page - ON Semiconductor MC33067 Datasheet HTML 7Page - ON Semiconductor MC33067 Datasheet HTML 8Page - ON Semiconductor MC33067 Datasheet HTML 9Page - ON Semiconductor MC33067 Datasheet HTML 10Page - ON Semiconductor MC33067 Datasheet HTML 11Page - ON Semiconductor MC33067 Datasheet HTML 12Page - ON Semiconductor MC33067 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MC34067, MC33067, NCV33067
www.onsemi.com
9
The minimum frequency is programmed by ROSC using
Equation 1:
COSC
where tPD is the internal propagation delay.
(eq. 1)
R
1
ƒ
tPD
n
C
t
70 ns
0.348
=
=
OSC
(min)
(max)
OSC
5.1
3.6
The maximum oscillator frequency is set by the current
through resistor RVFO. The current required to discharge
COSC at the maximum oscillator frequency can be calculated
by Equation 2:
COSC
1.5C
(eq. 2)
OSC
I
1
ƒ
5.1 − 3.6
=
=
(max)
(max)
ƒ(max)
The discharge current through ROSC must also be known
and can be calculated by Equation 3:
ƒ(min)
COSC
ROSC
1.5
ε
I
1
ƒ
5.1 − 3.6
=
(min)
R
ROSC
COSC
ROSC
=
ROSC
ε
1
OSC
(eq. 3)
Resistor RVFO can now be calculated by Equation 4:
R=
VFO
I(max)
IR
2.5 − VEAsat
OSC
(eq. 4)
One−Shot Timer
The One−Shot is designed to disable both outputs
simultaneously providing a deadtime before either output is
enabled. The One−Shot capacitor (CT) is charged
concurrently with the oscillator capacitor by transistor Q1,
as shown in Figure 16. The one−shot period begins when the
oscillator comparator turns off Q1, allowing CT to
discharge. The period ends when resistor RT discharges CT
to the threshold of the One−Shot comparator. The lower
threshold of the One−Shot is 3.6 V. By choosing CT, RT can
by solved by Equation 5:
5.1
3.6
CT
R
t OS
C
0.348
=
=
T
T
t OS
n
(eq. 5)
Errors in the threshold voltage and propagation delays
through the output drivers will affect the One−Shot period.
To guarantee accuracy, the output pulse of the control chip
is trimmed to within 5% of 250 ns with nominal values of RT
and CT.
The outputs of the Oscillator and One−Shot comparators
are OR’d together to produce the pulse tOS, which drives the
Flip−Flop and output drivers. The output pulse (tOS) is
initiated by the Oscillator and terminated by the One−Shot
comparator. With zero voltage resonant mode converters,
the oscillator discharge time should never be set less than the
one−shot period.
Error Amplifier
A fully accessible high performance Error Amplifier is
provided for feedback control of the power supply system.
The Error Amplifier is internally compensated and features
dc open loop gain greater than 70 dB, input offset voltage of
less than 10 mV and a guaranteed minimum gain−bandwidth
product of 2.5 MHz. The input common mode range extends
from 1.5 V to 5.1 V, which includes the reference voltage.
Figure 17. Error Amplifier and Clamp
RVFO
Oscillator
Control Current
3.1 V
Error Amp Output
Noninverting Input
Inverting Input
Error
Amp
IOSC
7
8
6
3
Error Amp
Clamp
When the Error Amplifier output is coupled to the IOSC
pin by RVFO, as illustrated in Figure 17, it provides the
Oscillator Control Current, IOSC. The output swing of the
Error Amplifier is restricted by a clamp circuit to improve
its transient recovery time.
Output Section
The pulse(tOS), generated by the Oscillator and One−Shot
timer is gated to dual totem−pole output drives by the
Steering Flip−Flop shown in Figure 18. Positive transitions
of tOS toggle the Flip−Flop, which causes the pulses to
alternate between Output A and Output B. The flip−flop is
reset by the undervoltage lockout circuit during startup to
guarantee that the first pulse appears at Output A.
Figure 18. Steering Flip−Flop and Output Drivers
Output A
R
12
13
14
Output B
Power Ground
Q
Q
T
Steering
Flip-Flop
PWR
GND
VCC
VCC
PWR
GND


同様の部品番号 - MC33067

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC33067 ONSEMI-MC33067 Datasheet
374Kb / 16P
   HIGH PERFORMANCE ZERO VOLTAGE SWITCH RESONANT MODE CONTROLLERS
Rev 1, 05/99
MC33067 ONSEMI-MC33067 Datasheet
535Kb / 16P
   High Performance Resonant Mode Controllers
October, 2005 ??Rev. 11
MC33067DW ONSEMI-MC33067DW Datasheet
374Kb / 16P
   HIGH PERFORMANCE ZERO VOLTAGE SWITCH RESONANT MODE CONTROLLERS
Rev 1, 05/99
MC33067DW ONSEMI-MC33067DW Datasheet
535Kb / 16P
   High Performance Resonant Mode Controllers
October, 2005 ??Rev. 11
MC33067DWG ONSEMI-MC33067DWG Datasheet
535Kb / 16P
   High Performance Resonant Mode Controllers
October, 2005 ??Rev. 11
More results

同様の説明 - MC33067

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC34067 ONSEMI-MC34067_05 Datasheet
535Kb / 16P
   High Performance Resonant Mode Controllers
October, 2005 ??Rev. 11
MC34067 ONSEMI-MC34067_09 Datasheet
634Kb / 16P
   High Performance Resonant Mode Controllers
December, 2009 ??Rev. 13
logo
Motorola, Inc
MC34066 MOTOROLA-MC34066 Datasheet
171Kb / 12P
   High Performance Resonant Mode Controllers
logo
ON Semiconductor
MC34067 ONSEMI-MC34067 Datasheet
374Kb / 16P
   HIGH PERFORMANCE ZERO VOLTAGE SWITCH RESONANT MODE CONTROLLERS
Rev 1, 05/99
logo
Infineon Technologies A...
ICE2HS01G INFINEON-ICE2HS01G Datasheet
606Kb / 29P
   High Performance Resonant Mode Controller
Version 2.0, 11 May 2010
logo
ON Semiconductor
NCP1397ADR2G ONSEMI-NCP1397ADR2G Datasheet
749Kb / 27P
   High Performance Resonant Mode Controller
November, 2011 ??Rev. 4
NCP1395 ONSEMI-NCP1395 Datasheet
335Kb / 27P
   High Performance Resonant Mode Controller
March, 2006 ??Rev. 1
logo
List of Unclassifed Man...
UC1861-1868 ETC1-UC1861-1868 Datasheet
422Kb / 9P
   Resonant-Mode Power Supply Controllers
logo
Texas Instruments
UC1861 TI-UC1861 Datasheet
438Kb / 9P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
UC1861 TI1-UC1861_13 Datasheet
3Mb / 14P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com