データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS-01D データシート(PDF) 6 Page - Omron Electronics LLC

部品番号 SS-01D
部品情報  Subminiature Basic Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OMRON [Omron Electronics LLC]
ホームページ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

SS-01D データシート(HTML) 6 Page - Omron Electronics LLC

  SS-01D Datasheet HTML 1Page - Omron Electronics LLC SS-01D Datasheet HTML 2Page - Omron Electronics LLC SS-01D Datasheet HTML 3Page - Omron Electronics LLC SS-01D Datasheet HTML 4Page - Omron Electronics LLC SS-01D Datasheet HTML 5Page - Omron Electronics LLC SS-01D Datasheet HTML 6Page - Omron Electronics LLC SS-01D Datasheet HTML 7Page - Omron Electronics LLC SS-01D Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
SS
Subminiature Basic Switch
S
S
Note 1. Unless otherwise specified, a tolerance of ±0.4 mm applies to all dimensions.
Note 2. The operating characteristics are for operation in the A direction (
).
●Simulated roller lever
SS-10GL13
SS-5GL13 (-F)
SS-01GL13 (-E, -F)
2.9
OP
FP
1.6
8.8
5.1
7.3
19.8
3.2
6.4
6.4
3-1.6 dia. holes
9.5±0.1
2.5±0.07 dia.
2.35+0.075 dia. holes
-0.05
2.35+0.075
-0.05
9.5 10.2
15.8
2.5
A
R1.3
t=0.3*
* Stainless-steel lever
3.6
0.5
Model
Operating Characteristics
SS-10GL13
SS-5GL13
SS-01GL13
SS-5GL13-F
SS-01GL13-F
SS-01GL13-E
Operating Force
OF
Max.
Releasing Force
RF
Min.
0.49 N {50 gf}
0.06 N {6 gf}
0.49 N {50 gf}
0.06 N {6 gf}
0.16 N {16 gf}
0.02 N {2 gf}
0.08 N {8 gf}
0.01 N {1 gf}
(reference value)
Overtravel
OT
Min.
Movement Differential MD
Max.
1.0 mm
1.0 mm
1.2 mm
0.8 mm
1.2 mm
0.8 mm
1.2 mm
0.8 mm
Free Position
FP
Max.
Operating Position
OP
15.5 mm
10.7
±0.8 mm
Note. The indicated reference values of RF are for cases
where the lever weight is not applied to the plunger.
2.9
OP
FP
1.6
8.8
5.1
7.3
19.8
3.2
6.4
6.4
3-1.6 dia. holes
9.5±0.1
2.5±0.07 dia.
2.35+0.075 dia. holes
-0.05
2.35+0.075
-0.05
9.5 10.2
14.5
4.8x3.2 dia.
*2
2.5
A
t=0.3 * 1
*1. Stainless-steel lever
*2. Polyacetal resin roller
0.5
Model
Operating Characteristics
SS-10GL2
SS-5GL2
SS-01GL2
SS-5GL2-F
SS-01GL2-F
SS-01GL2-E
Operating Force
OF
Max.
Releasing Force
RF
Min.
0.49 N {50 gf}
0.06 N {6 gf}
0.49 N {50 gf}
0.06 N {6 gf}
0.16 N {16 gf}
0.02 N {2 gf}
0.08 N {8 gf}
0.01 N {1 gf}
(reference value)
Overtravel
OT
Min.
Movement Differential MD Max.
1.0 mm
1.0 mm
1.2 mm
0.8 mm
1.2 mm
0.8 mm
1.2 mm
0.8 mm
Free Position
FP
Max.
Operating Position
OP
19.3mm
14.5
±0.8mm
Note. The indicated reference values of RF are for cases
where the lever weight is not applied to the plunger.
●Hinge roller lever
SS-10GL2
SS-5GL2 (-F)
SS-01GL2 (-E, -F)


同様の部品番号 - SS-01D

メーカー部品番号データシート部品情報
logo
Omron Electronics LLC
SS-01D OMRON-SS-01D Datasheet
676Kb / 10P
   Snap Action Switch
SS-01D1 OMRON-SS-01D1 Datasheet
676Kb / 10P
   Snap Action Switch
SS-01D2 OMRON-SS-01D2 Datasheet
676Kb / 10P
   Snap Action Switch
More results

同様の説明 - SS-01D

メーカー部品番号データシート部品情報
logo
Omron Electronics LLC
SSG OMRON-SSG Datasheet
765Kb / 10P
   Subminiature Basic Switch
SS-P OMRON-SS-P Datasheet
480Kb / 8P
   Subminiature Basic Switch
D2MQ OMRON-D2MQ Datasheet
72Kb / 4P
   Subminiature Basic Switch
D2LS OMRON-D2LS Datasheet
450Kb / 3P
   Ultra Subminiature Basic Switch
D2SW-P OMRON-D2SW-P Datasheet
408Kb / 8P
   Sealed Subminiature Basic Switch
D2FS OMRON-D2FS Datasheet
301Kb / 4P
   Ultra Subminiature Basic Switch
J-7-V3 OMRON-J-7-V3 Datasheet
221Kb / 8P
   Ultra Subminiature Basic Switch
D2QW OMRON-D2QW Datasheet
457Kb / 6P
   Sealed Ultra Subminiature Basic Switch
D2AW OMRON-D2AW Datasheet
383Kb / 8P
   Sealed Ultra Subminiature Basic Switch
D2FD-2L0-1H OMRON-D2FD-2L0-1H Datasheet
352Kb / 5P
   Dust Proof Ultra Subminiature Basic Switch
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com