データシートサーチシステム |
|
V-102-2C24 データシート(PDF) 4 Page - Omron Electronics LLC |
|
V-102-2C24 データシート(HTML) 4 Page - Omron Electronics LLC |
4 / 16 page 4 V Miniature Basic Switch V Long hinge lever Solder terminals (A) SPDT 1.27N --- V-163-1A6 SPST-NC --- V-163-2A6 SPST-NO --- V-163-3A6 SPDT 0.69N --- V-163-1A5 SPST-NC --- V-163-2A5 SPST-NO --- V-163-3A5 SPDT 0.34N --- --- SPST-NC --- --- SPST-NO --- --- Quick-connect terminals (#187) (C2) SPDT 1.27N --- V-163-1C26 SPST-NC --- V-163-2C26 SPST-NO --- V-163-3C26 SPDT 0.69N --- V-163-1C25 SPST-NC --- V-163-2C25 SPST-NO --- V-163-3C25 SPDT 0.34N --- --- SPST-NC --- --- SPST-NO --- --- Quick-connect terminals (#250) (C) SPDT 1.27N V-213-1C6 V-163-1C6 SPST-NC V-213-2C6 V-163-2C6 SPST-NO V-213-3C6 V-163-3C6 SPDT 0.69N --- V-163-1C5 SPST-NC --- V-163-2C5 SPST-NO --- V-163-3C5 SPDT 0.34N --- --- SPST-NC --- --- SPST-NO --- --- Simulated roller lever Solder terminals (A) SPDT 2.45N --- V-164-1A6 SPST-NC --- V-164-2A6 SPST-NO --- V-164-3A6 SPDT 1.23N --- V-164-1A5 SPST-NC --- V-164-2A5 SPST-NO --- V-164-3A5 SPDT 0.59N --- --- SPST-NC --- --- SPST-NO --- --- Quick-connect terminals (#187) (C2) SPDT 2.45N --- V-164-1C26 SPST-NC --- V-164-2C26 SPST-NO --- V-164-3C26 SPDT 1.23N --- V-164-1C25 SPST-NC --- V-164-2C25 SPST-NO --- V-164-3C25 SPDT 0.59N --- --- SPST-NC --- --- SPST-NO --- --- Quick-connect terminals (#250) (C) SPDT 2.45N V-214-1C6 V-164-1C6 SPST-NC V-214-2C6 V-164-2C6 SPST-NO V-214-3C6 V-164-3C6 SPDT 1.23N --- V-164-1C5 SPST-NC --- V-164-2C5 SPST-NO --- V-164-3C5 SPDT 0.59N --- --- SPST-NC --- --- SPST-NO --- --- Ratings 21A 16A Actuator Terminals Contact form Maximum operating force (OF) Refer to "Micro Switch Common Accessories" for Separators (sold separately), Actuators (sold separately) and Terminal Connectors (sold separately). |
同様の部品番号 - V-102-2C24 |
|
同様の説明 - V-102-2C24 |