データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MAX11312 データシート(PDF) 7 Page - Maxim Integrated Products

部品番号 MAX11312
部品情報  PIXI, 12-Port Programmable Mixed-Signal I/O with 12-Bit ADC, 12-Bit DAC, Analog Switches, and GPIO
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MAXIM [Maxim Integrated Products]
ホームページ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11312 データシート(HTML) 7 Page - Maxim Integrated Products

Back Button MAX11312 Datasheet HTML 3Page - Maxim Integrated Products MAX11312 Datasheet HTML 4Page - Maxim Integrated Products MAX11312 Datasheet HTML 5Page - Maxim Integrated Products MAX11312 Datasheet HTML 6Page - Maxim Integrated Products MAX11312 Datasheet HTML 7Page - Maxim Integrated Products MAX11312 Datasheet HTML 8Page - Maxim Integrated Products MAX11312 Datasheet HTML 9Page - Maxim Integrated Products MAX11312 Datasheet HTML 10Page - Maxim Integrated Products MAX11312 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
(VAVDD = 5.0V, VDVDD = 1.62V to 5.50V, VAVDDIO = +12.0V, VAGND = VDGND = 0V, VAVSSIO = -2.0V, VDACREF = 2.5V, VADCREF = 2.5V
(Internal), fS = 400ksps, 10V analog input range set to range 1 (0 to +10V). TA = -40°C to +105°C, unless otherwise noted. Typical
values are at TA = +25°C.) (Note 2)
(VAVDD = 4.75V to 5.25V, VDVDD = 3.3V, VAVDDIO = +12.0V, VAGND = VDGND = 0V, VAVSSIO = -2.0V, VDACREF = 2.5V, VADCREF = 2.5V
(Internal), fS = 400ksps, 10V analog input range set to range 1 (0 to +10V). TA = -40°C to +105°C, unless otherwise noted. Typical
values are at TA = +25°C.) (Note 2)
MAX11312
PIXI, 12-Port Programmable Mixed-Signal I/O with
12-Bit ADC, 12-Bit DAC, Analog Switches, and GPIO
www.maximintegrated.com
Maxim Integrated │ 7
DAC Electrical Specifications (continued)
Interface Digital IO Electrical Specifications
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TRACK-AND-HOLD
Digital Feedthrough
5
nV
·s
Hold Step
(Note 6)
1
6
mV
Droop Rate
(Note 6)
0.3
15
mV/s
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
I2C IO DC SPECIFICATION
Input Logic-High Voltage
(SDA, SCL, AD0, AD1, CNVT)
VDVDD = 2.5V to 5.5V
0.7 x
VDVDD
V
VDVDD = 1.62V to 2.5V
0.85 x
VDVDD
Input Logic-Low Voltage
(SDA, SCL, AD0, AD1, CNVT)
VDVDD = 2.5V to 5.5V
0.3 x
VDVDD
V
VDVDD = 1.62V to 2.5V
0.15 x
VDVDD
Input Leakage Current
(SDA, SCL, AD0, AD1, CNVT)
-10
+10
µA
Input Capacitance
(SDA, SCL, AD0, AD1, CNVT)
10
pF
Output Logic-Low Voltage (SDA)
ISNK = 3mA
0.4
V
Output Logic-Low Voltage (INT)
ISNK = 5mA, VDVDD = 2.5V to 5.5V
0.4
V
ISNK = 2mA, VDVDD = 1.62V to 2.5V
0.2
I2C TIMING REQUIREMENTS (Fast Mode) (See Figure 1)
Serial Clock Frequency
fSCL
0
400
kHz
Bus Free Time Between STOP
and START Condition
tBUF
1.3
µs
Hold Time (Repeated) START
Condition
tHD;STA
After this period, first clock pulse is
generated
0.6
µs
SCL Pulse-Width Low
tLOW
1.3
µs
SCL Pulse-Width High
tHIGH
0.6
µs


同様の部品番号 - MAX11312

メーカー部品番号データシート部品情報
logo
Maxim Integrated Produc...
MAX11312 MAXIM-MAX11312 Datasheet
6Mb / 16P
   Fully Assembled and Tested
Rev 0; 2/16
MAX11312 MAXIM-MAX11312 Datasheet
2Mb / 54P
   PIXI, 12-Port Programmable Mixed-Signal I/O with 12-Bit ADC, 12-Bit DAC, Analog Switches, and GPIO
19-7945; Rev 1; 7/19
MAX11312GTJ++ MAXIM-MAX11312GTJ+ Datasheet
2Mb / 54P
   PIXI, 12-Port Programmable Mixed-Signal I/O with 12-Bit ADC, 12-Bit DAC, Analog Switches, and GPIO
19-7945; Rev 1; 7/19
MAX11312GTJ+T MAXIM-MAX11312GTJ+T Datasheet
2Mb / 54P
   PIXI, 12-Port Programmable Mixed-Signal I/O with 12-Bit ADC, 12-Bit DAC, Analog Switches, and GPIO
19-7945; Rev 1; 7/19
MAX11312PMB MAXIM-MAX11312PMB Datasheet
6Mb / 16P
   Fully Assembled and Tested
Rev 0; 2/16
More results

同様の説明 - MAX11312

メーカー部品番号データシート部品情報
logo
Maxim Integrated Produc...
MAX11311 MAXIM-MAX11311 Datasheet
3Mb / 51P
   PIXI, 12-Port Programmable Mixed-Signal I/O with 12-Bit ADC, 12-Bit DAC, Analog Switches, and GPIO
Rev 0; 12/15
MAX11312 MAXIM-MAX11312_V01 Datasheet
2Mb / 54P
   PIXI, 12-Port Programmable Mixed-Signal I/O with 12-Bit ADC, 12-Bit DAC, Analog Switches, and GPIO
19-7945; Rev 1; 7/19
MAX11311 MAXIM-MAX11311_V01 Datasheet
2Mb / 51P
   PIXI, 12-Port Programmable Mixed-Signal I/O with 12-Bit ADC, 12-Bit DAC, Analog Switches, and GPIO
2019
MAX11301 MAXIM-MAX11301_V01 Datasheet
2Mb / 55P
   PIXI, 20-Port Programmable Mixed-Signal I/O with 12-Bit ADC, 12-Bit DAC, Analog Switches, and GPIO
2019
logo
Princeton Technology Co...
PT8146 PTC-PT8146 Datasheet
375Kb / 27P
   8-Bit 12-Ch I/O DAC
logo
Analog Devices
ADUC7129 AD-ADUC7129_15 Datasheet
1Mb / 92P
   Precision Analog Microcontroller ARM7TDMI MCU with 12-Bit ADC and DDS DAC
Rev. 0
ADUC7128BSTZ126-RL AD-ADUC7128BSTZ126-RL Datasheet
1Mb / 92P
   Precision Analog Microcontroller ARM7TDMI MCU with 12-Bit ADC and DDS DAC
REV. 0
ADUC7128 AD-ADUC7128_15 Datasheet
1Mb / 92P
   Precision Analog Microcontroller ARM7TDMI MCU with 12-Bit ADC and DDS DAC
Rev. 0
logo
Renesas Technology Corp
M66006P RENESAS-M66006P Datasheet
1Mb / 6P
   12-BIT I/O EXPANDER
logo
Mitsubishi Electric Sem...
M66006P MITSUBISHI-M66006P Datasheet
102Kb / 5P
   12-BIT I/O EXPANDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com