データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MAX11312 データシート(PDF) 11 Page - Maxim Integrated Products

部品番号 MAX11312
部品情報  PIXI, 12-Port Programmable Mixed-Signal I/O with 12-Bit ADC, 12-Bit DAC, Analog Switches, and GPIO
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MAXIM [Maxim Integrated Products]
ホームページ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11312 データシート(HTML) 11 Page - Maxim Integrated Products

Back Button MAX11312 Datasheet HTML 7Page - Maxim Integrated Products MAX11312 Datasheet HTML 8Page - Maxim Integrated Products MAX11312 Datasheet HTML 9Page - Maxim Integrated Products MAX11312 Datasheet HTML 10Page - Maxim Integrated Products MAX11312 Datasheet HTML 11Page - Maxim Integrated Products MAX11312 Datasheet HTML 12Page - Maxim Integrated Products MAX11312 Datasheet HTML 13Page - Maxim Integrated Products MAX11312 Datasheet HTML 14Page - Maxim Integrated Products MAX11312 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
Note 2: Electrical specifications are production tested at TA = +25°C. Specifications over the entire operating temperature range are
guaranteed by design and characterization. Typical specifications are at TA = +25°C.
Note 3: DC accuracy specifications are tested for single-ended ADC inputs only.
Note 4: The effective ADC sample rate for port X configured in mode 6, 7, or 8 is:
[ADC sample rate per ADCCONV]/(([number of ports in modes 6,7,8] + [1 if TMPSEL ≠ 000]) x [2# OF SAMPLES for port X])
Note 5: See the Recommended VDDIO/VSSIO Supply Selection table for each range. For ports in modes 6, 7, 8, or 9, the voltage
applied to those ports must be within the limits of their selected input range, whether in single-ended or differential mode.
Note 6: Specification is guaranteed by design and characterization.
Note 7: Switch controlled by GPI-configured port. One switch terminal connected to 0V, the other terminal connected to 5V through a 5mA
current source. Timing is measured at the 2.5V transition point. Turn-on and turn-off delays are measured from the edge of the
control signal to the 2.5V transition point. Turn-on and turn-off durations are measured between control signal transitions.
Note 8: In DAC-related modes, the rate, at which PIXI ports configured in mode 1, 3, 4, 5, 6, or 10 are refreshed, is as follows:
1/(40µs x [number of ports in modes 1, 3, 4, 5, 6, 10])
Note 9: Typical (typ) values represent the errors at the extremes of the given temperature range.
(VAVDD = 4.75V to 5.25V, VDVDD = 3.3V, VAVDDIO = +12.0V, VAGND = VDGND = 0V, VAVSSIO = -2.0V, VDACREF = 2.5V, VADCREF = 2.5V
(Internal), fS = 400ksps, 10V analog input range set to range 1 (0 to +10V). TA = -40°C to +105°C, unless otherwise noted. Typical
values are at TA = +25°C.) (Note 2)
MAX11312
PIXI, 12-Port Programmable Mixed-Signal I/O with
12-Bit ADC, 12-Bit DAC, Analog Switches, and GPIO
www.maximintegrated.com
Maxim Integrated │ 11
Common PIXI Electrical Specifications
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
PIXI PORTS
Input Capacitance
All PIXI ports
12
pF
Input Resistance
All PIXI input pins except ADC mode
50
75
100
Startup Time
Between stable supplies and accessing
registers
100
ms
HIGH-VOLTAGE OUTPUT DRIVER CHARACTERISTICS
Maximum Output Capacitance
250
pF
Output Low Voltage, DAC Mode
Sinking 25mA, VAVSSIO = 0V,
VAVDDIO = 10V
VAVSSIO
+ 1.0
V
Output High Voltage, DAC Mode
Sourcing 25mA, VAVSSIO = 0V,
VAVDDIO = 10V
VAVDDIO
- 1.5
V
Output Low Voltage, GPO Mode
Sinking 2mA, VAVSSIO = 0V,
VAVDDIO = 10V
VAVSSIO
+ 0.4
V
Output High Voltage, GPO Mode
Sourcing 2mA, VAVSSIO = 0V,
VAVDDIO = 10V
VAVDDIO
- 0.4
V
Current Limit
Short to AVDDIO
75
mA
Short to AVSSIO
75
mA


同様の部品番号 - MAX11312

メーカー部品番号データシート部品情報
logo
Maxim Integrated Produc...
MAX11312 MAXIM-MAX11312 Datasheet
6Mb / 16P
   Fully Assembled and Tested
Rev 0; 2/16
MAX11312 MAXIM-MAX11312 Datasheet
2Mb / 54P
   PIXI, 12-Port Programmable Mixed-Signal I/O with 12-Bit ADC, 12-Bit DAC, Analog Switches, and GPIO
19-7945; Rev 1; 7/19
MAX11312GTJ++ MAXIM-MAX11312GTJ+ Datasheet
2Mb / 54P
   PIXI, 12-Port Programmable Mixed-Signal I/O with 12-Bit ADC, 12-Bit DAC, Analog Switches, and GPIO
19-7945; Rev 1; 7/19
MAX11312GTJ+T MAXIM-MAX11312GTJ+T Datasheet
2Mb / 54P
   PIXI, 12-Port Programmable Mixed-Signal I/O with 12-Bit ADC, 12-Bit DAC, Analog Switches, and GPIO
19-7945; Rev 1; 7/19
MAX11312PMB MAXIM-MAX11312PMB Datasheet
6Mb / 16P
   Fully Assembled and Tested
Rev 0; 2/16
More results

同様の説明 - MAX11312

メーカー部品番号データシート部品情報
logo
Maxim Integrated Produc...
MAX11311 MAXIM-MAX11311 Datasheet
3Mb / 51P
   PIXI, 12-Port Programmable Mixed-Signal I/O with 12-Bit ADC, 12-Bit DAC, Analog Switches, and GPIO
Rev 0; 12/15
MAX11312 MAXIM-MAX11312_V01 Datasheet
2Mb / 54P
   PIXI, 12-Port Programmable Mixed-Signal I/O with 12-Bit ADC, 12-Bit DAC, Analog Switches, and GPIO
19-7945; Rev 1; 7/19
MAX11311 MAXIM-MAX11311_V01 Datasheet
2Mb / 51P
   PIXI, 12-Port Programmable Mixed-Signal I/O with 12-Bit ADC, 12-Bit DAC, Analog Switches, and GPIO
2019
MAX11301 MAXIM-MAX11301_V01 Datasheet
2Mb / 55P
   PIXI, 20-Port Programmable Mixed-Signal I/O with 12-Bit ADC, 12-Bit DAC, Analog Switches, and GPIO
2019
logo
Princeton Technology Co...
PT8146 PTC-PT8146 Datasheet
375Kb / 27P
   8-Bit 12-Ch I/O DAC
logo
Analog Devices
ADUC7129 AD-ADUC7129_15 Datasheet
1Mb / 92P
   Precision Analog Microcontroller ARM7TDMI MCU with 12-Bit ADC and DDS DAC
Rev. 0
ADUC7128BSTZ126-RL AD-ADUC7128BSTZ126-RL Datasheet
1Mb / 92P
   Precision Analog Microcontroller ARM7TDMI MCU with 12-Bit ADC and DDS DAC
REV. 0
ADUC7128 AD-ADUC7128_15 Datasheet
1Mb / 92P
   Precision Analog Microcontroller ARM7TDMI MCU with 12-Bit ADC and DDS DAC
Rev. 0
logo
Renesas Technology Corp
M66006P RENESAS-M66006P Datasheet
1Mb / 6P
   12-BIT I/O EXPANDER
logo
Mitsubishi Electric Sem...
M66006P MITSUBISHI-M66006P Datasheet
102Kb / 5P
   12-BIT I/O EXPANDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com