データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST-03BL-1 データシート(PDF) 3 Page - Soberton Inc.

部品番号 ST-03BL-1
部品情報  Magnetic Buzzer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SOBERTON [Soberton Inc.]
ホームページ  http://www.soberton.com
Logo SOBERTON - Soberton Inc.

ST-03BL-1 データシート(HTML) 3 Page - Soberton Inc.

  ST-03BL-1 Datasheet HTML 1Page - Soberton Inc. ST-03BL-1 Datasheet HTML 2Page - Soberton Inc. ST-03BL-1 Datasheet HTML 3Page - Soberton Inc. ST-03BL-1 Datasheet HTML 4Page - Soberton Inc. ST-03BL-1 Datasheet HTML 5Page - Soberton Inc. ST-03BL-1 Datasheet HTML 6Page - Soberton Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MODEL NUMBER
CUSTOMER
NUMBER
PRODUCT TYPE
REVISION
DATE
PAGE
ST-03BL-1
Magnetic Buzzer
A
2015-02-26
3/6
D.TESTING METHOD
Standard Measurement conditions
Temperature:25±2℃ Humidity:45-65%
Acoustic Characteristics:
The oscillation frequency, current consumption and sound pressure are measured by the
measuring instruments shown below
In the measuring test, buzzer is placed as follows:
E. Typical Frequency Response Curve


同様の部品番号 - ST-03BL-1

メーカー部品番号データシート部品情報
logo
Soberton Inc.
ST-03BL-1 SOBERTON-ST-03BL-1 Datasheet
418Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
ST-03BL-1 SOBERTON-ST-03BL-1_17 Datasheet
418Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
More results

同様の説明 - ST-03BL-1

メーカー部品番号データシート部品情報
logo
Soberton Inc.
ST-0402T SOBERTON-ST-0402T Datasheet
1Mb / 6P
   Magnetic Buzzer
logo
CUI INC
CSS-J4B20 CUI-CSS-J4B20 Datasheet
427Kb / 5P
   magnetic buzzer
CST-911AP CUI-CST-911AP Datasheet
411Kb / 4P
   magnetic buzzer
CD-1206 CUI-CD-1206 Datasheet
473Kb / 5P
   magnetic buzzer
CSQ-706BP CUI-CSQ-706BP Datasheet
332Kb / 5P
   magnetic buzzer
CEM-1212C CUI-CEM-1212C Datasheet
285Kb / 5P
   magnetic buzzer
CT-1212CL CUI-CT-1212CL Datasheet
413Kb / 5P
   Magnetic buzzer
CSS-73B16K CUI-CSS-73B16K Datasheet
477Kb / 5P
   magnetic buzzer
CST-931RP-A CUI-CST-931RP-A Datasheet
527Kb / 5P
   magnetic buzzer
logo
List of Unclassifed Man...
EMX-7T05SP ETC2-EMX-7T05SP Datasheet
42Kb / 1P
   MAGNETIC BUZZER
logo
CUI INC
CSS-0575A CUI-CSS-0575A Datasheet
391Kb / 5P
   MAGNETIC BUZZER
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com