データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1267 データシート(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM1267
部品情報  150 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1267 データシート(HTML) 4 Page - National Semiconductor (TI)

  LM1267 Datasheet HTML 1Page - National Semiconductor (TI) LM1267 Datasheet HTML 2Page - National Semiconductor (TI) LM1267 Datasheet HTML 3Page - National Semiconductor (TI) LM1267 Datasheet HTML 4Page - National Semiconductor (TI) LM1267 Datasheet HTML 5Page - National Semiconductor (TI) LM1267 Datasheet HTML 6Page - National Semiconductor (TI) LM1267 Datasheet HTML 7Page - National Semiconductor (TI) LM1267 Datasheet HTML 8Page - National Semiconductor (TI) LM1267 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
OSD Electrical Characteristics (Continued)
Unless otherwise noted: T
A = 25˚C, VCC = +5V, VIN = 0.7V, VABL =VCC,CL = 8 pF, Video Signal Output = 2 VP-P, Test Set-
ting 8.
Symbol
Parameter
Conditions
Min
(Note 7)
Typ
(Note 6)
Max
(Note 7)
Units
∆t
OSD/OSD S
Output Skew Time between
OSD and OSD Select
Measured from 50% Point on
all Waveforms
±2.0
ns
V
feed 10 kHz
Video Feedthrough into OSD
OSD Inputs = 0V
−70
dB
V
feed 10 MHz
Video Feedthrough into OSD
OSD Inputs = 0V
−60
dB
External DAC Signals Electrical Characteristics
Unless otherwise noted: T
A = 25˚C, VCC = +5V, VIN = 0.7V, VABL =VCC,CL = 8 pF, Video Signal Output = 2 VP-P. The fol-
lowing apply for all four external DACs.
Symbol
Parameter
Conditions
Min
(Note 7)
Typ
(Note 6)
Max
(Note 7)
Units
V
Min DAC
Min DAC Output Voltage
Value = 00h
0.5
0.75
V
V
Max DAC
Mode 00
Max DAC Output Voltage
Value = FFh, DCF[1:0] = 00h
(no load)
3.6
4.2
V
V
Max DAC
Mode 11
Max Output Voltage of DACs
1–3 in DCF Mode 11
Value = FFh, DCF[1:0] = 11h,
DAC4 Value = 00h
1.85
2.1
2.35
V
∆V
Max DAC
(Temp)
Variation of any DAC output
voltage with temperature
0˚C<T<70˚C ambient
±0.5
mV/deg
∆V
Max DAC
(V
CC)
Variation of any DAC output
voltage with V
CC
4.75V<V
CC<5.25V
±50
mV/V
Linearity
Linearity of DAC Over its
Range
5%
Monotonicity
Monotonicity of the DAC
Excluding dead zones at limits
of DAC
±0.5
LSB
External Interface Signals Electrical Characteristics
Unless otherwise noted: T
A = 25˚C, VCC = +5V, VIN = 0.7V, VABL =VCC,CL = 8 pF, Video Output = 2 VP-P.
Symbol
Parameter
Conditions
Min
(Note 7)
Typ
(Note 6)
Max
(Note 7)
Units
V
l(I
2C)
I
2C Low Input Voltage
SDA or SCL Inputs
−0.5
0.5
1.5
V
V
h(I
2C)
I
2C High Input Voltage
SDA or SCL Inputs
3.0
4.0
5.0
V
I
l(I
2C)
I
2C Low Input Current
SDA or SCL Inputs, Input
Voltage = 0V
1.9
2.2
2.5
µA
I
h(I
2C)
I
2C High Input Current
SDA or SCL Inputs, Input
Voltage = 5V
0.3
0.6
0.9
µA
t
H-Blank on
H-Blank Time Delay from Zero
Crossing Point of H Flyback
Rising Edge of the Flyback
Signal
50
ns
t
H-Blank off
H-Blank Time Delay from Zero
Crossing Point of H Flyback
Falling Edge of the Flyback
Signal
50
ns
I
In Threshold
I
In H-Blank Detection
Threshold
−20
µA
I
In-Operating
Minimum — Insure Normal
Operation
Maximum — Should Not
Exceed in Normal Operation
Lowest Operating Horizontal
Frequency in Given Application
(Note 17)
−30
−300
µA
I
In Flyback
Peak Current during Flyback
Period, Recommended Design
Range
Operating Range for all
Horizontal Scan Frequencies,
Maximum Current Should Not
Exceed 2 mA (Note 17)
0.5
1.5
2.0
mA
Note 1: Limits of Absolute Maximum Ratings indicate limits below which damage to the device must not occur.
Note 2: Limits of operating ratings indicate required boundaries of conditions for which the device is functional, but may not meet specific performance limits.
www.national.com
4


同様の部品番号 - LM1267

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM126 NSC-LM126 Datasheet
452Kb / 8P
   VOLTAGE REGULATORS
LM1262 NSC-LM1262 Datasheet
1Mb / 20P
   200 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
LM1262NA NSC-LM1262NA Datasheet
1Mb / 20P
   200 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
logo
Shanghai Leiditech Elec...
LM1265H LEIDITECH-LM1265H Datasheet
1Mb / 6P
   Carbonyl Powder
LM1265HP100MG-D LEIDITECH-LM1265HP100MG-D Datasheet
1Mb / 6P
   Carbonyl Powder
More results

同様の説明 - LM1267

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1262 NSC-LM1262 Datasheet
1Mb / 20P
   200 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
LM1269 NSC-LM1269 Datasheet
1Mb / 20P
   110 MHz I2C Compatible RGB Video Amplifier System with OSD & DACs
LM1237 NSC-LM1237 Datasheet
1Mb / 42P
   150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
LM1237 NSC-LM1237_04 Datasheet
1Mb / 42P
   150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
logo
Texas Instruments
LM1279 TI1-LM1279 Datasheet
798Kb / 20P
[Old version datasheet]   110 MHz RGB Video Amplifier System with OSD
logo
National Semiconductor ...
LM1279 NSC-LM1279 Datasheet
533Kb / 14P
   110 MHz RGB Video Amplifier System with OSD
logo
Texas Instruments
LM1279A TI1-LM1279A Datasheet
556Kb / 15P
[Old version datasheet]   LM1279A 110 MHz RGB Video Amplifier System with OSD
logo
National Semiconductor ...
LM1204 NSC-LM1204 Datasheet
399Kb / 20P
   150 MHz RGB Video Amplifier System
LM1203A NSC-LM1203A Datasheet
305Kb / 18P
   150 MHz RGB Video Amplifier System
logo
ADDtek Corp
AMC8213 ADDTEK-AMC8213 Datasheet
206Kb / 9P
   200MHz RGB VIDEO AMPLIFIER SYSTEM WITH OSD
JUNE 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com