データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

8XC51FB データシート(PDF) 3 Page - NXP Semiconductors

部品番号 8XC51FB
部品情報  Low power single card reader
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

8XC51FB データシート(HTML) 3 Page - NXP Semiconductors

  8XC51FB Datasheet HTML 1Page - NXP Semiconductors 8XC51FB Datasheet HTML 2Page - NXP Semiconductors 8XC51FB Datasheet HTML 3Page - NXP Semiconductors 8XC51FB Datasheet HTML 4Page - NXP Semiconductors 8XC51FB Datasheet HTML 5Page - NXP Semiconductors 8XC51FB Datasheet HTML 6Page - NXP Semiconductors 8XC51FB Datasheet HTML 7Page - NXP Semiconductors 8XC51FB Datasheet HTML 8Page - NXP Semiconductors 8XC51FB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 58 page
background image
2003 Oct 30
3
Philips Semiconductors
Product specification
Low power single card reader
TDA8029
1
FEATURES
• 80C51 core with 16 kbytes ROM, 256 bytes RAM and
512 bytes XRAM
• Specific ISO7816 UART, accessible with MOVX
instructions for automatic convention processing,
variable baud rate, error management at character level
for T = 0 and T = 1 protocols, extra guard time, etc.
• Specific versatile 24-bit Elementary Time Unit (ETU)
counter for timing processing during Answer To Reset
(ATR) and for T = 1 protocol
• VCC generation (5 V ± 5 % or 3 V ± 5 % or 1.8 V),
maximum current 65 mA with controlled rise and fall
times
• Card clock generation up to 20 MHz with three times
synchronous frequency doubling (fXTAL, 1/2fXTAL, 1/4fXTAL
and 1/8fXTAL)
• Card clock stop HIGH or LOW or 1.25 MHz from an
integrated oscillator for card power reduction modes
• Automatic activation and deactivation sequences
through an independant sequencer
• Supports asynchronous protocols T = 0 and T = 1 in
accordance with:
– ISO 7816 and EMV 3.1.1 (TDA8029HL/C1 and
TDA8029HL/C2)
– ISO 7816 and EMV 2000 (TDA8029HL/C2).
• 1 to 8 characters FIFO in reception mode
• Parity error counter in reception mode and in
transmission mode with automatic retransmission
• Versatile 24-bit time-out counter for ATR and waiting
times processing
• Specific ETU counter for Block Guard Time (BGT)
(22 ETU in T = 1 and 16 ETU in T = 0)
• Minimum delay between two characters in reception
mode:
– In protocol T = 0:
12 ETU (TDA8029HL/C1)
11.8 ETU (TDA8029HL/C2).
– In protocol T = 1:
11 ETU (TDA8029HL/C1)
10.8 ETU (TDA8029HL/C2).
• Supports synchronous cards which do not use C4/C8
• Current limitations on card contacts
• Supply supervisor for power-on/off reset and spikes
killing
• DC/DC converter (supply voltage from 2.7 to 6 V),
doubler, tripler or follower according to VCC and VDD
• Shut-down input for very low power consumption
• Enhanced ESD protection on card contacts (6 kV
minimum)
• Software library for easy integration
• Communication with the host through a standard full
duplex serial link at programmable baud rates
• One external interrupt input and four general purpose
I/Os.
2
GENERAL DESCRIPTION
The TDA8029 is a complete one chip, low cost, low power,
robust smart card reader. Its different power reduction
modes and its wide supply voltage range allow its use in
portable equipment. Due to specific versatile hardware, a
small embedded software program allows the control of
most cards available in the market. The control from the
host may be done through a standard serial interface.
The TDA8029 may be delivered with standard embedded
software, or be masked with specific customer code. For
details on software development and on available tools,
please refer to application notes
“AN01009” and
“AN10134” for the TDA8029HL/C1. For standard
embedded software, please refer to application note
“AN10206” for the TDA8029HL/C2.
3
APPLICATIONS
• Portable card readers
• General purpose card readers
• EMV compliant card readers.


同様の部品番号 - 8XC51FB

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
8XC51FB PHILIPS-8XC51FB Datasheet
355Kb / 56P
   80C51 8-bit microcontroller family 8K-4K/256-1K OTP/ROM/ROMless, low voltage (2.7V-5.5V), low power, high speed (33 MHz)
2000 Aug 07
8XC51FB PHILIPS-8XC51FB Datasheet
348Kb / 55P
   8-bit CMOS (low voltage, low power and high speed) microcontroller families
1999 Apr 01
More results

同様の説明 - 8XC51FB

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8029 NXP-TDA8029 Datasheet
275Kb / 59P
   Low power single card reader
Rev. 03-22 February 2005
logo
SMSC Corporation
USB2227_0503 SMSC-USB2227_0503 Datasheet
172Kb / 5P
   Flash Card Reader Media Power Considerations
logo
List of Unclassifed Man...
AU6366 ETC2-AU6366 Datasheet
533Kb / 20P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6371-JDL ETC2-AU6371-JDL Datasheet
520Kb / 19P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6336 ETC2-AU6336 Datasheet
532Kb / 22P
   USB2.0 SD/MMC Single LUN Card Reader Controller
AU6371-JEL ETC2-AU6371-JEL Datasheet
511Kb / 19P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6369 ETC2-AU6369 Datasheet
525Kb / 30P
   USB 2.0 Single-Slot Flash Memory Card Reader
AU6372 ETC2-AU6372 Datasheet
517Kb / 18P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
logo
Prolific Technology Inc...
PL2731 PROLIFIC-PL2731 Datasheet
353Kb / 1P
   USB 3.0 Single LUN Mass Storage Card Reader
logo
FCI connector
7111S2015X0X FCI-CONNECTOR-7111S2015X0X Datasheet
214Kb / 2P
   SIM CARD READER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com