データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

8XC51FB データシート(PDF) 4 Page - NXP Semiconductors

部品番号 8XC51FB
部品情報  Low power single card reader
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

8XC51FB データシート(HTML) 4 Page - NXP Semiconductors

  8XC51FB Datasheet HTML 1Page - NXP Semiconductors 8XC51FB Datasheet HTML 2Page - NXP Semiconductors 8XC51FB Datasheet HTML 3Page - NXP Semiconductors 8XC51FB Datasheet HTML 4Page - NXP Semiconductors 8XC51FB Datasheet HTML 5Page - NXP Semiconductors 8XC51FB Datasheet HTML 6Page - NXP Semiconductors 8XC51FB Datasheet HTML 7Page - NXP Semiconductors 8XC51FB Datasheet HTML 8Page - NXP Semiconductors 8XC51FB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 58 page
background image
2003 Oct 30
4
Philips Semiconductors
Product specification
Low power single card reader
TDA8029
4
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDD
supply voltage
2.7
6.0
V
VDCIN
input voltage for the DC/DC
converter
VDD
6.0
V
IDD(sd)
supply current in shut-down
mode
VDD = 3.3 V
−−
20
µA
IDD(pd)
supply current in Power-down
mode
VDD = 3.3 V; card inactive;
microcontroller in Power-down
mode
−−
110
µA
IDD(sl)
supply current in Sleep mode
VDD = 3.3 V; card active at
VCC = 5 V; clock stopped;
microcontroller in Power-down
mode; ICC =0 µA
−−
675
µA
IDD(om)
supply current in operating
mode
ICC = 65 mA; fXTAL = 20 MHz;
fCLK = 10 MHz; 5 V card;
VDD = 2.7 V
−−
250
mA
VCC
card supply voltage
active mode including static
loads; ICC < 65 mA; 5 V card
4.75
5.0
5.25
V
active mode; current pulses of
40 nAs with I < 200 mA,
t < 400 ns, f < 20 MHz; 5 V card
4.6
5.4
V
active mode including static
loads; ICC < 65 mA; VDD > 3.0 V;
3 V card
2.78
3
3.22
V
active mode; current pulses of
24 nAs with I < 200 mA,
t < 400 ns, f < 20 MHz; 3 V card
2.75
3.25
V
active mode including static
loads; ICC < 30 mA; 1.8 V card
1.62
1.8
1.98
V
active mode; current pulses of
12 nAs with I < 200 mA,
t < 400 ns, f < 20 MHz;
1.8 V card
1.62
1.98
V
ICC
card supply current
5 V card; VCC =0to 5V
−−
65
mA
3 V card; VCC = 0 to 3 V;
VDD > 3.0 V
−−
65
mA
1.8 V card; VCC = 0 to 1.8 V
−−
30
mA
ICC(det)
overload detection current
100
mA
SRr, SRf
rise and fall slew rate on VCC
maximum load capacitor 300 nF
0.05
0.16
0.22
V/
µs
tde
deactivation sequence
duration
−−
100
µs
tact
activation sequence duration
−−
130
µs
fXTAL
crystal frequency
VDD =5V
4
27
MHz
VDD <3V
4
16
MHz
Tamb
ambient temperature
−40
+90
°C


同様の部品番号 - 8XC51FB

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
8XC51FB PHILIPS-8XC51FB Datasheet
355Kb / 56P
   80C51 8-bit microcontroller family 8K-4K/256-1K OTP/ROM/ROMless, low voltage (2.7V-5.5V), low power, high speed (33 MHz)
2000 Aug 07
8XC51FB PHILIPS-8XC51FB Datasheet
348Kb / 55P
   8-bit CMOS (low voltage, low power and high speed) microcontroller families
1999 Apr 01
More results

同様の説明 - 8XC51FB

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8029 NXP-TDA8029 Datasheet
275Kb / 59P
   Low power single card reader
Rev. 03-22 February 2005
logo
SMSC Corporation
USB2227_0503 SMSC-USB2227_0503 Datasheet
172Kb / 5P
   Flash Card Reader Media Power Considerations
logo
List of Unclassifed Man...
AU6366 ETC2-AU6366 Datasheet
533Kb / 20P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6371-JDL ETC2-AU6371-JDL Datasheet
520Kb / 19P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6336 ETC2-AU6336 Datasheet
532Kb / 22P
   USB2.0 SD/MMC Single LUN Card Reader Controller
AU6371-JEL ETC2-AU6371-JEL Datasheet
511Kb / 19P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6369 ETC2-AU6369 Datasheet
525Kb / 30P
   USB 2.0 Single-Slot Flash Memory Card Reader
AU6372 ETC2-AU6372 Datasheet
517Kb / 18P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
logo
Prolific Technology Inc...
PL2731 PROLIFIC-PL2731 Datasheet
353Kb / 1P
   USB 3.0 Single LUN Mass Storage Card Reader
logo
FCI connector
7111S2015X0X FCI-CONNECTOR-7111S2015X0X Datasheet
214Kb / 2P
   SIM CARD READER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com