データシートサーチシステム |
|
DAC0830LCN データシート(PDF) 4 Page - National Semiconductor (TI) |
|
|
DAC0830LCN データシート(HTML) 4 Page - National Semiconductor (TI) |
4 / 28 page Electrical Characteristics (Continued) V REF=10.000 VDC unless otherwise noted. Boldface limits apply over temperature, TMIN≤TA≤TMAX. For all other limits T A=25˚C. Parameter Conditions See Note V CC = 4.75 VDC V CC = 15.75 VDC V CC =5 VDC ±5% V CC =12 VDC ±5% to 15 V DC ±5% Limit Units Typ (Note 12) Tested Limit (Note 5) Design Limit (Note 6) CONVERTER CHARACTERISTICS FS/˚C Power Supply Rejection All digital inputs latched high V CC=14.5V to 15.5V 0.0002 0.0025 % 11.5V to 12.5V 0.0006 FSR/V 4.5V to 5.5V 0.013 0.015 Reference Max 15 20 20 k Ω Input Min 15 10 10 k Ω Output Feedthrough Error V REF=20 Vp-p, f=100 kHz All data inputs latched low 3 mVp-p Output Leakage Current Max I OUT1 All data inputs LJ & LCJ 10 100 100 nA latched low LCN, LCWM & LCV 50 100 I OUT2 All data inputs LJ & LCJ 100 100 nA latched high LCN, LCWM & LCV 50 100 Output I OUT1 All data inputs 45 pF Capacitance I OUT2 latched low 115 I OUT1 All data inputs 130 pF I OUT2 latched high 30 DIGITAL AND DC CHARACTERISTICS Digital Input Max Logic Low LJ: 4.75V 0.6 Voltages LJ: 15.75V 0.8 LCJ: 4.75V 0.7 V DC LCJ: 15.75V 0.8 LCN, LCWM, LCV 0.95 0.8 Min Logic High LJ & LCJ 2.0 2.0 V DC LCN, LCWM, LCV 1.9 2.0 Digital Input Max Digital inputs <0.8V Currents LJ & LCJ −50 −200 −200 µA LCN, LCWM, LCV −160 −200 µA Digital inputs>2.0V LJ & LCJ 0.1 +10 +10 µA LCN, LCWM, LCV +8 +10 Supply Current Max LJ & LCJ 1.2 3.5 3.5 mA Drain LCN, LCWM, LCV 1.7 2.0 www.national.com 4 |
同様の部品番号 - DAC0830LCN |
|
同様の説明 - DAC0830LCN |