データシートサーチシステム |
|
TPS5130 データシート(PDF) 2 Page - Texas Instruments |
|
|
TPS5130 データシート(HTML) 2 Page - Texas Instruments |
2 / 28 page TPS5130 SLVS426 – MAY 2002 www.ti.com 2 Thesedevices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. ORDERING INFORMATION TA PACKAGED DEVICES PLASTIC TQFP (PT)(1) –40 °C to 85°C TPS5130PT (1) The PT package is also available taped and reeled. Add an R suffix to the device type (i.e., TPS5130PTR). PACKAGE DISSIPATION RATINGS PACKAGE(1) TA ≤ 25°C POWER RATING DERATING FACTOR ABOVE TA = 25°C TA = 85°C POWER RATING 48 pin PT 3210 mW 25.7 mW/ °C 1670 mW (1) These devices are mounted on a JEDEC high-k board (2 oz. traces on surface, 2-layer 1 oz. plane inside). (Assumes the maximum junction temperature is 150 °C) ABSOLUTE MAXIMUM RATINGS over operating free-air temperature range unless otherwise noted(1) TPS5130 Supply voltage, (2) VIN –0.3 V to 30 V LH1/2/3 –0.3 V to 35 V VIN SENSE12/3 LL1/2/3 STBY LDO VIN_SENSE12/3, LL1/2/3, STBY_LDO, STBY VREF3 3/5 TRIP1/2/3 –0.3Vto30V STBY_VREF3.3/5,TRIP1/2/3 –0.3 V to 30 V Input voltage range(2), VI INV1/2/3, CT, SS STBY1/2/3, Input voltage range(2), VI INV1/2/3, CT, SS_STBY1/2/3, INV_LDO, LDO_OUT, FLT, INV_LDO, LDO_OUT, FLT, PG_DELAY, VREF3.3/5, –0.3 V to 7 V PG_DELAY, VREF3.3/5, LDO_IN, LDO_CUR, PWM_SEL, 0.3 V to 7 V LDO_IN, LDO_CUR, PWM_SEL, REG5V_IN OUT1/2/3_u –0.3 V to 35 V Ot t lt V (2) FB1/2/3, PGOUT, OUT1/2/3_d –0.3 V to 7 V Output voltage range, VO (2) LDO_GATE –0.3 V to 9 V REF –0.3 V to 3 V Operating ambient temperature range, TA –40 °C to 85°C Storage temperature, Tstg –55 °C to 150°C (1) Stressesbeyondthoselistedunder“absolutemaximumratings”maycausepermanentdamagetothedevice.Thesearestressratingsonly,and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All voltage values are with respect to the network ground terminal. |
同様の部品番号 - TPS5130 |
|
同様の説明 - TPS5130 |