データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IXYH75N65C3D1 データシート(PDF) 2 Page - IXYS Corporation

部品番号 IXYH75N65C3D1
部品情報  International Standard Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IXYS [IXYS Corporation]
ホームページ  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYH75N65C3D1 データシート(HTML) 2 Page - IXYS Corporation

  IXYH75N65C3D1 Datasheet HTML 1Page - IXYS Corporation IXYH75N65C3D1 Datasheet HTML 2Page - IXYS Corporation IXYH75N65C3D1 Datasheet HTML 3Page - IXYS Corporation IXYH75N65C3D1 Datasheet HTML 4Page - IXYS Corporation IXYH75N65C3D1 Datasheet HTML 5Page - IXYS Corporation IXYH75N65C3D1 Datasheet HTML 6Page - IXYS Corporation IXYH75N65C3D1 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXYH75N65C3D1
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Symbol Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
I
C = 60A, VCE = 10V, Note 1
25
44
S
C
ies
3410
pF
C
oes
V
CE = 25V, VGE = 0V, f = 1MHz
330
pF
C
res
73
pF
Q
g(on)
122
nC
Q
ge
I
C = 60A, VGE = 15V, VCE = 0.5 • VCES
22
nC
Q
gc
60
nC
t
d(on)
26
ns
t
ri
65
ns
E
on
2.00
mJ
t
d(off)
93
ns
t
fi
60
ns
E
off
0.95
mJ
t
d(on)
26
ns
t
ri
64
ns
E
on
3.40
mJ
t
d(off)
115
ns
t
fi
64
ns
E
off
1.30
mJ
R
thJC
0.20 °C/W
R
thCS
0.21
°C/W
Notes:
1. Pulse test, t
 300μs, duty cycle, d  2%.
2. Switching times & energy losses may increase for higher V
CE(clamp), TJ or RG.
Inductive load, T
J = 150°C
I
C = 60A, VGE = 15V
V
CE = 400V, RG = 3
Note 2
Inductive load, T
J = 25°C
I
C = 60A, VGE = 15V
V
CE = 400V, RG = 3
Note 2
Reverse Diode (FRED)
Symbol Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min. Typ.
Max.
V
F
I
F = 50A, VGE = 0V, Note 1
2.50
V
T
J = 150°C
1.45
V
I
rr
T
J = 150°C
30
A
t
rr
T
J = 150°C
135
ns
R
thJC
0.45 °C/W
I
F = 50A, VGE = 0V, -diF/dt = 700A/μs,
V
R = 400V
PRELIMINARY TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered are
derived from a subjective evaluation of the design, based upon prior knowledge and experi-
ence, and constitute a "considered reflection" of the anticipated result. IXYS reserves the right
to change limits, test conditions, and dimensions without notice.
1 - Gate
2,4 - Collector
3 - Emitter
TO-247 (IXYH) Outline
3
D
S
A
L
D
R
E
E1
L1
D1
D2
A2
Q
C
B
A
0P
0K M D B M
b4
0P1
1
2
4
b
c
e
IXYS OPTION
R1
R1
R1
R1
J M C A M
b2
A1


同様の部品番号 - IXYH75N65C3D1

メーカー部品番号データシート部品情報
logo
IXYS Corporation
IXYH75N65C3 IXYS-IXYH75N65C3 Datasheet
232Kb / 6P
   International Standard Package
IXYH75N65C3H1 IXYS-IXYH75N65C3H1 Datasheet
237Kb / 7P
   International Standard Package
More results

同様の説明 - IXYH75N65C3D1

メーカー部品番号データシート部品情報
logo
IXYS Corporation
IXYH75N65C3H1 IXYS-IXYH75N65C3H1 Datasheet
237Kb / 7P
   International Standard Package
IXYN150N60B3 IXYS-IXYN150N60B3 Datasheet
215Kb / 6P
   International Standard Package
IXYN100N65B3D1 IXYS-IXYN100N65B3D1 Datasheet
229Kb / 7P
   International Standard Package
logo
Micro Commercial Compon...
MT160C08T2 MCC-MT160C08T2 Datasheet
546Kb / 5P
   International standard package
logo
IXYS Corporation
IXYN75N65C3D1 IXYS-IXYN75N65C3D1 Datasheet
228Kb / 7P
   International Standard Package
IXYN100N65C3H1 IXYS-IXYN100N65C3H1 Datasheet
231Kb / 7P
   International Standard Package
logo
Micro Commercial Compon...
MT130CB08T2 MCC-MT130CB08T2 Datasheet
553Kb / 6P
   International standard package
logo
IXYS Corporation
IXYH75N65C3 IXYS-IXYH75N65C3 Datasheet
232Kb / 6P
   International Standard Package
IXYN120N65B3D1 IXYS-IXYN120N65B3D1 Datasheet
222Kb / 7P
   International Standard Package
IXYN120N65C3D1 IXYS-IXYN120N65C3D1 Datasheet
226Kb / 7P
   International Standard Package
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com