データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IXYP10N65C3D1M データシート(PDF) 2 Page - IXYS Corporation

部品番号 IXYP10N65C3D1M
部品情報  Optimized for 20-60kHz Switching
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IXYS [IXYS Corporation]
ホームページ  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYP10N65C3D1M データシート(HTML) 2 Page - IXYS Corporation

  IXYP10N65C3D1M Datasheet HTML 1Page - IXYS Corporation IXYP10N65C3D1M Datasheet HTML 2Page - IXYS Corporation IXYP10N65C3D1M Datasheet HTML 3Page - IXYS Corporation IXYP10N65C3D1M Datasheet HTML 4Page - IXYS Corporation IXYP10N65C3D1M Datasheet HTML 5Page - IXYS Corporation IXYP10N65C3D1M Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXYP10N65C3D1M
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Notes:
1. Pulse test, t
 300μs, duty cycle, d  2%.
2. Switching times & energy losses may increase for higher V
CE(clamp), TJ or RG.
Symbol Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
I
C = 10A, VCE = 10V, Note 1
3.8
6.2
S
C
ies
423
pF
C
oes
V
CE = 25V, VGE = 0V, f = 1MHz
42
pF
C
res
10
pF
Q
g(on)
18
nC
Q
ge
I
C = 10A, VGE = 15V, VCE = 0.5 • VCES
4
nC
Q
gc
8
nC
t
d(on)
20
ns
t
ri
26
ns
E
on
0.24
mJ
t
d(off)
77
ns
t
fi
23
ns
E
off
0.11
0.17
mJ
t
d(on)
17
ns
t
ri
27
ns
E
on
0.44
mJ
t
d(off)
90
ns
t
fi
38
ns
E
off
0.15
mJ
R
thJC
2.83 °C/W
R
thCS
0.50
°C/W
Inductive load, T
J = 25°C
I
C = 10A, VGE = 15V
V
CE = 400V, RG = 50
Note 2
Inductive load, T
J = 150°C
I
C = 10A, VGE = 15V
V
CE = 400V, RG = 50
Note 2
Pins: 1 - Gate
2 - Collector
3 - Emitter
Reverse Diode (FRED)
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max.
V
F
I
F = 10A, VGE = 0V, Note 1
3.0
V
T
J = 125C
1.7
V
I
RM
2.5
A
t
rr
110
ns
t
rr
30
ns
R
thJC
4.0 °C/W
I
F = 12A, VGE = 0V,
-di
F/dt = 100A/μs, VR = 100V, TJ = 125°C
I
F = 1A, VGE = 0V, -diF/dt = 100A/μs, VR = 30V
OVERMOLDED TO-220 (IXYP) Outline
PRELIMANARY TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered are
derived from a subjective evaluation of the design, based upon prior knowledge and experi-
ence, and constitute a "considered reflection" of the anticipated result. IXYS reserves the right
to change limits, test conditions, and dimensions without notice.


同様の部品番号 - IXYP10N65C3D1M

メーカー部品番号データシート部品情報
logo
IXYS Corporation
IXYP10N65C3D1 IXYS-IXYP10N65C3D1 Datasheet
214Kb / 7P
   Optimized for 20-60kHz Switching
More results

同様の説明 - IXYP10N65C3D1M

メーカー部品番号データシート部品情報
logo
IXYS Corporation
IXYP10N65C3D1 IXYS-IXYP10N65C3D1 Datasheet
214Kb / 7P
   Optimized for 20-60kHz Switching
IXYP15N65C3 IXYS-IXYP15N65C3 Datasheet
188Kb / 6P
   Optimized for 20-60kHz Switching
IXYP20N65C3D1M IXYS-IXYP20N65C3D1M Datasheet
193Kb / 6P
   Optimized for 20-60kHz Switching
IXYT30N65C3H1HV IXYS-IXYT30N65C3H1HV Datasheet
266Kb / 6P
   Optimized for 20-60kHz Switching
IXYP10N65C3 IXYS-IXYP10N65C3 Datasheet
211Kb / 6P
   Optimized for 20-60kHz Switching
IXYH100N65C3 IXYS-IXYH100N65C3 Datasheet
231Kb / 6P
   Optimized for 20-60kHz Switching
IXYP15N65C3D1M IXYS-IXYP15N65C3D1M Datasheet
193Kb / 6P
   Optimized for 20-60kHz Switching
IXYH50N65C3D1 IXYS-IXYH50N65C3D1 Datasheet
186Kb / 7P
   Optimized for 20-60kHz Switching
IXYH40N65C3H1 IXYS-IXYH40N65C3H1 Datasheet
182Kb / 7P
   Optimized for 20-60kHz Switching
IXYH50N65C3H1 IXYS-IXYH50N65C3H1 Datasheet
249Kb / 8P
   Optimized for 20-60kHz Switching
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com