データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

R-523.3PA データシート(PDF) 6 Page - Recom International Power

部品番号 R-523.3PA
部品情報  2, 3, 4, 5 AMP SIP12 Vertical & Horizontal
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RECOM [Recom International Power]
ホームページ  http://www.recom-international.com
Logo RECOM - Recom International Power

R-523.3PA データシート(HTML) 6 Page - Recom International Power

  R-523.3PA Datasheet HTML 1Page - Recom International Power R-523.3PA Datasheet HTML 2Page - Recom International Power R-523.3PA Datasheet HTML 3Page - Recom International Power R-523.3PA Datasheet HTML 4Page - Recom International Power R-523.3PA Datasheet HTML 5Page - Recom International Power R-523.3PA Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Bottom
View
1 2 3 4 5 6 7 8 9
2.54
0.7
4.0
15.00
32.20
10 11 12
2.13
9.1
0.2
Bottom
View
4.0
0.7
0.7
1 2 3 4 5 6 7 8 9
2.54
0.7
15.00
32.20
10 11 12
9.1
0.2
RECOM
R- 521.2PA
RECOM
R- 521.2DA
2.13
R-5xxxPA_DA
Series
INNOLINE
DC/DC-Converter
Pin Connections
Pin #
Name
Description
1
ON / OFF
Input pin : Active low (less than 0.8V) to disable the device
2, 3, 4
Vin
Power input
5, 6, 7, 8
GND
Input and output ground (common)
9 , 10
Vout
Power output
11
Vout (Auto Sense)
If unused this pin must be connected to Pin 9 and 10
12
Vout-Adj
With external resistors R1,R2 to selected output voltage
Tolerance:
± 0.25 mm
Package Style and Pinning (mm)
SIP12 PIN Package
Add a blocking diode to Vout if
current can flow backwards into
the output, as this can damage
the converter when it is powered
down. Protection diodes are re-
quired for high capacitive loads.
The diode can either be fitted
across the device if the source is
low impedance or fitted in series
with the output (recommended).
Optional Diode Protection Circuit
Optional Protection 1:
Optional Protection 2:
R-5/6/7xxx
GND
+Vout
+Vin
GND
R-5/6/7xxx
GND
+Vout
+Vin
GND
Diode
Trim output voltage
up 1 diode drop
Tolerance: xx.x
±0.5mm
xx.xx
±0.25mm
I-50
www.recom-power.com
REV: 1/2016
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit
written consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.


同様の部品番号 - R-523.3PA

メーカー部品番号データシート部品情報
logo
Recom International Pow...
R-523.3PA RECOM-R-523.3PA Datasheet
110Kb / 6P
   INNOLINE DC/DC-Converter
R-523.3PA RECOM-R-523.3PA Datasheet
202Kb / 6P
   2, 3, 4, 5 AMP SIP12 Vertical & Horizontal
More results

同様の説明 - R-523.3PA

メーカー部品番号データシート部品情報
logo
Recom International Pow...
R-521.2PA RECOM-R-521.2PA_07 Datasheet
202Kb / 6P
   2, 3, 4, 5 AMP SIP12 Vertical & Horizontal
R-723.3P RECOM-R-723.3P_16 Datasheet
113Kb / 5P
   2, 3, 4 AMP SIP12 Vertical & Horizontal
R-723.3P RECOM-R-723.3P_07 Datasheet
102Kb / 5P
   2, 3, 4 AMP SIP12 Vertical & Horizontal
R-611.8P RECOM-R-611.8P_16 Datasheet
91Kb / 4P
   1-2 AMP SIP12 Vertical & Horizontal
R-611.8P RECOM-R-611.8P_07 Datasheet
93Kb / 4P
   1-2 AMP SIP12 Vertical & Horizontal
logo
PEAK electronics GmbH
PZ8GG-0505ZH30 PEAK-PZ8GG-0505ZH30 Datasheet
178Kb / 2P
   PZ8GGxxxxZH30 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT SIP12
logo
New Jersey Semi-Conduct...
UT2005 NJSEMI-UT2005 Datasheet
92Kb / 2P
   Standard Recovery, 2 Amp to 4 Amp
logo
National Semiconductor ...
LM123 NSC-LM123 Datasheet
203Kb / 8P
   3-Amp, 5-Volt Positive Regulator
logo
Texas Instruments
LM123 TI1-LM123 Datasheet
1Mb / 13P
[Old version datasheet]   3-Amp, 5-Volt Positive Regulator
logo
Linear Technology
LT123A LINER-LT123A Datasheet
456Kb / 7P
   5 Volt, 3 Amp Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com