データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

R-723.3D データシート(PDF) 1 Page - Recom International Power

部品番号 R-723.3D
部品情報  2, 3, 4 AMP SIP12 Vertical & Horizontal
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RECOM [Recom International Power]
ホームページ  http://www.recom-international.com
Logo RECOM - Recom International Power

R-723.3D データシート(HTML) 1 Page - Recom International Power

  R-723.3D Datasheet HTML 1Page - Recom International Power R-723.3D Datasheet HTML 2Page - Recom International Power R-723.3D Datasheet HTML 3Page - Recom International Power R-723.3D Datasheet HTML 4Page - Recom International Power R-723.3D Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
INNOLINE
DC/DC-Converter
with 3 year Warranty
R-7xxx
EN-60950-1 Certified
2, 3, 4 AMP
SIP12
Vertical &
Horizontal
Non-Isolated
Synchronous rectification design
Adjustable Output voltage
2, 3, 4AMP Adjustable Positive Step Down
Integrated Switching Regulator
Over load protection (125% full load typical)
Remote ON/OFF Control(Ground Off)
Wide Input Range
UL94V-0 Package Material
Continuous short circuit protection
(Very low short current Iin sc<50mA)
Input voltage range 4.5V~28V
Efficiency to 97 %
Features
Selection Guide
Part
Input
Nominal
Vout
Output
Efficiency (%)
Number
Range
Output Voltage Adjust Range Current
Min. Vin 12V Max. Vin
SIP12
(V)
(V)
(V)
(A)
R-723.3x
4.5 – 28
3.3
2.5 – 5.5
2
95
93
89
R-725.0x
6.5 – 28
5.0
3.0 – 5.5
2
96
95
91
R-726.5x
8.5 – 28
6.5
5.0 – 8.0
2
97
96
93
R-729.0x
12 – 28
9.0
7.0 – 11
2
96
-
93
R-7212x
15 – 28
12
10 – 14
2
97
-
95
R-7215x
19 – 28
15
13 – 17
2
97
-
96
R-733.3x
4.5 – 28
3.3
2.5 – 5.5
3
94
93
89
R-735.0x
6.5 – 28
5.0
3.0 – 5.5
3
95
95
92
R-736.5x
8.5 – 28
6.5
5.0 – 8.0
3
97
96
93
R-739.0x
12 – 28
9.0
7.0 – 11
3
96
-
94
R-7312x
15 – 28
12
10 – 14
3
97
-
96
R-7315x
19 – 28
15
13 – 17
3
97
-
96
R-743.3x
4.5 – 28
3.3
2.5 – 5.5
4
93
92
88
R-745.0x
6.5 – 28
5.0
3.0 – 5.5
4
95
94
91
R-746.5x
8.5 – 28
6.5
5.0 – 7.5
4
96
96
93
Note: Vin-Vout
≥ 1.5V~4.0V depending on Vout if adjust function is used!
Suffix x: (see mechanical drawing for details)
x = P pins vertical through hole
x = D pins bent for horizontal through hole mounting
The R-7XXX series is a high performance 2.5V to 15V , 2Amp to 4Amp,12-Pin SIP (single in-line package),
Integrated switching regulator (ISR). The Synchronous - rectified design yields excellent efficiencies up to 97%.
Short circuit protection reduces the short circuit input current to under 50mA .
Description
RoHS
2011/65/EU
6/6
Refer to Application Notes
www.recom-power.com
I-55
REV: 2/2016


同様の部品番号 - R-723.3D

メーカー部品番号データシート部品情報
logo
Recom International Pow...
R-723.3D RECOM-R-723.3D Datasheet
90Kb / 5P
   INNOLINE DC/DC-Converter
R-723.3D RECOM-R-723.3D Datasheet
102Kb / 5P
   2, 3, 4 AMP SIP12 Vertical & Horizontal
More results

同様の説明 - R-723.3D

メーカー部品番号データシート部品情報
logo
Recom International Pow...
R-723.3P RECOM-R-723.3P_07 Datasheet
102Kb / 5P
   2, 3, 4 AMP SIP12 Vertical & Horizontal
R-521.2PA RECOM-R-521.2PA_07 Datasheet
202Kb / 6P
   2, 3, 4, 5 AMP SIP12 Vertical & Horizontal
R-521.2PA RECOM-R-521.2PA_16 Datasheet
105Kb / 6P
   2, 3, 4, 5 AMP SIP12 Vertical & Horizontal
R-611.8P RECOM-R-611.8P_16 Datasheet
91Kb / 4P
   1-2 AMP SIP12 Vertical & Horizontal
R-611.8P RECOM-R-611.8P_07 Datasheet
93Kb / 4P
   1-2 AMP SIP12 Vertical & Horizontal
logo
PEAK electronics GmbH
PZ8GG-0505ZH30 PEAK-PZ8GG-0505ZH30 Datasheet
178Kb / 2P
   PZ8GGxxxxZH30 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT SIP12
logo
New Jersey Semi-Conduct...
UT2005 NJSEMI-UT2005 Datasheet
92Kb / 2P
   Standard Recovery, 2 Amp to 4 Amp
logo
PEAK electronics GmbH
PS10GG-1205E21H10 PEAK-PS10GG-1205E21H10 Datasheet
203Kb / 3P
   PS10GG-XXXXE2:1H10 1KV ISOLATED 2 W REGULATED SINGLE OUTPUT SIP12
PZ8GG-0505EH30 PEAK-PZ8GG-0505EH30 Datasheet
179Kb / 2P
   PZ8GgxxxxEH30 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT SIP12
logo
Belden Inc.
1227A1 BELDEN-1227A1 Datasheet
162Kb / 2P
   Category 3 Horizontal Cable, 2 Pair, U/UTP, CMR
2022 Belden, Inc
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com