データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ESW827M010AH9 データシート(PDF) 7 Page - Kemet Corporation

部品番号 ESW827M010AH9
部品情報  Single-Ended Aluminum Electrolytic Capacitors ESW Series
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEMET [Kemet Corporation]
ホームページ  http://www.kemet.com
Logo KEMET - Kemet Corporation

ESW827M010AH9 データシート(HTML) 7 Page - Kemet Corporation

Back Button ESW827M010AH9 Datasheet HTML 3Page - Kemet Corporation ESW827M010AH9 Datasheet HTML 4Page - Kemet Corporation ESW827M010AH9 Datasheet HTML 5Page - Kemet Corporation ESW827M010AH9 Datasheet HTML 6Page - Kemet Corporation ESW827M010AH9 Datasheet HTML 7Page - Kemet Corporation ESW827M010AH9 Datasheet HTML 8Page - Kemet Corporation ESW827M010AH9 Datasheet HTML 9Page - Kemet Corporation ESW827M010AH9 Datasheet HTML 10Page - Kemet Corporation ESW827M010AH9 Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
A4009_ESW • 1/6/2016
Single-Ended Aluminum Electrolytic Capacitors – ESW Series, +105ºC
Table 1 – Ratings & Part Number Reference cont'd
(1) Insert packaging code. See Ordering Options Table for available options.
1
When capacitance exceeds 1,000 µF, the DF value (%) is increased by 2% for every additional 1,000 µF.
* Dimension is down size, Endurance will be less 1,000 hours than standard.
VDC
VDC
Surge
Voltage
Rated
Capacitance
120 Hz 20°C
(µF)
Case Size
D x L (mm)
DF
120 Hz 20°C
(tan δ %)1
Z
100 kHZ
20ºC (Ω)
RC
100 kHz
105°C (mA)
LC 20ºC
2 Minutes
(µA)
Part Number
10
13
8200
18 x 32
19
0.015
4170
820.0
ESW828M010AN1(1)
10
13
10000
16 x 40
19
0.013
4080
1000.0
ESW109M010AM4(1)
10
13
10000
18 x 36
19
0.014
4220
1000.0
ESW109M010AN2(1)
10
13
15000
18 x 40
19
0.012
4280
1500.0
ESW159M010AN3(1)
16
20
56
5 x 11
16
0.580
210
9.0
ESW566M016AC3(1)
16
20
100
6.3 x 11
16
0.230
250
16.0
ESW107M016AE3(1)
16
20
120
6.3 x 11
16
0.220
340
19.0
ESW127M016AE3(1)
16
20
220
6.3 x 11
16
0.185
469
35.0
ESW227M016AE3(1)
16
20
220
8 x 11
16
0.150
582
35.0
ESW227M016AG3(1)
16
20
330
8 x 11
16
0.130
640
53.0
ESW337M016AG3(1)
16
20
470
*8 x 15
16
0.087
840
75.0
ESW477M016AG4(1)
16
20
470
8 x 20
16
0.078
950
75.0
ESW477M016AG6(1)
16
20
470
*10 x 12.5
16
0.080
865
75.0
ESW477M016AH9(1)
16
20
470
10 x 16
16
0.060
1210
75.0
ESW477M016AH8(1)
16
20
680
8 x 20
16
0.069
1050
109.0
ESW687M016AG6(1)
16
20
680
10 x 16
16
0.060
1210
109.0
ESW687M016AH8(1)
16
20
1000
8 x 20
16
0.069
1050
160.0
ESW108M016AG6(1)
16
20
1000
*10 x 16
16
0.060
1210
160.0
ESW108M016AH8(1)
16
20
1000
10 x 20
16
0.046
1400
160.0
ESW108M016AH4(1)
16
20
1000
13 x 16
16
0.049
1450
160.0
ESW108M016AL2(1)
16
20
1200
10 x 25
16
0.042
1650
192.0
ESW128M016AH5(1)
16
20
1500
10 x 30
16
0.031
1910
240.0
ESW158M016AH6(1)
16
20
1500
13 x 20
16
0.035
1900
240.0
ESW158M016AL3(1)
16
20
1500
16 x 16
16
0.042
1940
240.0
ESW158M016AM8(1)
16
20
2200
13 x 25
16
0.027
2230
352.0
ESW228M016AL4(1)
16
20
2200
18 x 16
16
0.043
2210
352.0
ESW228M016AN6(1)
16
20
2700
13 x 30
16
0.024
2650
432.0
ESW278M016AL8(1)
16
20
2700
16 x 20
16
0.027
2530
432.0
ESW278M016AM5(1)
16
20
3300
13 x 35
16
0.020
2880
528.0
ESW338M016AL6(1)
16
20
3900
13 x 40
16
0.017
3350
624.0
ESW398M016AL7(1)
16
20
3900
16 x 25
16
0.021
2930
624.0
ESW398M016AM7(1)
16
20
3900
18 x 20
16
0.026
2860
624.0
ESW398M016AN4(1)
16
20
4700
16 x 32
16
0.017
3450
752.0
ESW478M016AM2(1)
16
20
4700
18 x 25
16
0.019
3140
752.0
ESW478M016AN5(1)
16
20
5600
16 x 36
16
0.015
3610
896.0
ESW568M016AM3(1)
16
20
5600
18 x 32
16
0.015
4170
896.0
ESW568M016AN1(1)
16
20
6800
16 x 40
16
0.013
4080
1088.0
ESW688M016AM4(1)
16
20
8200
18 x 36
16
0.014
4220
1312.0
ESW828M016AN2(1)
16
20
10000
18 x 40
16
0.012
4280
1600.0
ESW109M016AN3(1)
25
32
47
5 x 11
14
0.580
210
12.0
ESW476M025AC3(1)
25
32
100
6.3 x 11
14
0.220
340
25.0
ESW107M025AE3(1)
25
32
150
8 x 11
14
0.160
640
37.0
ESW157M025AG3(1)
25
32
220
8 x 11
14
0.130
640
55.0
ESW227M025AG3(1)
25
32
330
8 x 15
14
0.087
840
82.0
ESW337M025AG4(1)
25
32
330
10 x 12.5
14
0.080
865
82.0
ESW337M025AH9(1)
25
32
470
8 x 20
14
0.069
1050
117.0
ESW477M025AG6(1)
25
32
470
*10 x 12.5
14
0.070
1050
117.0
ESW477M025AH9(1)
25
32
470
10 x 16
14
0.060
1210
117.0
ESW477M025AH8(1)
25
32
680
10 x 20
14
0.046
1400
170.0
ESW687M025AH4(1)
25
32
680
13 x 16
14
0.049
1450
170.0
ESW687M025AL2(1)
25
32
820
10 x 25
14
0.042
1650
205.0
ESW827M025AH5(1)
25
32
1000
10 x 30
14
0.031
1910
250.0
ESW108M025AH6(1)
25
32
1000
13 x 20
14
0.035
1900
250.0
ESW108M025AL3(1)
25
32
1000
16 x 16
14
0.042
1940
250.0
ESW108M025AM8(1)
25
32
1200
18 x 16
14
0.043
2210
250.0
ESW128M025AN6(1)
25
32
1500
*13 x 20
14
0.035
1900
375.0
ESW158M025AL3(1)
VDC VDC Surge
Rated
Capacitance
Case Size
DF
Z
RC
LC
Part Number


同様の部品番号 - ESW827M010AH9

メーカー部品番号データシート部品情報
logo
Kemet Corporation
ESW KEMET-ESW Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
logo
Baumer IVO GmbH & Co. K...
ESW-05S IVO-ESW-05S Datasheet
799Kb / 20P
   Accessories photoelectric sensors
ESW-05SP0200 IVO-ESW-05SP0200 Datasheet
799Kb / 20P
   Accessories photoelectric sensors
ESW-05SP0500 IVO-ESW-05SP0500 Datasheet
799Kb / 20P
   Accessories photoelectric sensors
ESW-08SH0200 IVO-ESW-08SH0200 Datasheet
799Kb / 20P
   Accessories photoelectric sensors
More results

同様の説明 - ESW827M010AH9

メーカー部品番号データシート部品情報
logo
Kemet Corporation
ESZ336M160AH4AA KEMET-ESZ336M160AH4AA Datasheet
4Mb / 19P
   Single-Ended Aluminum Electrolytic Capacitors
ESL106M016AC3AA KEMET-ESL106M016AC3AA Datasheet
4Mb / 26P
   Single-Ended Aluminum Electrolytic Capacitors
ESU336M160AH8AA KEMET-ESU336M160AH8AA Datasheet
4Mb / 19P
   Single-Ended Aluminum Electrolytic Capacitors
ETA157M6R3AC3AA KEMET-ETA157M6R3AC3AA Datasheet
4Mb / 21P
   Single-Ended Aluminum Electrolytic Capacitors
logo
TDK Electronics
B41863 TDK-B41863 Datasheet
468Kb / 25P
   Aluminum electrolytic capacitors Single-ended capacitors
B41888 TDK-B41888 Datasheet
544Kb / 32P
   Aluminum electrolytic capacitors Single-ended capacitors
B42824 TDK-B42824 Datasheet
416Kb / 21P
   Aluminum electrolytic capacitors Single-ended capacitors
B43896 TDK-B43896 Datasheet
468Kb / 25P
   Aluminum electrolytic capacitors Single-ended capacitors
logo
EPCOS
B41851A7477M EPCOS-B41851A7477M Datasheet
725Kb / 37P
   Aluminum electrolytic capacitors Single-ended capacitors
B43821F2336M EPCOS-B43821F2336M Datasheet
713Kb / 36P
   Aluminum electrolytic capacitors Single-ended capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com