データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LF05A データシート(PDF) 4 Page - OSRAM GmbH

部品番号 LF05A
部品情報  LINEARlight Flex
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OSRAM [OSRAM GmbH]
ホームページ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LF05A データシート(HTML) 4 Page - OSRAM GmbH

  LF05A Datasheet HTML 1Page - OSRAM GmbH LF05A Datasheet HTML 2Page - OSRAM GmbH LF05A Datasheet HTML 3Page - OSRAM GmbH LF05A Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Assembly Information
 Connection with soldering wires on unmounted module: Do not pretin the solderpads but pretin the wires and solder for max 4 s at
300 °C. Allow solderpoints to completely cool down before the next soldering. Prevent shear- or peel forces.
 Soldering of wires with the module mounted on a heatsink: Pretin solderpads and wires and solder for max 3 s at 350 °C. Allow
solderpoints to completely cool down before the next soldering. Prevent shear- or peel forces.
 The smallest unit (100 mm- 5 LEDs) can be removed by cutting with scissors between the designated solder pads.
 The mounting of the module is facilitated by means of the double-sided adhesive on the back-surface of the module. Care must be tak
to provide a clean and dry mounting surface, free of oils or silicone coatings as well as dirt particle. The mounting substrate must have
sufficient structural integrity. Take care to completely remove the protective backing. Once the module is appropriately positioned, pre
on the module with about 20N/cm² (refer to application techniques of 3M adhesive transfer tapes). In difficult cases the use of a prime
may help.
 The minimum bending radius is 2 cm. The module may be bent over a smaller radius but only in regions of the circuit board containing
electronic components and such bends should be made once and fixed in position to avoid cyclic fatigue.
 The thermal length expansion coefficient of the modul is 17*10^-6cm/cm/K. When installing in environments with large variations in
temperature (e.g. outdoor applications) and operating length of more than 2 m, the use of metallic mounting surfaces is necessary.
Otherwise it is advisable to use an additional thicker adhesive tape to absorb the stress of any mismatch in expansion coefficients.
Productgroup
Productname
EAN *
S-Unit *
Ordering Guide
LINEARlight Flex
LF05A-W3F-854
4008321546586
8
LINEARlight Flex
LF05A-W3F-840
4008321955364
8
LINEARlight Flex
LF05A-W3F-830
4008321955371
8
LINEARlight Flex
LF05A-W3F-827
4008321546906
8
LINEARlight Flex
LF05A-B3
4008321955388
8
EAN: Ordering number per single module
S-Unit: Modules per shipping unit
*)
Note: Typical performance data are subject to change without any further notice, particularly as LED technology evolves.
Related and Further Information
New creativity in lighting design
LED Modules for illuminated signs
138 W002 GB
The new dimension of light
153 S006 GB
www.osram.com/led-systems-downloads
OPTOTRONIC® Technical Guide
130 T008 GB www.osram.com/ecg-downloads
OPTOTRONIC® Data Sheets
http://catalog.myosram.com
OSRAM LED systems
www.osram.com/led-systems
New standards for LED control gear
130 W011 GB
www.osram.com/ecg-download
Sales and Technical Support
Sales and technical support is given by the
local OSRAM subsidiaries.
On our world wide homepage all OSRAM
subsidiaries are listed with complete
address and phone numbers.
OSRAM GmbH
Hellabrunner Strasse 1
D - 81536 München
Germany
www.osram.com
+49 (0)89 6213-0
Page 4 of 4
LF05A - 17.05.2010


同様の部品番号 - LF05A

メーカー部品番号データシート部品情報
logo
ITT Industries
LF05A080L27QY ITT-LF05A080L27QY Datasheet
201Kb / 2P
   Precision Snap-acting Reset Switches
logo
C&K Components
LF05A080L27QY CK-COMPONENTS-LF05A080L27QY Datasheet
196Kb / 3P
   Reset Switch
LF05A080Q CK-COMPONENTS-LF05A080Q Datasheet
196Kb / 3P
   Reset Switch
More results

同様の説明 - LF05A

メーカー部品番号データシート部品情報
logo
OSRAM GmbH
LM10A OSRAM-LM10A Datasheet
180Kb / 4P
   LINEARlight Flex
LM11A OSRAM-LM11A Datasheet
113Kb / 4P
   LINEARlight Flex
LF06P2 OSRAM-LF06P2 Datasheet
469Kb / 6P
   LINEARLIGHT POWER FLEX
LM10L OSRAM-LM10L Datasheet
130Kb / 4P
   LINEARlight Colormix Flex
LF06P2-P OSRAM-LF06P2-P Datasheet
527Kb / 4P
   LINEARlight POWER Flex
LF05E2 OSRAM-LF05E2 Datasheet
482Kb / 6P
   LINEARLIGHT FLEX ECO
LF05CE-P OSRAM-LF05CE-P Datasheet
518Kb / 4P
   LINEARlight Colormix Flex Protect
LF06A-P OSRAM-LF06A-P Datasheet
567Kb / 4P
   LINEARlight Flex Protect ADVANCED
logo
Gilway Technical Lamp
GTL-OS-70082 GILWAY-GTL-OS-70082 Datasheet
581Kb / 4P
   Product Information Bulletin LINEARlight Flex Top Colormix
logo
List of Unclassifed Man...
70105 ETC2-70105 Datasheet
419Kb / 4P
   LINEARlight FLEX TOPLED Flexible White or Colored LED Strips
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com