データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

54ACT158 データシート(PDF) 5 Page - Texas Instruments

部品番号 54ACT158
部品情報  Quad 2-Input Multiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

54ACT158 データシート(HTML) 5 Page - Texas Instruments

  54ACT158 Datasheet HTML 1Page - Texas Instruments 54ACT158 Datasheet HTML 2Page - Texas Instruments 54ACT158 Datasheet HTML 3Page - Texas Instruments 54ACT158 Datasheet HTML 4Page - Texas Instruments 54ACT158 Datasheet HTML 5Page - Texas Instruments 54ACT158 Datasheet HTML 6Page - Texas Instruments 54ACT158 Datasheet HTML 7Page - Texas Instruments 54ACT158 Datasheet HTML 8Page - Texas Instruments 54ACT158 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
OBSOLETE
54AC158, 54ACT158
www.ti.com
SNOS090B – JULY 1998 – REVISED APRIL 2013
DC Characteristics for 'AC Family Devices
54AC
Symbol
Parameter
VCC
Units
Conditions
TA = −55°C to +125°C
(V)
Ensured Limits
VIH
Minimum High Level Input Voltage
3.0
2.1
VOUT = 0.1V
4.5
3.15
V
or VCC − 0.1V
5.5
3.85
VIL
Maximum Low Level Input Voltage
3.0
0.9
VOUT = 0.1V
4.5
1.35
V
or VCC − 0.1V
5.5
1.65
VOH
Minimum High Level Output Voltage
3.0
2.9
IOUT = −50 μA
4.5
4.4
V
5.5
5.4
VIN = VIL or VIH
(1)
3.0
2.4
IOH = −12 mA
4.5
3.7
V
IOH = −24 mA
5.5
4.7
IOH = −24 mA
VOL
Maximum Low Level Output Voltage
3.0
0.1
IOUT = 50 μA
4.5
0.1
V
5.5
0.1
VIN = VIL or VIH
(1)
3.0
0.50
IOL = 12 mA
4.5
0.50
V
IOL = 24 mA
5.5
0.50
IOL = 24 mA
IIN
Maximum Input Leakage Current
5.5
±1.0
μA
VI = VCC, GND
IOLD
Minimum Dynamic Output Current(2)
5.5
50
mA
VOLD = 1.65V Max
IOHD
5.5
−50
mA
VOHD = 3.85V Min
ICC
Maximum Quiescent Supply Current
5.5
80.0
μA
VIN = VCC
or GND
(1)
All outputs loaded; thresholds on input associated with output under test.
(2)
Maximum test duration 2.0 ms, one output loaded at a time.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: 54AC158 54ACT158


同様の部品番号 - 54ACT158

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
54ACT158D NSC-54ACT158D Datasheet
141Kb / 8P
   Quad 2-Input Multiplexer
54ACT158F NSC-54ACT158F Datasheet
141Kb / 8P
   Quad 2-Input Multiplexer
54ACT158L NSC-54ACT158L Datasheet
141Kb / 8P
   Quad 2-Input Multiplexer
More results

同様の説明 - 54ACT158

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157 Datasheet
70Kb / 7P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F158A NSC-54F158A Datasheet
147Kb / 8P
   Quad 2-Input Multiplexer
logo
Hitachi Semiconductor
HD74AC158 HITACHI-HD74AC158 Datasheet
55Kb / 9P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74F157A FAIRCHILD-74F157A Datasheet
74Kb / 6P
   Quad 2-Input Multiplexer
logo
ON Semiconductor
MC74AC157 ONSEMI-MC74AC157 Datasheet
106Kb / 10P
   Quad 2-Input Multiplexer
January, 2005 ??Rev. 6
logo
NXP Semiconductors
74LV157 PHILIPS-74LV157 Datasheet
117Kb / 12P
   Quad 2-input multiplexer
1998 Apr 30
logo
Hitachi Semiconductor
HD74AC157 HITACHI-HD74AC157 Datasheet
53Kb / 9P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F157ADM NSC-54F157ADM Datasheet
156Kb / 8P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157_07 Datasheet
253Kb / 10P
   Quad 2-Input Multiplexer
logo
NXP Semiconductors
74HC_HCT157 PHILIPS-74HC_HCT157_15 Datasheet
209Kb / 19P
   Quad 2-input multiplexer
Rev. 7-21 January 2015
logo
Texas Instruments
54AC157 TI1-54AC157 Datasheet
140Kb / 10P
[Old version datasheet]   Quad 2-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com