データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

54ACT241-N データシート(PDF) 5 Page - Texas Instruments

部品番号 54ACT241-N
部品情報  Octal Buffer/Line Driver with Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

54ACT241-N データシート(HTML) 5 Page - Texas Instruments

  54ACT241-N Datasheet HTML 1Page - Texas Instruments 54ACT241-N Datasheet HTML 2Page - Texas Instruments 54ACT241-N Datasheet HTML 3Page - Texas Instruments 54ACT241-N Datasheet HTML 4Page - Texas Instruments 54ACT241-N Datasheet HTML 5Page - Texas Instruments 54ACT241-N Datasheet HTML 6Page - Texas Instruments 54ACT241-N Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
OBSOLETE
54AC241, 54ACT241-N
www.ti.com
SNOS097B – AUGUST 1998 – REVISED APRIL 2013
AC ELECTRICAL CHARACTERISTICS
See for waveforms
54AC
VCC
TA = −55°C
Fig.
Symbol
Parameter
(V)(1)
to +125°C
Units
No.
CL = 50 pF
Min
Max
tPLH
Propagation Delay
3.3
1.0
12.0
ns
Data to Output
5.0
1.0
9.5
tPHL
Propagation Delay
3.3
1.0
11.5
ns
Data to Output
5.0
1.0
9.0
tPZH
Output Enable Time
3.3
1.0
13.0
ns
5.0
1.0
10.0
tPZL
Output Enable Time
3.3
1.0
13.0
ns
5.0
1.0
10.0
tPHZ
Output Disable Time
3.3
1.0
13.0
ns
5.0
1.0
11.5
tPLZ
Output Disable Time
3.3
1.0
13.0
ns
5.0
1.0
11.5
(1)
Voltage Range 3.3 is 3.3V ±3.3V
Voltage Range 5.0 is 5.0V ±0.5V.
AC ELECTRICAL CHARACTERISTICS
See for waveforms
54ACT
VCC
TA = −55°C
Fig.
Symbol
Parameter
(V) See(1)
to +125°C
Units
No.
CL = 50 pF
Min
Max
tPLH
Propagation Delay
5.0
1.0
10.0
ns
Data to Output
tPHL
Propagation Delay
5.0
1.0
10.0
ns
Data to Output
tPZH
Output Enable Time
5.0
1.0
11.5
ns
tPZL
Output Enable Time
5.0
1.0
12.5
ns
tPHZ
Output Disable Time
5.0
1.0
12.5
ns
tPLZ
Output Disable Time
5.0
1.0
12.5
ns
(1)
Voltage Range 5.0 is 5.0V ±0.5V.
CAPACITANCE
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = OPEN
CPD
Power Dissipation Capacitance
45.0
pF
VCC = 5.0V
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: 54AC241 54ACT241-N


同様の部品番号 - 54ACT241-N

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
54ACT241 NSC-54ACT241 Datasheet
135Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
More results

同様の説明 - 54ACT241-N

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
National Semiconductor ...
54ABT241 NSC-54ABT241 Datasheet
119Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
logo
National Semiconductor ...
74VHC541 NSC-74VHC541 Datasheet
146Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
MV54ACTQ541-X NSC-MV54ACTQ541-X Datasheet
25Kb / 7P
   Octal Buffer/Line Driver with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com