データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

54ACT251 データシート(PDF) 5 Page - Texas Instruments

部品番号 54ACT251
部品情報  8-Input Multiplexer with TRI-STATE Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

54ACT251 データシート(HTML) 5 Page - Texas Instruments

  54ACT251 Datasheet HTML 1Page - Texas Instruments 54ACT251 Datasheet HTML 2Page - Texas Instruments 54ACT251 Datasheet HTML 3Page - Texas Instruments 54ACT251 Datasheet HTML 4Page - Texas Instruments 54ACT251 Datasheet HTML 5Page - Texas Instruments 54ACT251 Datasheet HTML 6Page - Texas Instruments 54ACT251 Datasheet HTML 7Page - Texas Instruments 54ACT251 Datasheet HTML 8Page - Texas Instruments 54ACT251 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
OBSOLETE
54AC251, 54ACT251
www.ti.com
SNOS100B – AUGUST 1998 – REVISED APRIL 2013
DC CHARACTERISTICS FOR 'AC FAMILY DEVICES (continued)
VCC
54AC
(V)
Symbol
Parameter
TA = −55°C to +125°C
Units
Conditions
Ensured Limits
VOH
Minimum High Level Output
3.0
2.9
IOUT = −50 μA
Voltage
4.5
4.4
V
5.5
5.4
VIN = VIL or VIH
(1)
3.0
2.4
IOH = −12 mA
V
4.5
3.7
IOH = −24 mA
5.5
4.7
IOH = −24 mA
VOL
Maximum Low Level Output
3.0
0.1
IOUT = 50 μA
Voltage
4.5
0.1
V
5.5
0.1
VIN = VIL or VIH
(1)
3.0
0.50
IOL = 12 mA
V
4.5
0.50
IOL = 24 mA
5.5
0.50
IOL = 24 mA
IIN
Maximum Input Leakage
VI = VCC, GND
5.5
±1.0
μA
Current
IOZ
Maximum TRI-STATE Current
VI (OE) = VIL, VIH
5.5
±5.0
μA
VI = VCC, VGND
VO = VCC, GND
IOLD
Minimum Dynamic Output
5.5
50
mA
VOLD = 1.65V Max
Current (2)
IOHD
5.5
−50
mA
VOHD = 3.85V Min
ICC
Maximum Quiescent Supply
VIN = VCC or GND
5.5
80.0
μA
Current
(1)
All outputs loaded; thresholds on input associated with output under test.
(2)
Maximum test duration 2.0 ms, one output loaded at a time.
DC CHARACTERISTICS FOR 'ACT FAMILY DEVICES
VCC
54ACT
(V)
Symbol
Parameter
TA = −55°C to +125°C
Units
Conditions
Ensured Limits
VIH
Minimum High Level Input
4.5
2.0
VOUT = 0.1V
V
Voltage
5.5
2.0
or VCC − 0.1V
VIL
Maximum Low Level Input
4.5
0.8
VOUT = 0.1V
V
Voltage
5.5
0.8
or VCC − 0.1V
VOH
Minimum High Level Output
4.5
4.4
IOUT = −50 μA
V
Voltage
5.5
5.4
VIN = VIL or VIH
(1)
V
4.5
3.70
IOH = −24 mA
5.5
4.70
IOH = −24 mA
VOL
Maximum Low Level Output
4.5
0.1
IOUT = 50 μA
V
Voltage
5.5
0.1
VIN = VIL or VIH
(1)
V
4.5
0.50
IOL = 24 mA
5.5
0.50
IOL = 24 mA
(1)
All outputs loaded; thresholds on input associated with output under test.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: 54AC251 54ACT251


同様の部品番号 - 54ACT251

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
54ACT251D NSC-54ACT251D Datasheet
158Kb / 10P
   8-Input Multiplexer with TRI-STATE Output
54ACT251F NSC-54ACT251F Datasheet
158Kb / 10P
   8-Input Multiplexer with TRI-STATE Output
54ACT251L NSC-54ACT251L Datasheet
158Kb / 10P
   8-Input Multiplexer with TRI-STATE Output
More results

同様の説明 - 54ACT251

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
54AC251 NSC-54AC251 Datasheet
158Kb / 10P
   8-Input Multiplexer with TRI-STATE Output
MN54AC251-X NSC-MN54AC251-X Datasheet
33Kb / 7P
   8-Input Multiplexer With TRI-STATE Outputs
54F251ADM NSC-54F251ADM Datasheet
165Kb / 8P
   8-Input Multiplexer with TRI-STATE Outputs
logo
Texas Instruments
54F251A TI1-54F251A Datasheet
415Kb / 10P
[Old version datasheet]   54F251A 74F251A 8-Input Multiplexer with TRI-STATE Outputs
logo
NXP Semiconductors
HEF4512B PHILIPS-HEF4512B Datasheet
68Kb / 7P
   8-input multiplexer with 3-state output
January 1995
logo
Fairchild Semiconductor
74ACT251SCX FAIRCHILD-74ACT251SCX Datasheet
101Kb / 9P
   8-Input Multiplexer with 3-STATE Output
74AC251 FAIRCHILD-74AC251 Datasheet
97Kb / 9P
   8-Input Multiplexer with 3-STATE Output
logo
Texas Instruments
54AC257 TI1-54AC257 Datasheet
128Kb / 8P
[Old version datasheet]   Quad 2-Input Multiplexer with TRI-STATE Outputs
logo
National Semiconductor ...
MN54AC258-X NSC-MN54AC258-X Datasheet
17Kb / 7P
   Quad 2 Input Multiplexer With TRI - STATE Outputs
54AC258 NSC-54AC258 Datasheet
143Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com