データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AC11160DWR データシート(PDF) 8 Page - Texas Instruments

部品番号 74AC11160DWR
部品情報  SYNCHRONOUS 4-BIT DECADE COUNTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

74AC11160DWR データシート(HTML) 8 Page - Texas Instruments

Back Button 74AC11160DWR Datasheet HTML 2Page - Texas Instruments 74AC11160DWR Datasheet HTML 3Page - Texas Instruments 74AC11160DWR Datasheet HTML 4Page - Texas Instruments 74AC11160DWR Datasheet HTML 5Page - Texas Instruments 74AC11160DWR Datasheet HTML 6Page - Texas Instruments 74AC11160DWR Datasheet HTML 7Page - Texas Instruments 74AC11160DWR Datasheet HTML 8Page - Texas Instruments 74AC11160DWR Datasheet HTML 9Page - Texas Instruments 74AC11160DWR Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
74AC11160
SYNCHRONOUS 4BIT DECADE COUNTER
SCAS380 −D3199, AUGUST 1988 − REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
8
PARAMETER MEASUREMENT INFORMATION
From Output
Under Test
CL = 50 pF
(see Note A)
500
LOAD CIRCUIT
Input
(see Note B)
In-Phase
Output
Out-of-Phase
Output
tPLH
tPHL
tPHL
tPLH
PROPAGATION DELAY TIMES
VOH
VOH
VOL
VOL
50% VCC
0 V
0 V
0 V
High-Level
Input
Low-Level
Input
tw
PULSE DURATION
50%
VCC
0 V
0 V
th
tsu
SETUP AND HOLD TIMES
Data
Input
Timing Input
(see Note B)
50% VCC
50% VCC
50% VCC
50%
50%
VCC
VCC
50%
50%
50%
50%
VCC
VCC
50%
50%
NOTES: A. CL includes probe and jig capacitance.
B. Input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr = 3 ns, tf = 3 ns. For testing
fmax and pulse duration: tr = 1 to 3 ns, tf = 1 to 3 ns.
C. The outputs are measured one at a time with one input transition per measurement.
Figure 1. Load Circuit and Voltage Waveforms


同様の部品番号 - 74AC11160DWR

メーカー部品番号データシート部品情報
logo
Texas Instruments
74AC11160DWR TI-74AC11160DWR Datasheet
115Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE COUNTER
More results

同様の説明 - 74AC11160DWR

メーカー部品番号データシート部品情報
logo
Texas Instruments
74ACT11160 TI1-74ACT11160 Datasheet
127Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE COUNTER
74AC11160 TI-74AC11160 Datasheet
115Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE COUNTER
74AC11162 TI-74AC11162 Datasheet
126Kb / 10P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE COUNTER
logo
NXP Semiconductors
HEF40162B PHILIPS-HEF40162B Datasheet
166Kb / 10P
   4-bit synchronous decade counter with synchronous reset
January 1995
logo
Texas Instruments
SN74F168 TI1-SN74F168_08 Datasheet
155Kb / 10P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN DECADE COUNTER
logo
National Semiconductor ...
MM54C192 NSC-MM54C192 Datasheet
140Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter
logo
Texas Instruments
SN74F168 TI-SN74F168 Datasheet
130Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN DECADE COUNTER
logo
National Semiconductor ...
CD40192BM NSC-CD40192BM Datasheet
141Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter
logo
Fairchild Semiconductor
MM74C192 FAIRCHILD-MM74C192 Datasheet
62Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
CD40192BC FAIRCHILD-CD40192BC Datasheet
74Kb / 7P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com