データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM136H-5.0 データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM136H-5.0
部品情報  5.0V Reference Diode
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM136H-5.0 データシート(HTML) 4 Page - Texas Instruments

  LM136H-5.0 Datasheet HTML 1Page - Texas Instruments LM136H-5.0 Datasheet HTML 2Page - Texas Instruments LM136H-5.0 Datasheet HTML 3Page - Texas Instruments LM136H-5.0 Datasheet HTML 4Page - Texas Instruments LM136H-5.0 Datasheet HTML 5Page - Texas Instruments LM136H-5.0 Datasheet HTML 6Page - Texas Instruments LM136H-5.0 Datasheet HTML 7Page - Texas Instruments LM136H-5.0 Datasheet HTML 8Page - Texas Instruments LM136H-5.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
LM136-5.0QML, LM136A-5.0QML
SNVS352B – APRIL 2008 – REVISED MARCH 2013
www.ti.com
Absolute Maximum Ratings
(1)
Reverse Current
15mA
Forward Current
15mA
Storage Temperature
−60°C ≤ TA ≤ +150°C
Operating Temperature Range(2)
−55°C ≤ TA ≤ +125°C
Soldering Information (10 Seconds)
300°C
Maximum Junction Temperature (TJmax)
150°C
Thermal Resistance
θJA
Still Air Flow
354°C/W
500LF/Min Air Flow
77°C/W
θJC
46°C/W
ESD Rating
(3)
1,000 V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(2)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax (maximum junction temperature),
θJA (package junction to ambient thermal resistance), and TA (ambient temperature). The maximum allowable power dissipation at any
temperature is PDmax = (TJmax - TA)/θJA or the number given in the Absolute Maximum Ratings, whichever is lower.
(3)
Human body model, 100pF discharged through 1.5K
Table 1. Quality Conformance Inspection(1)
Subgroup
Description
Temp°C
1
Static tests at
+25
2
Static tests at
+125
3
Static tests at
-55
4
Dynamic tests at
+25
5
Dynamic tests at
+125
6
Dynamic tests at
-55
7
Functional tests at
+25
8A
Functional tests at
+125
8B
Functional tests at
-55
9
Switching tests at
+25
10
Switching tests at
+125
11
Switching tests at
-55
12
Settling time at
+25
13
Settling time at
+125
14
Settling time at
-55
(1)
Mil-Std-883, Method 5005 - Group A
4
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM136-5.0QML LM136A-5.0QML


同様の部品番号 - LM136H-5.0

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM136H-5.0 NSC-LM136H-5.0 Datasheet
216Kb / 11P
   5.0V Reference Diode
LM136H-5.0 NSC-LM136H-5.0 Datasheet
261Kb / 12P
   5.0V Reference Diode
LM136H-5.0/883 NSC-LM136H-5.0/883 Datasheet
216Kb / 11P
   5.0V Reference Diode
LM136H-5.0/883 NSC-LM136H-5.0/883 Datasheet
261Kb / 12P
   5.0V Reference Diode
logo
Texas Instruments
LM136H-5.0/883 TI1-LM136H-5.0/883 Datasheet
293Kb / 16P
[Old version datasheet]   LM136A-5.0QML LM136-5.0QML 5.0V Reference Diode
More results

同様の説明 - LM136H-5.0

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM136-5.0 NSC-LM136-5.0 Datasheet
261Kb / 12P
   5.0V Reference Diode
LM136-50 NSC-LM136-50 Datasheet
216Kb / 11P
   5.0V Reference Diode
logo
Texas Instruments
LM136-5.0QML TI1-LM136-5.0QML Datasheet
293Kb / 16P
[Old version datasheet]   LM136A-5.0QML LM136-5.0QML 5.0V Reference Diode
LM136-5.0 TI-LM136-5.0_15 Datasheet
432Kb / 14P
[Old version datasheet]   LM136-5.0, LM236-5.0, LM336-5.0 5.0V Reference Diode
logo
Intersil Corporation
X60008B-50 INTERSIL-X60008B-50_06 Datasheet
293Kb / 14P
   Precision 5.0V FGA??Voltage Reference
X60008C-50 INTERSIL-X60008C-50 Datasheet
295Kb / 14P
   Precision 5.0V FGA Voltage Reference
X60008B-50 INTERSIL-X60008B-50 Datasheet
296Kb / 14P
   Precision 5.0V FGA Voltage Reference
X60008E-50 INTERSIL-X60008E-50 Datasheet
294Kb / 14P
   Precision 5.0V FGA Voltage Reference
X60008C-50 INTERSIL-X60008C-50_06 Datasheet
293Kb / 14P
   Precision 5.0V FGA??Voltage Reference
logo
Zetex Semiconductors
ZRT050 ZETEX-ZRT050 Datasheet
169Kb / 4P
   5.0V LOW POWER PRECISION REFERENCE SOURCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com