データシートサーチシステム |
|
SN74AHC16240DL データシート(PDF) 1 Page - Texas Instruments |
|
|
SN74AHC16240DL データシート(HTML) 1 Page - Texas Instruments |
1 / 14 page SN54AHC16240, SN74AHC16240 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS SCLS326G – MARCH 1996 – REVISED JANUARY 2000 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Members of the Texas Instruments Widebus ™ Family D EPIC ™ (Enhanced-Performance Implanted CMOS) Process D Operating Range 2-V to 5.5-V VCC D Distributed VCC and GND Pins Minimize High-Speed Switching Noise D Flow-Through Architecture Optimizes PCB Layout D Latch-Up Performance Exceeds 250 mA Per JESD 17 D Package Options Include Plastic Shrink Small-Outline (DL), Thin Shrink Small-Outline (DGG), and Thin Very Small-Outline (DGV) Packages and 380-mil Fine-Pitch Ceramic Flat (WD) Package Using 25-mil Center-to-Center Spacings description The ’AHC16240 devices are 16-bit buffers and line drivers designed specifically to improve the performance and density of 3-state memory address drivers, clock drivers, and bus-oriented receivers and transmitters. These devices can be used as four 4-bit buffers, two 8-bit buffers, or one 16-bit buffer. They provide inverting outputs and symmetrical active-low output-enable (OE) inputs. To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver. The SN54AHC16240 is characterized for operation over the full military temperature range of –55 °C to 125°C. The SN74AHC16240 is characterized for operation from –40 °C to 85°C. FUNCTION TABLE (each 4-bit buffer/driver) INPUTS OUTPUT OE A Y L H L L LH H X Z Copyright © 2000, Texas Instruments Incorporated UNLESS OTHERWISE NOTED this document contains PRODUCTION DATA information current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. EPIC and Widebus are trademarks of Texas Instruments Incorporated. SN54AHC16240 . . . WD PACKAGE SN74AHC16240 . . . DGG, DGV, OR DL PACKAGE (TOP VIEW) 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 1OE 1Y1 1Y2 GND 1Y3 1Y4 VCC 2Y1 2Y2 GND 2Y3 2Y4 3Y1 3Y2 GND 3Y3 3Y4 VCC 4Y1 4Y2 GND 4Y3 4Y4 4OE 2OE 1A1 1A2 GND 1A3 1A4 VCC 2A1 2A2 GND 2A3 2A4 3A1 3A2 GND 3A3 3A4 VCC 4A1 4A2 GND 4A3 4A4 3OE |
同様の部品番号 - SN74AHC16240DL |
|
同様の説明 - SN74AHC16240DL |