データシートサーチシステム |
|
CD4066BM96 データシート(PDF) 1 Page - Texas Instruments |
|
|
CD4066BM96 データシート(HTML) 1 Page - Texas Instruments |
1 / 25 page CD4066B CMOS QUAD BILATERAL SWITCH SCHS051D − NOVEMBER 1998 − REVISED SEPTEMBER 2003 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D 15-V Digital or ±7.5-V Peak-to-Peak Switching D 125-Ω Typical On-State Resistance for 15-V Operation D Switch On-State Resistance Matched to Within 5 Ω Over 15-V Signal-Input Range D On-State Resistance Flat Over Full Peak-to-Peak Signal Range D High On/Off Output-Voltage Ratio: 80 dB Typical at fis = 10 kHz, RL = 1 kΩ D High Degree of Linearity: <0.5% Distortion Typical at fis = 1 kHz, Vis = 5 V p-p, VDD − VSS ≥ 10 V, RL = 10 kΩ D Extremely Low Off-State Switch Leakage, Resulting in Very Low Offset Current and High Effective Off-State Resistance: 10 pA Typical at VDD − VSS = 10 V, TA = 25°C D Extremely High Control Input Impedance (Control Circuit Isolated From Signal Circuit): 1012 Ω Typical D Low Crosstalk Between Switches: −50 dB Typical at fis = 8 MHz, RL = 1 kΩ D Matched Control-Input to Signal-Output Capacitance: Reduces Output Signal Transients D Frequency Response, Switch On = 40 MHz Typical D 100% Tested for Quiescent Current at 20 V D 5-V, 10-V, and 15-V Parametric Ratings D Meets All Requirements of JEDEC Tentative Standard No. 13-B, Standard Specifications for Description of “B” Series CMOS Devices D Applications: − Analog Signal Switching/Multiplexing: Signal Gating, Modulator, Squelch Control, Demodulator, Chopper, Commutating Switch − Digital Signal Switching/Multiplexing − Transmission-Gate Logic Implementation − Analog-to-Digital and Digital-to-Analog Conversion − Digital Control of Frequency, Impedance, Phase, and Analog-Signal Gain description/ordering information The CD4066B is a quad bilateral switch intended for the transmission or multiplexing of analog or digital signals. It is pin-for-pin compatible with the CD4016B, but exhibits a much lower on-state resistance. In addition, the on-state resistance is relatively constant over the full signal-input range. The CD4066B consists of four bilateral switches, each with independent controls. Both the p and the n devices in a given switch are biased on or off simultaneously by the control signal. As shown in Figure 1, the well of the n-channel device on each switch is tied to either the input (when the switch is on) or to VSS (when the switch is off). This configuration eliminates the variation of the switch-transistor threshold voltage with input signal and, thus, keeps the on-state resistance low over the full operating-signal range. The advantages over single-channel switches include peak input-signal voltage swings equal to the full supply voltage and more constant on-state impedance over the input-signal range. However, for sample-and-hold applications, the CD4016B is recommended. Copyright 2003, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 1 2 3 4 5 6 7 14 13 12 11 10 9 8 SIG A IN/OUT SIG A OUT/IN SIG B OUT/IN SIG B IN/OUT CONTROL B CONTROL C VSS VDD CONTROL A CONTROL D SIG D IN/OUT SIG D OUT/IN SIG C OUT/IN SIG C IN/OUT E, F, M, NS, OR PW PACKAGE (TOP VIEW) |
同様の部品番号 - CD4066BM96 |
|
同様の説明 - CD4066BM96 |