データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD4097BPW データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 CD4097BPW
部品情報  CMOS Analog Multiplexers/Demultiplexers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CD4097BPW データシート(HTML) 8 Page - Texas Instruments

Back Button CD4097BPW Datasheet HTML 4Page - Texas Instruments CD4097BPW Datasheet HTML 5Page - Texas Instruments CD4097BPW Datasheet HTML 6Page - Texas Instruments CD4097BPW Datasheet HTML 7Page - Texas Instruments CD4097BPW Datasheet HTML 8Page - Texas Instruments CD4097BPW Datasheet HTML 9Page - Texas Instruments CD4097BPW Datasheet HTML 10Page - Texas Instruments CD4097BPW Datasheet HTML 11Page - Texas Instruments CD4097BPW Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
15-Oct-2015
Addendum-Page 2
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.
OTHER QUALIFIED VERSIONS OF CD4067B, CD4067B-MIL, CD4097B, CD4097B-MIL :
Catalog: CD4067B, CD4097B
Military: CD4067B-MIL, CD4097B-MIL


同様の部品番号 - CD4097BPW

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD4097BPW TI-CD4097BPW Datasheet
528Kb / 15P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers
CD4097BPW TI-CD4097BPW Datasheet
1,023Kb / 17P
[Old version datasheet]   CMOS Analog Multiplesers Demultiplexers
CD4097BPWE4 TI-CD4097BPWE4 Datasheet
1,023Kb / 17P
[Old version datasheet]   CMOS Analog Multiplesers Demultiplexers
CD4097BPWG4 TI-CD4097BPWG4 Datasheet
1,023Kb / 17P
[Old version datasheet]   CMOS Analog Multiplesers Demultiplexers
CD4097BPWR TI-CD4097BPWR Datasheet
528Kb / 15P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers
More results

同様の説明 - CD4097BPW

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CD4051BMS INTERSIL-CD4051BMS Datasheet
149Kb / 12P
   CMOS Analog Multiplexers/Demultiplexers
December 1992
logo
Texas Instruments
CD4067B TI-CD4067B Datasheet
528Kb / 15P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers
CD4051B-Q1 TI1-CD4051B-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   CMOS ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Renesas Technology Corp
CD4051BMS RENESAS-CD4051BMS Datasheet
452Kb / 12P
   CMOS Analog Multiplexers/Demultiplexers*
December 1992
logo
Intersil Corporation
CD4067BMS INTERSIL-CD4067BMS Datasheet
105Kb / 10P
   CMOS Analog Multiplexers/Demultiplexers
December 1992
logo
ON Semiconductor
MC14067B ONSEMI-MC14067B_11 Datasheet
134Kb / 9P
   Analog Multiplexers/Demultiplexers
June, 2011 ??Rev. 7
MC74VHC4051 ONSEMI-MC74VHC4051_14 Datasheet
159Kb / 16P
   Analog Multiplexers / Demultiplexers
September, 2014 ??Rev. 7
MC14067B ONSEMI-MC14067B_05 Datasheet
124Kb / 10P
   Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
MC74HC4051A ONSEMI-MC74HC4051A Datasheet
400Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 1
MC74HCT4051A ONSEMI-MC74HCT4051A_11 Datasheet
207Kb / 16P
   Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com