データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM26C32 データシート(PDF) 5 Page - Texas Instruments

部品番号 AM26C32
部品情報  AM26C32 Quadruple Differential Line Receiver
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

AM26C32 データシート(HTML) 5 Page - Texas Instruments

  AM26C32_15 Datasheet HTML 1Page - Texas Instruments AM26C32_15 Datasheet HTML 2Page - Texas Instruments AM26C32_15 Datasheet HTML 3Page - Texas Instruments AM26C32_15 Datasheet HTML 4Page - Texas Instruments AM26C32_15 Datasheet HTML 5Page - Texas Instruments AM26C32_15 Datasheet HTML 6Page - Texas Instruments AM26C32_15 Datasheet HTML 7Page - Texas Instruments AM26C32_15 Datasheet HTML 8Page - Texas Instruments AM26C32_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
AM26C32
www.ti.com
SLLS104K – DECEMBER 1990 – REVISED JUNE 2015
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VIC = –7 V to 7 V
0.2
Differential input high-threshold
VO = VOH(min), IOH = –440
VIT+
V
voltage
µA
VIC = 0 V to 5.5 V
0.1
VIC = –7 V to 7 V
–0.2(2)
Differential input low-threshold
VIT–
VO = 0.45 V, IOL = 8 mA
V
voltage
VIC = 0 V to 5.5 V
–0.1(2)
Vhys
Hysteresis voltage (VIT+ – VIT−)
60
mV
VIK
Enable input clamp voltage
VCC = 4.5 V, II = –18 mA
–1.5
V
VOH
High-level output voltage
VID = 200 mV, IOH = –6 mA
3.8
V
VOL
Low-level output voltage
VID = –200 mV, IOL = 6 mA
0.2
0.3
V
OFF-state (high-impedance state)
IOZ
VO = VCC or GND
±0.5
±5
µA
output current
VI = 10 V, Other input at 0 V
1.5
μA
II
Line input current
VI = –10 V, Other input at 0 V
–2.5
μA
IIH
High-level enable current
VI = 2.7 V
20
μA
IIL
Low-level enable current
VI = 0.4 V
–100
μA
ri
Input resistance
One input to ground
12
17
k
Ω
ICC
Quiescent supply current
VCC = 5.5 V
10
15
mA
(1)
All typical values are at VCC = 5 V, VIC = 0, and TA = 25°C.
(2)
The algebraic convention, in which the less positive (more negative) limit is designated minimum, is used in this data sheet for common-
mode input voltage.
6.6 Switching Characteristics
over operating free-air temperature range, CL = 50 pF (unless otherwise noted)
AM26C32C
AM26C32Q
AM26C32I
AM26C32M
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP(1)
MAX
MIN
TYP(1)
MAX
tPLH
Propagation delay time,
9
17
27
9
17
27
ns
low- to high-level
output
See Figure 2
tPHL
Propagation delay time,
9
17
27
9
17
27
ns
high- to low-level
output
tTLH
Output transition time,
4
9
4
10
ns
low- to high-level
output
See Figure 2
tTHL
Output transition time,
4
9
4
9
ns
high- to low-level
output
tPZH
Output enable time to
13
22
13
22
ns
high-level
See Figure 3
tPZL
Output enable time to
13
22
13
22
ns
low-level
tPHZ
Output disable time
13
22
13
26
ns
from high-level
See Figure 3
tPLZ
Output disable time
13
22
13
25
ns
from low-level
(1)
All typical values are at VCC = 5 V, TA = 25°C.
Copyright © 1990–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: AM26C32


同様の部品番号 - AM26C32_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
AM26C32 TI1-AM26C32_18 Datasheet
1Mb / 31P
[Old version datasheet]   Quadruple Differential Line Receiver
More results

同様の説明 - AM26C32_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
AM26C32 TI1-AM26C32_V01 Datasheet
1Mb / 36P
[Old version datasheet]   AM26C32 Quadruple Differential Line Receiver
REVISED OCTOBER 2018
AM26C32 TI-AM26C32_V02 Datasheet
1Mb / 37P
[Old version datasheet]   AM26C32 Quadruple Differential Line Receiver
REVISED OCTOBER 2023
AM26C32-EP TI1-AM26C32-EP_16 Datasheet
170Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32 Datasheet
541Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS193 TI-SN75ALS193 Datasheet
162Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32_07 Datasheet
691Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS197NSR TI1-SN75ALS197NSR Datasheet
793Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI1-AM26C32_18 Datasheet
1Mb / 31P
[Old version datasheet]   Quadruple Differential Line Receiver
SN75ALS199 TI1-SN75ALS199_14 Datasheet
526Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32-EP TI1-AM26C32-EP Datasheet
164Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com