データシートサーチシステム |
|
AM1707 データシート(PDF) 10 Page - Texas Instruments |
|
AM1707 データシート(HTML) 10 Page - Texas Instruments |
10 / 200 page AM1707 SPRS637E – FEBRUARY 2010 – REVISED JUNE 2014 www.ti.com This device uses ETM9™ version r2p2 and ETB version r0p1. Documentation on the ETM and ETB is available from ARM Ltd. Reference the ' CoreSight™ ETM9™ Technical Reference Manual, revision r0p1' and the 'ETM9 Technical Reference Manual, revision r2p2'. 3.3.7 ARM Memory Mapping By default the ARM has access to most on and off chip memory areas, EMIFA, EMIFB, and the additional 128K byte on chip SRAM. Likewise almost all of the on chip peripherals are accessible to the ARM by default. To improve security and/or robustness, the device has extensive memory and peripheral protection units which can be configured to limit access rights to the various on/off chip resources to specific hosts; including the ARM as well as other master peripherals. This allows the system tasks to be partitioned between the ARM and DSP as best suites the particular application; while enhancing the overall robustness of the solution. See Table 3-2 for a detailed top level device memory map that includes the ARM memory space. 10 Device Overview Copyright © 2010–2014, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: AM1707 |
同様の部品番号 - AM1707_16 |
|
同様の説明 - AM1707_16 |