データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM1707BZKBA3 データシート(PDF) 8 Page - Texas Instruments

部品番号 AM1707BZKBA3
部品情報  AM1707 ARM짰 Microprocessor
Download  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

AM1707BZKBA3 データシート(HTML) 8 Page - Texas Instruments

Back Button AM1707BZKBA3 Datasheet HTML 4Page - Texas Instruments AM1707BZKBA3 Datasheet HTML 5Page - Texas Instruments AM1707BZKBA3 Datasheet HTML 6Page - Texas Instruments AM1707BZKBA3 Datasheet HTML 7Page - Texas Instruments AM1707BZKBA3 Datasheet HTML 8Page - Texas Instruments AM1707BZKBA3 Datasheet HTML 9Page - Texas Instruments AM1707BZKBA3 Datasheet HTML 10Page - Texas Instruments AM1707BZKBA3 Datasheet HTML 11Page - Texas Instruments AM1707BZKBA3 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 200 page
background image
AM1707
SPRS637E – FEBRUARY 2010 – REVISED JUNE 2014
www.ti.com
The ARM Subsystem includes the following features:
ARM926EJ-S RISC processor
ARMv5TEJ (32/16-bit) instruction set
Little endian
System Control Co-Processor 15 (CP15)
MMU
16KB Instruction cache
16KB Data cache
Write Buffer
Embedded Trace Module and Embedded Trace Buffer (ETM/ETB)
ARM Interrupt controller
3.3.1
ARM926EJ-S RISC CPU
The ARM Subsystem integrates the ARM926EJ-S processor. The ARM926EJ-S processor is a member of
ARM9 family of general-purpose microprocessors. This processor is targeted at multi-tasking applications
where full memory management, high performance, low die size, and low power are all important. The
ARM926EJ-S processor supports the 32-bit ARM and 16 bit THUMB instruction sets, enabling the user to
trade off between high performance and high code density. Specifically, the ARM926EJ-S processor
supports the ARMv5TEJ instruction set, which includes features for efficient execution of Java byte codes,
providing Java performance similar to Just in Time (JIT) Java interpreter, but without associated code
overhead.
The ARM926EJ-S processor supports the ARM debug architecture and includes logic to assist in both
hardware and software debug. The ARM926EJ-S processor has a Harvard architecture and provides a
complete high performance subsystem, including:
ARM926EJ -S integer core
CP15 system control coprocessor
Memory Management Unit (MMU)
Separate instruction and data caches
Write buffer
Separate instruction and data (internal RAM) interfaces
Separate instruction and data AHB bus interfaces
Embedded Trace Module and Embedded Trace Buffer (ETM/ETB)
For more complete details on the ARM9, refer to the ARM926EJ-S Technical Reference Manual, available
at http://www.arm.com
3.3.2
CP15
The ARM926EJ-S system control coprocessor (CP15) is used to configure and control instruction and
data caches, Memory Management Unit (MMU), and other ARM subsystem functions. The CP15 registers
are programmed using the MRC and MCR ARM instructions, when the ARM in a privileged mode such as
supervisor or system mode.
3.3.3
MMU
A single set of two level page tables stored in main memory is used to control the address translation,
permission checks and memory region attributes for both data and instruction accesses. The MMU uses a
single unified Translation Lookaside Buffer (TLB) to cache the information held in the page tables. The
MMU features are:
Standard ARM architecture v4 and v5 MMU mapping sizes, domains and access protection scheme.
8
Device Overview
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM1707


同様の部品番号 - AM1707BZKBA3

メーカー部品番号データシート部品情報
logo
Texas Instruments
AM1707BZKBA3 TI-AM1707BZKBA3 Datasheet
1Mb / 198P
[Old version datasheet]   AM1707 ARM Microprocessor
AM1707BZKBA3 TI-AM1707BZKBA3 Datasheet
1Mb / 198P
[Old version datasheet]   AM1707 ARM Microprocessor
AM1707BZKBA3 TI-AM1707BZKBA3 Datasheet
999Kb / 155P
[Old version datasheet]   AM1705 ARM Microprocessor
AM1707BZKBA3 TI-AM1707BZKBA3 Datasheet
1Mb / 199P
[Old version datasheet]   ARM Microprocessor
More results

同様の説明 - AM1707BZKBA3

メーカー部品番号データシート部品情報
logo
Texas Instruments
AM1707 TI-AM1707_15 Datasheet
1Mb / 200P
[Old version datasheet]   AM1707 ARM짰 Microprocessor
AM1707 TI-AM1707 Datasheet
1Mb / 198P
[Old version datasheet]   AM1707 ARM Microprocessor
AM1707_1004 TI-AM1707_1004 Datasheet
1Mb / 198P
[Old version datasheet]   AM1707 ARM Microprocessor
AM1705 TI1-AM1705_16 Datasheet
1Mb / 165P
[Old version datasheet]   AM1705 ARM짰 Microprocessor
AM1808 TI1-AM1808_16 Datasheet
1Mb / 265P
[Old version datasheet]   AM1808 ARM짰 Microprocessor
AM1705 TI-AM1705_15 Datasheet
1Mb / 165P
[Old version datasheet]   AM1705 ARM짰 Microprocessor
AM1802 TI-AM1802_15 Datasheet
1Mb / 182P
[Old version datasheet]   AM1802 ARM짰 Microprocessor
AM1806 TI1-AM1806_16 Datasheet
1Mb / 245P
[Old version datasheet]   AM1806 ARM짰 Microprocessor
AM1802 TI1-AM1802_16 Datasheet
1Mb / 182P
[Old version datasheet]   AM1802 ARM짰 Microprocessor
AM1806 TI-AM1806_15 Datasheet
1Mb / 245P
[Old version datasheet]   AM1806 ARM짰 Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com