データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AC11175 データシート(PDF) 3 Page - Texas Instruments

部品番号 74AC11175
部品情報  QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

74AC11175 データシート(HTML) 3 Page - Texas Instruments

  74AC11175 Datasheet HTML 1Page - Texas Instruments 74AC11175 Datasheet HTML 2Page - Texas Instruments 74AC11175 Datasheet HTML 3Page - Texas Instruments 74AC11175 Datasheet HTML 4Page - Texas Instruments 74AC11175 Datasheet HTML 5Page - Texas Instruments 74AC11175 Datasheet HTML 6Page - Texas Instruments 74AC11175 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
54AC11175, 74AC11175
QUADRUPLE D-TYPE FLIP-FLOPS
WITH CLEAR
SCAS090 – DECEMBER 1989 – REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
2–3
recommended operating conditions
54AC11175
74AC11175
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
5
5.5
3
5
5.5
V
VCC = 3 V
2.1
2.1
VIH
High-level input voltage
VCC = 4.5 V
3.15
3.15
V
VCC = 5.5 V
3.85
3.85
VCC = 3 V
0.9
0.9
VIL
Low-level input voltage
VCC = 4.5 V
1.35
1.35
V
VCC = 5.5 V
1.65
1.65
VCC = 3 V
–4
–4
IOH
High-level output current
VCC = 4.5 V
–24
–24
mA
VCC = 5.5 V
–24
–24
VCC = 3 V
12
12
IOL
Low-level output current
VCC = 4.5 V
24
24
mA
VCC = 5.5 V
24
24
VI
Input voltage
0
VCC
0
VCC
V
VO
Output voltage
0
VCC
0
VCC
V
Dt/Dv
Input transition rise or fall rate
0
10
0
10
ns/ V
TA
Operating free-air temperature
–55
125
–40
85
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
TA =25°C
54AC11175
74AC11175
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
54AC11175
74AC11175
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
3 V
2.9
2.9
2.9
IOH = – 50 mA
4.5 V
4.4
4.4
4.4
5.5 V
5.4
5.4
5.4
VOH
IOH = – 4 mA
3 V
2.58
2.4
2.48
V
VOH
IOH =24 mA
4.5 V
3.94
3.7
3.8
V
IOH = – 24 mA
5.5 V
4.94
4.7
4.8
IOH = – 50 mA{
5.5 V
3.85
IOH = – 75 mA{
5.5V
3.85
3 V
0.1
0.1
0.1
IOL = 50 mA
4.5 V
0.1
0.1
0.1
5.5 V
0.1
0.1
0.1
VOL
IOL = 12 mA
3 V
0.36
0.5
0.44
V
VOL
IOL =24mA
4.5 V
0.36
0.5
0.44
V
IOL = 24 mA
5.5 V
0.36
0.5
0.44
IOL = 50 mA
5.5 V
1.65
IOL = 75 mA{
5.5 V
1.65
II
VI = VCC or GND
5.5 V
±0.1
±1
±1
mA
ICC
VI = VCC or GND,
IO = 0
5.5 V
8
160
80
mA
Ci
VI = VCC or GND
5 V
4
pF
† Not more than one output should be tested at a time, and the duration of the test should not exceed 10 ms.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


同様の部品番号 - 74AC11175

メーカー部品番号データシート部品情報
logo
Texas Instruments
74AC11175 TI1-74AC11175 Datasheet
130Kb / 7P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
74AC11175DW TI1-74AC11175DW Datasheet
130Kb / 7P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
74AC11175DWR TI1-74AC11175DWR Datasheet
130Kb / 7P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
74AC11175N TI1-74AC11175N Datasheet
130Kb / 7P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
More results

同様の説明 - 74AC11175

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54HC175 TI-SN54HC175 Datasheet
93Kb / 6P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54LS171 TI-SN54LS171 Datasheet
127Kb / 4P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54LV175A TI-SN54LV175A Datasheet
362Kb / 15P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54F175 TI-SN54F175 Datasheet
72Kb / 5P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54LV175A TI-SN54LV175A_08 Datasheet
541Kb / 17P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54LV175A TI-SN54LV175A_07 Datasheet
512Kb / 17P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC175 TI1-SN54HC175_16 Datasheet
910Kb / 21P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
54AC11175 TI1-54AC11175_09 Datasheet
130Kb / 7P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC175 TI-SN54HC175_07 Datasheet
582Kb / 16P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN74ALS175 TI-SN74ALS175 Datasheet
148Kb / 2P
[Old version datasheet]   HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com