データシートサーチシステム |
|
DAC082S085 データシート(PDF) 7 Page - Texas Instruments |
|
|
DAC082S085 データシート(HTML) 7 Page - Texas Instruments |
7 / 31 page 7 DAC082S085 www.ti.com SNAS365G – MAY 2006 – REVISED JUNE 2016 Product Folder Links: DAC082S085 Submit Documentation Feedback Copyright © 2006–2016, Texas Instruments Incorporated Electrical Characteristics (continued) The following specifications apply for VA = 2.7 V to 5.5 V, VREFIN = VA, CL = 200 pF to GND, fSCLK = 30 MHz, input code range 3 to 252. All limits are at TA = 25°C, unless otherwise specified. (1) PARAMETER TEST CONDITIONS MIN TYP (2) MAX UNIT ZOUT DC output impedance 7.5 Ω REFERENCE INPUT CHARACTERISTICS VREFIN Input range minimum TA = 25°C 0.2 V TMIN ≤ TA ≤ TMAX 1 Input range maximum TMIN ≤ TA ≤ TMAX VA Input impedance 60 k Ω LOGIC INPUT CHARACTERISTICS IIN Input current (3) TMIN ≤ TA ≤ TMAX ±1 µA VIL Input low voltage (3) VA = 3 V TA = 25°C 0.9 V TMIN ≤ TA ≤ TMAX 0.6 VA = 5 V TA = 25°C 1.5 TMIN ≤ TA ≤ TMAX 0.8 VIH Input high voltage (3) VA = 3 V TA = 25°C 1.4 V TMIN ≤ TA ≤ TMAX 2.1 VA = 5 V TA = 25°C 2.1 TMIN ≤ TA ≤ TMAX 2.4 CIN Input capacitance (3) TMIN ≤ TA ≤ TMAX 3 pF POWER REQUIREMENTS VA Supply voltage minimum TMIN ≤ TA ≤ TMAX 2.7 V Supply voltage maximum TMIN ≤ TA ≤ TMAX 5.5 IN Normal supply current (output unloaded) fSCLK = 30 MHz VA = 2.7 V to 3.6 V TA = 25°C 210 µA TMIN ≤ TA ≤ TMAX 270 VA = 4.5 V to 5.5 V TA = 25°C 320 TMIN ≤ TA ≤ TMAX 410 fSCLK = 0 VA = 2.7 V to 3.6 V 190 VA = 4.5 V to 5.5 V 290 IPD Power down supply current (output unloaded, SYNC = DIN = 0 V after PD mode loaded) All PD Modes (3) VA = 2.7 V to 3.6 V TA = 25°C 0.1 µA TMIN ≤ TA ≤ TMAX 1 VA = 4.5 V to 5.5 V TA = 25°C 0.15 µA TMIN ≤ TA ≤ TMAX 1 PN Normal supply power (output unloaded) fSCLK = 30 MHz VA = 2.7 V to 3.6 V TA = 25°C 0.6 mW TMIN ≤ TA ≤ TMAX 1 VA = 4.5 V to 5.5 V TA = 25°C 1.6 TMIN ≤ TA ≤ TMAX 2.3 fSCLK = 0 VA = 2.7 V to 3.6 V 0.6 VA = 4.5 V to 5.5 V 1.5 PPD Power down supply current (output unloaded, SYNC = DIN = 0 V after PD mode loaded) All PD Modes (3) VA = 2.7 V to 3.6 V TA = 25°C 0.3 µW TMIN ≤ TA ≤ TMAX 3.6 VA = 4.5 V to 5.5 V TA = 25°C 0.8 TMIN ≤ TA ≤ TMAX 5.5 |
同様の部品番号 - DAC082S085 |
|
同様の説明 - DAC082S085 |