データシートサーチシステム |
|
DAC9881 データシート(PDF) 2 Page - Texas Instruments |
|
|
DAC9881 データシート(HTML) 2 Page - Texas Instruments |
2 / 39 page ABSOLUTE MAXIMUM RATINGS (1) DAC9881 SBAS438A – MAY 2008 – REVISED AUGUST 2008 ......................................................................................................................................................... www.ti.com This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. ORDERING INFORMATION(1) RELATIVE DIFFERENTIAL SPECIFIED ACCURACY NONLINEARITY PACKAGE- PACKAGE TEMPERATURE PACKAGE PRODUCT (LSB) (LSB) LEAD DESIGNATOR RANGE MARKING DAC9881S ±3 –1/+2 QFN-24 RGE –40°C to +105°C DAC9881 DAC9881SB ±2 ±1 QFN-24 RGE –40°C to +105°C DAC9881B (1) For the most current package and ordering information, see the Package Option Addendum at the end of this data sheet, or see the TI website at www.ti.com. Over operating free-air temperature range (unless otherwise noted). PARAMETER DAC9881 UNIT AVDD to AGND –0.3 to 6 V IOVDD to DGND –0.3 to 6 V Digital input voltage to DGND –0.3 to IOVDD + 0.3 V VOUT to AGND –0.3 to AVDD + 0.3 V Operating temperature range –40 to +105 °C Storage temperature range –65 to +150 °C Maximum junction temperature (TJ max) +150 °C Thermal impedance ( θ JA) 46 °C/W Human body model (HBM) 3000 V ESD ratings Charged device model (CDM) 1000 V (1) Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to absolute maximum conditions for extended periods may affect device reliability. 2 Submit Documentation Feedback Copyright © 2008, Texas Instruments Incorporated Product Folder Link(s): DAC9881 |
同様の部品番号 - DAC9881 |
|
同様の説明 - DAC9881 |