データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5253BRU10 データシート(PDF) 5 Page - Analog Devices

部品番号 AD5253BRU10
部品情報  Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5253BRU10 データシート(HTML) 5 Page - Analog Devices

  AD5253BRU10 Datasheet HTML 1Page - Analog Devices AD5253BRU10 Datasheet HTML 2Page - Analog Devices AD5253BRU10 Datasheet HTML 3Page - Analog Devices AD5253BRU10 Datasheet HTML 4Page - Analog Devices AD5253BRU10 Datasheet HTML 5Page - Analog Devices AD5253BRU10 Datasheet HTML 6Page - Analog Devices AD5253BRU10 Datasheet HTML 7Page - Analog Devices AD5253BRU10 Datasheet HTML 8Page - Analog Devices AD5253BRU10 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AD5253/AD5254
Rev. 0 | Page 5 of 28
10 kΩ, 50 kΩ, 100 kΩ VERSIONS
VDD = +3 V± 10% or +5 V± 10%, VSS = 0 V or VDD/VSS = ±2.5 V ± 10%, VA = +VDD, VB = 0 V, –40°C < TA < +85°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
DC CHARACTERISTICS—RHEOSTAT MODE
Resolution
N
AD5253/AD5254
6/8
Bits
Resistor Differential
Nonlinearity2
R-DNL
RWB, RWA = NC, AD5253
−0.75
±0.1
+0.75
LSB
RWB, RWA = NC, AD5254
−1
±0.25
+1
LSB
Resistor Nonlinearity2
R-INL
RWB, RWA = NC, AD5253
−0.75
±0.25
+0.75
LSB
RWB, RWA = NC, AD5254
−2.5
±1
+2.5
LSB
Nominal Resistor Tolerance
∆RAB/RAB
TA = 25°C
−20
+20
%
Resistance Temperature
Coefficient
(∆RAB/RAB) × 106/∆T
650
ppm/°C
Wiper Resistance
RW
IW = 1 V/R, VDD = 5 V
75
130
IW = 1 V/R, VDD = 3 V
200
300
Channel Resistance
Matching
∆RAB1/∆RAB2
RAB = 10 kΩ, 50 kΩ
0.15
%
RAB = 100 kΩ
0.05
%
DC CHARACTERISTICS—POTENTIOMETER DIVIDER MODE
Differential Nonlinearity3
DNL
AD5253
−0.5
±0.1
+0.5
LSB
AD5254
−1
±0.3
+1
LSB
Integral Nonlinearity3
INL
AD5253
−0.5
±0.15
+0.5
LSB
AD5254
−1.5
±0.5
+1.5
LSB
Voltage Divider
Temperature Coefficient
(∆VW/VW) × 106/∆T
Code = Half scale
15
ppm/°C
Full-Scale Error
VWFSE
Code = Full scale, AD5253
−1
−0.3
0
LSB
Code = Full scale, AD5254
−3
−1
0
LSB
Zero-Scale Error
VWZSE
Code = Zero scale, AD5253
0
0.3
1
LSB
Code = Zero scale, AD5254
0
1.2
3
LSB
RESISTOR TERMINALS
Voltage Range4
VA, VB, VW
VSS
VDD
V
Capacitance5 Ax, Bx
CA, CB
f = 1 kHz, measured to GND,
Code = Half scale
85
pF
Capacitance5 Wx
CW
f = 1 kHz, measured to GND,
Code = Half scale
95
pF
Common-Mode Leakage
Current6
ICM
VA = VB = VDD/2
0.01
1
µA
DIGITAL INPUTS AND OUTPUTS
Input Logic High
VIH
VDD = 5 V, VSS = 0 V
2.4
V
VDD/VSS = +2.7 V/0 V or VDD/VSS = ±2.5 V
2.1
V
Input Logic Low
VIL
VDD = 5 V, VSS = 0 V
0.8
V
VDD/VSS = +2.7 V/0 V or VDD/VSS = ±2.5 V
0.6
V
Output Logic High (SDA)
VOH
RPULL-UP = 2.2 kΩ to VDD = 5 V, VSS = 0 V
4.9
V
Output Logic Low (SDA)
VOL
RPULL-UP = 2.2 kΩ to VDD = 5 V, VSS = 0 V
0.4
V
WP Leakage Current
IWP
WP = VDD
5
µA
A0 Leakage Current
IA0
A0 = GND
3
µA
Input Leakage Current
(Other than WP and A0)
II
VIN = 0 V or VDD
±1
µA
Input Capacitance5
CI
5
pF
POWER SUPPLIES
Single-Supply Power Range
VDD
VSS = 0 V
2.7
5.5
V
Dual-Supply Power Range
VDD/VSS
±2.25
±2.75
V
Positive Supply Current
IDD
VIH = VDD or VIL = GND
5
15
µA


同様の部品番号 - AD5253BRU10

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5253BRU10 AD-AD5253BRU10 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5253BRU10 AD-AD5253BRU10 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5253BRU10-RL7 AD-AD5253BRU10-RL7 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5253BRU10-RL7 AD-AD5253BRU10-RL7 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5253BRU100 AD-AD5253BRU100 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
More results

同様の説明 - AD5253BRU10

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5253 AD-AD5253_12 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5254BRUZ50 AD-AD5254BRUZ50 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5251 AD-AD5251 Datasheet
566Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
AD5251 AD-AD5251_12 Datasheet
575Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. D
AD5254 AD-AD5254_15 Datasheet
576Kb / 32P
   Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
AD5253 AD-AD5253_15 Datasheet
576Kb / 32P
   Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
AD5252 AD-AD5252 Datasheet
859Kb / 28P
   Dual 64-and 256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5251 AD-AD5251_15 Datasheet
575Kb / 28P
   Dual 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. D
AD5252 AD-AD5252_15 Datasheet
575Kb / 28P
   Dual 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. D
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
   Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com