データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD13HBH データシート(PDF) 3 Page - Jianghai Europe GmbH

部品番号 CD13HBH
部品情報  4000h at 85C
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JIANGHAI [Jianghai Europe GmbH]
ホームページ  http://www.jianghai-europe.com
Logo JIANGHAI - Jianghai Europe GmbH

CD13HBH データシート(HTML) 3 Page - Jianghai Europe GmbH

  CD13HBH Datasheet HTML 1Page - Jianghai Europe GmbH CD13HBH Datasheet HTML 2Page - Jianghai Europe GmbH CD13HBH Datasheet HTML 3Page - Jianghai Europe GmbH CD13HBH Datasheet HTML 4Page - Jianghai Europe GmbH CD13HBH Datasheet HTML 5Page - Jianghai Europe GmbH CD13HBH Datasheet HTML 6Page - Jianghai Europe GmbH CD13HBH Datasheet HTML 7Page - Jianghai Europe GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
12
Assistance needed? Please contact JiAnGHAi EuroPE GmbH +49 (0)2151 652088-72 or info@jianghai-europe.com
Part Number System
EC
G
1C
BP
101
M
B
E
160
A361
JExxxxx
Technology
Terminal
Type
Rated Voltage
Code
Series Code
Capacitance
Code
Capacitance
Tolerance
Mounting
Diameter
Length
For Terminal Code
see tables below Material Code
for Specials
only
EC = Electrolytic
Capacitor
Screw = G
For coding
please refer
to the pages
of ratings
CD 135 = BP
100 = 101 ±20%
= M Bolt
= B
36 = A
53 = 053
-
CD 136 = PK
1000 = 102 ±10%
= K No double sleeve
= N
40 = B
65 = 065
V=PCV Sleeve
CD 137 = PX
10000 = 103 +30 / -10% = Q 2 stoppers bracket+double sleeve* = I
51 = C
96 = 096
E=PET Sleeve
CD 138 = PC
+20 / -0% = R 3 stoppers bracket+double sleeve* = Y
64 = D 100 = 100
P=Polyolefin
CD 139 = BL
+20 / -10% = V No bracket, but double sleeve*
= D
77 = E 115 = 115
CD 13H = BH
+50 / -10% = T * Double sleeve for diameter ≥ 51 only
90 = F 236 = 236
CD 138S = WP
preferred
101 = G
CD 838 = ZT
Order Code Screw Type
Technical Specification Screw Type
Standard Housing
Bolt Housing
Order Code: I, Y, D, N
Order Code: B
Screw Definition
Hexagon-Head
M5x10
Hexagon-Head
M6x12
Hexagon-Head
M8x16
Terminal
Code
ØD
Screw Pitch P
d1
d2
h1
h2
A361
36
M5
12,7
8
11
6,8
1,8
A362
36
10 - 32
12,7
8
11
6,8
1,8
A511
51
M5
21,8
10
13,5
6,8
1,8
A512
51
10-32
21,8
8
11
2,5
0,5
D511
51
M5
21,8
10
13
5,5
0
A641
64
M5
28,2
10
15,5
7,3
2,3
A642
64
M5
28,2
15
20
7,3
3,5
A643
64
1/4 - 28
28,2
15
20
7,3
3,5
B641
64
1/4 - 28
28,2
17,2
0
6,4
0
D641
64
M5
28,2
13
15
7,14
0
E641
64
M5
28,2
10
15,5
6,8
1,8
A771
77
M5
31,4
10
15,5
6,3
1,3
A772
77
M6
31,4
10
15,5
6,3
1,3
B771
77
M6
31,4
17,2
0
3,17
0
B772
77
M6
31,4
17,2
0
6,4
0
B773
77
M8
31,4
17,2
0
3,17
0
B774
77
M5
31,4
17,2
0
6,4
0
B775
77
1/4-28
31,4
17,2
0
6,4
0
B778
77
M5
31,4
17,2
0
10,4/6,4
0
Terminal
Code
ØD
Screw Pitch P
d1
d2
h1
h2
C771
77
M5
31,4
17,2
0
3,5
0
C772
77
M6
31,4
17,2
0
3,5
0
C773
77
M5
31,4
17,2
0
5,5
0
C774
77
M5
31,4
17,2
0
6,4
0
C775
77
M6
31,4
17,2
0
6,4
0
D771
77
M5
31,4
13
15
6,4
0
F771
77
M6
31,4
13
15
6,4
0
F772
77
M5
31,4
13
15
6,4
0
A901
90
M5
31,4
10
15,5
6,3
1,3
A902
90
M6
31,4
10
15,5
6,3
1,3
B901
90
M6
31,4
17,2
0
6,4
0
B902
90
M5
31,4
17,2
0
6,4
0
B903
90
M5
31,4
17,2
0
10,4/6,4
0
C901
90
M5
31,4
17,2
0
6,4
0
C902
90
M6
31,4
17,2
0
6,4
0
D901
90
M5
31,4
10
13
5,5
0
E901
90
M6
31,4
15
17
8,6
2,4
F901
90
M6
31,4
13
15
6,4
0
A101
101
M8
41,5
17,2
21,5
11,0
6,0
preferred, other forms on request
in mm
Terminal A101 = A991, B774 = B776
B778 and B903 have different lengths h1 of each terminal.
Terminal A, B and F include potting glue. Terminal C, D and E are without glue (middle pin).
Extended cathode design only with terminal C, D. E possible.
Terminal Detail
∆ L = 0,6 mm
h1 see Terminal Table below
* add 0,5 mm for Double Sleeve (½ length)
order code: (Y, I, D)
N = Single Sleeve only
Ø D
Ø d
l
Ø 36
M8
12
≥ Ø 51
M12
16
in mm
Bolt:
Standard =
PVC Sleeve
Terminal Code
Mounting
Position: Screw capacitors need to be mounted into an upright position. If a horizontal position is needed please ensure the safety vent is located
on the highest position (12 o’clock).
Bolt: Maximum Torque M12: 12,5Nm
Terminal Screws: Maximum Torque M5: 3Nm M6: 6Nm


同様の部品番号 - CD13HBH

メーカー部品番号データシート部品情報
logo
Continental Device Indi...
CD13001 CDIL-CD13001 Datasheet
169Kb / 3P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
CD13001A CDIL-CD13001A Datasheet
169Kb / 3P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
CD13001B CDIL-CD13001B Datasheet
169Kb / 3P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
CD13001C CDIL-CD13001C Datasheet
169Kb / 3P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
CD13001D CDIL-CD13001D Datasheet
169Kb / 3P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results

同様の説明 - CD13HBH

メーカー部品番号データシート部品情報
logo
Jianghai Europe GmbH
CD804ZM JIANGHAI-CD804ZM Datasheet
644Kb / 8P
   4000h at 105째C
CD891ZJ JIANGHAI-CD891ZJ Datasheet
671Kb / 8P
   4000h at 85째C
CD71CNC JIANGHAI-CD71CNC Datasheet
1Mb / 4P
   1000h at 85C
CD71NP JIANGHAI-CD71NP Datasheet
1Mb / 4P
   2000h at 85C
CD29UCU JIANGHAI-CD29UCU Datasheet
642Kb / 8P
   6000h at 85C
CD117DL JIANGHAI-CD117DL Datasheet
1Mb / 3P
   2000h at 85C
CD138SWP JIANGHAI-CD138SWP Datasheet
683Kb / 7P
   15000h at 85C
CD13LPL JIANGHAI-CD13LPL Datasheet
959Kb / 4P
   Warranty of 20000h at 85C
CD11CCX JIANGHAI-CD11CCX Datasheet
1Mb / 4P
   Load life of 1000hours at 85C
logo
Kemet Corporation
ALS60A561KE550 KEMET-ALS60A561KE550 Datasheet
58Kb / 1P
   Capacitor, aluminum, 560 uF, /-20% Tol, -40/85C, 550V@85C
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com