データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD29UCU データシート(PDF) 4 Page - Jianghai Europe GmbH

部品番号 CD29UCU
部品情報  6000h at 85C
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JIANGHAI [Jianghai Europe GmbH]
ホームページ  http://www.jianghai-europe.com
Logo JIANGHAI - Jianghai Europe GmbH

CD29UCU データシート(HTML) 4 Page - Jianghai Europe GmbH

  CD29UCU Datasheet HTML 1Page - Jianghai Europe GmbH CD29UCU Datasheet HTML 2Page - Jianghai Europe GmbH CD29UCU Datasheet HTML 3Page - Jianghai Europe GmbH CD29UCU Datasheet HTML 4Page - Jianghai Europe GmbH CD29UCU Datasheet HTML 5Page - Jianghai Europe GmbH CD29UCU Datasheet HTML 6Page - Jianghai Europe GmbH CD29UCU Datasheet HTML 7Page - Jianghai Europe GmbH CD29UCU Datasheet HTML 8Page - Jianghai Europe GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
10
Assistance needed? Please contact JiAnGHAi EuroPE GmbH +49 (0)2151 652088-72 or info@jianghai-europe.com
Part Number System
Technical Specification Snap-In Type
2 Pin Type: T6P2 / T4P2 Standard
Standard Version: Self-Lock Terminal.
Other terminal types and styles on request.
For diameter øD ≥ 45mm the safety vent is typically placed at the side of the housing.
Terminal
T6
T4
Pin Length T
6,3 mm preferred
4,0 mm
Pin Detail l
3,5 mm preferred
2,5 mm
3 Pin Type: T4P3
4 Pin Type: T6P4 / T4P4 Standard
Standard Version: Non-Lock Terminal
For øD ≥ 30mm only.
Other terminal types and styles on request.
For diameter øD ≥ 45mm the safety vent is typically placed at the side of the housing.
Terminal
T6
T4
Pin Length T
6,3 mm preferred
4,0 mm
Pin Detail l
3,5 mm preferred
2,5 mm
For diameter øD ≥ 45mm the safety vent is typically placed at the side of the housing.


同様の部品番号 - CD29UCU

メーカー部品番号データシート部品情報
logo
celduc-relais
CD29 CELDUC-CD29 Datasheet
54Kb / 2P
   REED SWITCH DRY CONTACT CHANGE OVER
logo
Molex Electronics Ltd.
CD2901 MOLEX4-CD2901 Datasheet
129Kb / 3P
   InsulKrimp??Quick Disconnect
CD2903 MOLEX4-CD2903 Datasheet
2Mb / 3P
   InsulKrimp??Quick Disconnect
CD2903 MOLEX4-CD2903 Datasheet
2Mb / 3P
   InsulKrimp??Quick Disconnect
logo
Jianghai Europe GmbH
CD293BZ JIANGHAI-CD293BZ Datasheet
816Kb / 5P
   EC Snap-In Standard 85째C 4.000h Lifetime (Snap-In)
More results

同様の説明 - CD29UCU

メーカー部品番号データシート部品情報
logo
Jianghai Europe GmbH
CD71CNC JIANGHAI-CD71CNC Datasheet
1Mb / 4P
   1000h at 85C
CD13HBH JIANGHAI-CD13HBH Datasheet
681Kb / 7P
   4000h at 85C
CD71NP JIANGHAI-CD71NP Datasheet
1Mb / 4P
   2000h at 85C
CD117DL JIANGHAI-CD117DL Datasheet
1Mb / 3P
   2000h at 85C
CD138SWP JIANGHAI-CD138SWP Datasheet
683Kb / 7P
   15000h at 85C
CD13LPL JIANGHAI-CD13LPL Datasheet
959Kb / 4P
   Warranty of 20000h at 85C
CD11CCX JIANGHAI-CD11CCX Datasheet
1Mb / 4P
   Load life of 1000hours at 85C
logo
Kemet Corporation
ALS60A561KE550 KEMET-ALS60A561KE550 Datasheet
58Kb / 1P
   Capacitor, aluminum, 560 uF, /-20% Tol, -40/85C, 550V@85C
logo
United Chemi-Con, Inc.
ELLA500E CHEMI-CON-ELLA500E Datasheet
54Kb / 2P
   Low leakage current, 85C
logo
Kemet Corporation
ALS70A114KF040 KEMET-ALS70A114KF040 Datasheet
79Kb / 1P
   Aluminum Electrolytic, 85C, ALS70, 0.11 F, 20%, 40 V, -40/85C
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com