データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LF156MD8 データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 LF156MD8
部品情報  JFET Input Operational Amplifiers
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LF156MD8 データシート(HTML) 5 Page - Texas Instruments

  LF156MD8 Datasheet HTML 1Page - Texas Instruments LF156MD8 Datasheet HTML 2Page - Texas Instruments LF156MD8 Datasheet HTML 3Page - Texas Instruments LF156MD8 Datasheet HTML 4Page - Texas Instruments LF156MD8 Datasheet HTML 5Page - Texas Instruments LF156MD8 Datasheet HTML 6Page - Texas Instruments LF156MD8 Datasheet HTML 7Page - Texas Instruments LF156MD8 Datasheet HTML 8Page - Texas Instruments LF156MD8 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
LF155, LF156, LF256, LF257
LF355, LF356, LF357
www.ti.com
SNOSBH0D – MAY 2000 – REVISED NOVEMBER 2015
6.4 Thermal Information
LF155, LF156, LF355, LF357
LF356
D
THERMAL METRIC(1)
P (PDIP)
LMC (TO-99)
P (PDIP)
UNIT
(SOIC)
8 PINS
8 PINS
8 PINS
8 PINS
Junction-to-ambient thermal resistance
130
195
55.2
RθJA
Still Air
160
°C/W
400 LF/Min Air Flow
65
RθJC(top)
Junction-to-case (top) thermal resistance
23
44.5
°C/W
RθJB
Junction-to-board thermal resistance
32.4
°C/W
ψJT
Junction-to-top characterization parameter
21.7
°C/W
ψJB
Junction-to-board characterization parameter
32.3
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 AC Electrical Characteristics, TA = TJ = 25°C, VS = ±15 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LFx55
5
LF15x: AV = 1
LFx56, LF356B
7.5
SR
Slew Rate
V/
μs
LFx56, LF356B
12
LF357: AV = 5
LFx57
50
LFx55
2.5
Gain Bandwidth
GBW
LFx56, LF356B
5
MHz
Product
LFx57
20
LFx55
4
Settling Time to
ts
LFx56, LF356B
1.5
μs
0.01%(1)
LFx57
1.5
LFx55
25
f = 100 Hz
LFx56, LF356B
15
nV/
√Hz
LFx57
15
Equivalent Input
en
RS = 100 Ω
Noise Voltage
LFx55
20
f = 1000 Hz
LFx56, LF356B
12
nV/
√Hz
LFx57
12
LFx55
f = 100 Hz
LFx56, LF356B
0.01
pA/
√Hz
LFx57
Equivalent Input
in
Current Noise
LFx55
f = 1000 Hz
LFx56, LF356B
0.01
pA/
√Hz
LFx57
LFx55
Input
CIN
LFx56, LF356B
3
pF
Capacitance
LFx57
(1)
Settling time is defined here, for a unity gain inverter connection using 2-k
Ω resistors for the LF15x. It is the time required for the error
voltage (the voltage at the inverting input pin on the amplifier) to settle to within 0.01% of its final value from the time a 10-V step input is
applied to the inverter. For the LF357, AV = −5, the feedback resistor from output to input is 2 kΩ and the output step is 10 V (See
Settling Time Test Circuit).
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
LF156 LF256 LF356


同様の部品番号 - LF156MD8

メーカー部品番号データシート部品情報
logo
STMicroelectronics
LF156 STMICROELECTRONICS-LF156 Datasheet
250Kb / 14P
   WIDE BANDWIDTH SINGLE J-FET OPERATIONAL AMPLIFIERS
logo
Linear Technology
LF156 LINER-LF156 Datasheet
422Kb / 4P
   JFET-Input Operational Amplifiers Low Supply Current High Speed
logo
National Semiconductor ...
LF156 NSC-LF156 Datasheet
1Mb / 23P
   JFET Input Operational Amplifiers
LF156 NSC-LF156 Datasheet
543Kb / 15P
   Series Monolithic JFET Input Operational Amplifiers
logo
Texas Instruments
LF156 TI-LF156 Datasheet
2Mb / 32P
[Old version datasheet]   LF155/LF156/LF256/LF257/LF355/LF356/LF357 JFET Input Operational Amplifiers
More results

同様の説明 - LF156MD8

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL080 TI-TL080 Datasheet
368Kb / 19P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081 Datasheet
463Kb / 29P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN_13 Datasheet
1Mb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
TL081 TI1-TL081 Datasheet
2Mb / 50P
[Old version datasheet]   JFET-Input Operational Amplifiers
TL091 TI-TL091 Datasheet
610Kb / 8P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN Datasheet
998Kb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
LF256H TI-LF256H Datasheet
2Mb / 32P
[Old version datasheet]   JFET Input Operational Amplifiers
logo
Motorola, Inc
TL081C MOTOROLA-TL081C Datasheet
169Kb / 8P
   JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL081_101 TI-TL081_101 Datasheet
998Kb / 38P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC35001 MOTOROLA-MC35001 Datasheet
389Kb / 7P
   JFET Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com