データシートサーチシステム |
|
LM101AQML データシート(PDF) 7 Page - Texas Instruments |
|
LM101AQML データシート(HTML) 7 Page - Texas Instruments |
7 / 28 page LM101AQML www.ti.com SNOSAI0A – JANUARY 2006 – REVISED MARCH 2013 LM101A QML and RH Electrical Characteristics (1) DC Parameters (continued) The following conditions apply to all parameters, unless otherwise specified VCC = ±20V, VCM = 0V, RS = 50Ω Symbol Parameter Conditions Sub- Notes Min Max Units groups ±IIB Input Bias Current +VCC = 35V, -VCC = -5V, -0.1 75 nA 1, 2 VCM = -15V, RS = 100KΩ -0.1 100 nA 3 +VCC = 5V, -VCC = -35V, -0.1 75 nA 1, 2 VCM = +15V, RS = 100KΩ -0.1 100 nA 3 VCM = 0V, RS = 100KΩ -0.1 75 nA 1, 2 -0.1 100 nA 3 +VCC = 5V, -VCC = -5V, -0.1 75 nA 1, 2 VCM = 0V, RS = 100KΩ -0.1 100 nA 3 +PSRR Power Supply Rejection Ratio +VCC = 10V, -VCC = -20V -50 +50 µV/V 1 -100 +100 µV/V 2, 3 -PSRR Power Supply Rejection Ratio +VCC = 20V, -VCC = -10V -50 +50 µV/V 1 -100 +100 µV/V 2, 3 CMRR Common Mode Rejection Ratio VCC = ±35V to ±5V, VCM = ±15V 80 dB 1, 2, 3 +VIO Adj Adjustment for Input Offset 4.0 mV 1, 2, 3 Voltage -VIO Adj Adjustment for Input Offset -4.0 mV 1, 2, 3 Voltage +IOS Output Short Circuit Current +VCC = 15V, -VCC = -15V, -60 mA 1, 2, 3 t ≤ 25mS, VCM = -15V -IOS Output Short Circuit Current +VCC = 15V, -VCC = -15V, +60 mA 1, 2, 3 t ≤ 25mS, VCM = +15V ICC Power Supply Current +VCC = 15V, -VCC = -15V 3.0 mA 1 2.32 mA 2 3.5 mA 3 ΔVIO/ ΔT Temperature Coefficient of Input -55°C ≤ TA ≤ +25°C See(2) -18 +18 µV/°C 2 Offset Voltage +25°C ≤ TA ≤ +125°C See(2) -15 +15 uV/°C 3 Δ IIO / ΔT Temperature Coefficient of Input -55°C ≤ TA ≤ +25°C See(2) -200 +200 pA/°C 2 Offset Current +25°C ≤ TA ≤ +125°C See(2) -100 +100 pA/°C 3 -AVS Large Signal (Open Loop) Voltage RL = 2KΩ, VO = -15V See(3) 50 V/mV 4 Gain See(3) 25 V/mV 5, 6 RL = 10KΩ, VO = -15V See(3) 50 V/mV 4 See(3) 25 V/mV 5, 6 +AVS Large Signal (Open Loop) Voltage RL = 2KΩ, VO = +15V See(3) 50 V/mV 4 Gain See(3) 25 V/mV 5, 6 RL = 10KΩ, VO = +15V See(3) 50 V/mV 4 See(3) 25 V/mV 5, 6 AVS Large Signal (Open Loop) Voltage VCC = ±5V,RL = 2KΩ, See(3) 10 V/mV 4,5, 6 Gain VO = ±2V VCC = ±5V, RL = 10KΩ, See(3) 10 V/mV 4,5, 6 VO = ±2V +VOP Output Voltage Swing RL = 10KΩ, VCM = -20V +16 V 4,5, 6 RL = 2K Ω, VCM = -20V +15 V 4,5, 6 -VOP Output Voltage Swing RL = 10KΩ, VCM = 20V -16 V 4,5, 6 RL = 2KΩ, VCM = 20V -15 V 4,5, 6 (2) Calculated parameter (3) Datalog reading of K = V/mV. Copyright © 2006–2013, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Links: LM101AQML |
同様の部品番号 - LM101AQML_16 |
|
同様の説明 - LM101AQML_16 |