データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM101AQML データシート(PDF) 8 Page - Texas Instruments

部品番号 LM101AQML
部品情報  LM101AQML Operational Amplifiers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM101AQML データシート(HTML) 8 Page - Texas Instruments

Back Button LM101AQML_16 Datasheet HTML 4Page - Texas Instruments LM101AQML_16 Datasheet HTML 5Page - Texas Instruments LM101AQML_16 Datasheet HTML 6Page - Texas Instruments LM101AQML_16 Datasheet HTML 7Page - Texas Instruments LM101AQML_16 Datasheet HTML 8Page - Texas Instruments LM101AQML_16 Datasheet HTML 9Page - Texas Instruments LM101AQML_16 Datasheet HTML 10Page - Texas Instruments LM101AQML_16 Datasheet HTML 11Page - Texas Instruments LM101AQML_16 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LM101AQML
SNOSAI0A – JANUARY 2006 – REVISED MARCH 2013
www.ti.com
LM101A QM and RH Electrical Characteristics AC Parameters
The following conditions apply to all parameters, unless otherwise specified
VCC = ±20V, VCM = 0V, RS = 50Ω
Symbol
Parameter
Conditions
Sub-
Notes
Min
Max
Units
groups
+SR
Slew Rate
AV = 1, VI = -5V to +5V
0.3
V/µS
7, 8A
0.2
V/µS
8B
-SR
Slew Rate
AV = 1, VI = +5V to -5V
0.3
V/µS
7, 8A
0.2
V/µS
8B
TRTR
Rise Time
AV = 1, VI = 50mV
800
nS
7, 8A, 8B
TROS
Overshoot
AV = 1, VI = 50mV
25
%
7
35
%
8A, 8B
NIBB
Noise Broadband
BW = 10Hz to 5KHz, RS = 0Ω
15
µVRMS
7
NIPC
Noise Popcorn
BW = 10Hz to 5KHz,
80
µVPK
7
RS = 100KΩ
LM101A
QM and RH Electrical Characteristics DC Parameters
Drift Values
The following conditions apply to all parameters, unless otherwise specified
VCC = ±20V, VCM = 0V, RS = 50Ω
Delta calculations performed on QMLV devices at group B, Subgroup 5 only.
Symbol
Parameter
Conditions
Sub-
Notes
Min
Max
Units
groups
VIO
Input Offset Voltage
VCM = 0V
-0.5
0.5
mV
1
± IIB
Input Bias Current
VCM = 0V, RS = 100KΩ
-7.5
7.5
nA
1
8
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM101AQML


同様の部品番号 - LM101AQML_16

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM101AQML TI1-LM101AQML Datasheet
992Kb / 25P
[Old version datasheet]   LM101AQML Operational Amplifiers
More results

同様の説明 - LM101AQML_16

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM101AQML TI1-LM101AQML Datasheet
992Kb / 25P
[Old version datasheet]   LM101AQML Operational Amplifiers
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com