データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM101AQML データシート(PDF) 1 Page - Texas Instruments

部品番号 LM101AQML
部品情報  LM101AQML Operational Amplifiers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM101AQML データシート(HTML) 1 Page - Texas Instruments

  LM101AQML_16 Datasheet HTML 1Page - Texas Instruments LM101AQML_16 Datasheet HTML 2Page - Texas Instruments LM101AQML_16 Datasheet HTML 3Page - Texas Instruments LM101AQML_16 Datasheet HTML 4Page - Texas Instruments LM101AQML_16 Datasheet HTML 5Page - Texas Instruments LM101AQML_16 Datasheet HTML 6Page - Texas Instruments LM101AQML_16 Datasheet HTML 7Page - Texas Instruments LM101AQML_16 Datasheet HTML 8Page - Texas Instruments LM101AQML_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LM101AQML
www.ti.com
SNOSAI0A – JANUARY 2006 – REVISED MARCH 2013
LM101AQML Operational Amplifiers
Check for Samples: LM101AQML
1
FEATURES
Offset Current 20 nA Maximum Over
Temperature
2
Available with Radiation Guarantee
Ensured Drift Characteristics
Offset Voltage 3 mV Maximum Over
Offsets Specified Over Entire Common Mode
Temperature
and Supply Voltage Ranges
Input Current 100 nA Maximum Over
Slew Rate of 10 V/µS as a Summing Amplifier
Temperature
DESCRIPTION
The LM101A is a general purpose operational amplifier which features improved performance over industry
standards such as the LM709. Advanced processing techniques make possible an order of magnitude reduction
in input currents, and a redesign of the biasing circuitry reduces the temperature drift of input current. Improved
specifications include:
Offset voltage 3 mV maximum over temperature
Input current 100 nA maximum over temperature
Offset current 20 nA maximum over temperature
Specified drift characteristics
Offsets ensured over entire common mode and supply voltage ranges
Slew rate of 10V/
μs as a summing amplifier
This amplifier offers many features which make its application nearly foolproof: overload protection on the
input and output, no latch-up when the common mode range is exceeded, and freedom from oscillations
and compensation with a single 30 pF capacitor. It has advantages over internally compensated amplifiers
in that the frequency compensation can be tailored to the particular application. For example, in low
frequency circuits it can be overcompensated for increased stability margin. Or the compensation can be
optimized to give more than a factor of ten improvement in high frequency performance for most
applications.
In addition, the device provides better accuracy and lower noise in high impedance circuitry. The low input
currents also make it particularly well suited for long interval integrators or timers, sample and hold circuits
and low frequency waveform generators. Further, replacing circuits where matched transistor pairs buffer
the inputs of conventional IC op amps, it can give lower offset voltage and a drift at a lower cost.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - LM101AQML_16

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM101AQML TI1-LM101AQML Datasheet
992Kb / 25P
[Old version datasheet]   LM101AQML Operational Amplifiers
More results

同様の説明 - LM101AQML_16

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM101AQML TI1-LM101AQML Datasheet
992Kb / 25P
[Old version datasheet]   LM101AQML Operational Amplifiers
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com