データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM107 データシート(PDF) 2 Page - Texas Instruments

部品番号 LM107
部品情報  Operational Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM107 データシート(HTML) 2 Page - Texas Instruments

  LM107 Datasheet HTML 1Page - Texas Instruments LM107 Datasheet HTML 2Page - Texas Instruments LM107 Datasheet HTML 3Page - Texas Instruments LM107 Datasheet HTML 4Page - Texas Instruments LM107 Datasheet HTML 5Page - Texas Instruments LM107 Datasheet HTML 6Page - Texas Instruments LM107 Datasheet HTML 7Page - Texas Instruments LM107 Datasheet HTML 8Page - Texas Instruments LM107 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TLH7757
December 1994
LM107LM207LM307 Operational Amplifiers
General Description
The LM107 series are complete general purpose operation-
al amplifiers with the necessary frequency compensation
built into the chip Advanced processing techniques make
the input currents a factor of ten lower than industry stan-
dards like the 709 Yet they are a direct plug-in replace-
ment for the 709 LM101A and 741
The LM107 series offers the features of the LM101A which
makes its application nearly foolproof In addition the de-
vice provides better accuracy and lower noise in high im-
pedance circuitry The low input currents also make it partic-
ularly well suited for long interval integrators or timers sam-
ple and hold circuits and low frequency waveform genera-
tors Further replacing circuits where matched transistor
pairs buffer the inputs of conventional IC op amps it can
give lower offset voltage and drift at a lower cost
The LM107 is guaranteed over a b55 Cto a125 C temper-
ature range the LM207 from b25 Cto a85 C and the
LM307 from 0 Cto a70 C
Features
Y
Offset voltage 3 mV maximum over temperature
Y
Input current 100 nA maximum over temperature
Y
Offset current 20 nA maximum over temperature
Y
Guaranteed drift characteristics
Connection Diagrams
Metal Can Package
TLH7757 – 2
Note Pin 4 connected to case
Top View
Order Number LM107H883
See NS Package Number H08C
Dual-in-Line Package
TLH7757 – 3
Top View
Order Number LM107J883 or LM207J
See NS Package Number J08A
Order Number LM307N
See NS Package Number N08A
Dual-in-Line Package
TLH7757 – 13
Order Number LM107J-14883
See NS Package Number J14A
Available per SMD
5962-8958901
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


同様の部品番号 - LM107

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
logo
Linear Technology
LM107 LINER-LM107 Datasheet
388Kb / 6P
   Operational Amplifiers
logo
Texas Instruments
LM107 TI-LM107 Datasheet
54Kb / 4P
[Old version datasheet]   HIGH-PERFORMANCE OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
LM107 INTERSIL-LM107 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
Texas Instruments
LM107-N TI1-LM107-N Datasheet
444Kb / 12P
[Old version datasheet]   LM107 LM207 LM307 Operational Amplifiers
More results

同様の説明 - LM107

メーカー部品番号データシート部品情報
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
logo
SG Micro Corp
SGM8535 SGMICRO-SGM8535 Datasheet
379Kb / 16P
   Operational Amplifiers
logo
Texas Instruments
LM118-N TI1-LM118-N_15 Datasheet
1Mb / 25P
[Old version datasheet]   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com