データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM107 データシート(PDF) 3 Page - Texas Instruments

部品番号 LM107
部品情報  Operational Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM107 データシート(HTML) 3 Page - Texas Instruments

  LM107 Datasheet HTML 1Page - Texas Instruments LM107 Datasheet HTML 2Page - Texas Instruments LM107 Datasheet HTML 3Page - Texas Instruments LM107 Datasheet HTML 4Page - Texas Instruments LM107 Datasheet HTML 5Page - Texas Instruments LM107 Datasheet HTML 6Page - Texas Instruments LM107 Datasheet HTML 7Page - Texas Instruments LM107 Datasheet HTML 8Page - Texas Instruments LM107 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required please contact the National Semiconductor Sales Office
Distributors for availability and specifications
(Note 4)
LM107LM207
LM307
Supply Voltage
g
22V
g
18V
TMIN
TMAX
Power Dissipation (Note 1)
500 mW
500 mW
Differential Input Voltage
g
30V
g
30V
LM107
b
55 C
a
125 C
Input Voltage (Note 2)
g
15V
g
15V
LM207
b
25 C
a
85 C
Output Short Circuit Duration
Continuous
Continuous
LM307
0 C
a
70 C
Operating Temperature Range (TA)
ESD rating to be determined
(LM107)
b
55 Cto a125 C0 Cto a70 C
(LM207)
b
25 Cto a85 C
Storage Temperature Range
b
65 Cto a150 C
b
65 Cto a150 C
Lead Temperature (Soldering 10 sec)
260 C
260 C
Electrical Characteristics (Note 3)
Parameter
Conditions
LM107LM207
LM307
Units
Min
Typ
Max
Min
Typ
Max
Input Offset Voltage
TA e 25 C RS s 50 kX
07
20
20
75
mV
Input Offset Current
TA e 25 C
15
10
30
50
nA
Input Bias Current
TA e 25 C
30
75
70
250
nA
Input Resistance
TA e 25 C
15
40
05
20
MX
Supply Current
TA e 25 C
VS e g20V
18
30
mA
VS e g15V
18
30
mA
Large Signal Voltage
TA e 25 C VS e g15V
50
160
25
160
VmV
Gain
VOUT e g10V RL t 2kX
Input Offset Voltage
RS s 50 kX
30
10
mV
Average Temperature
Coefficient of Input
30
15
60
30
m
V C
Offset Voltage
Input Offset Current
20
70
nA
Average Temperature
25 C s TA s TMAX
001
01
001
03
nA C
Coefficient of Input
TMIN s TA s 25 C
002
02
002
06
nA C
Offset Current
Input Bias Current
100
300
nA
Supply Current
TA ea125 C VS e g20V
12
25
mA
2


同様の部品番号 - LM107

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
logo
Linear Technology
LM107 LINER-LM107 Datasheet
388Kb / 6P
   Operational Amplifiers
logo
Texas Instruments
LM107 TI-LM107 Datasheet
54Kb / 4P
[Old version datasheet]   HIGH-PERFORMANCE OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
LM107 INTERSIL-LM107 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
Texas Instruments
LM107-N TI1-LM107-N Datasheet
444Kb / 12P
[Old version datasheet]   LM107 LM207 LM307 Operational Amplifiers
More results

同様の説明 - LM107

メーカー部品番号データシート部品情報
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
logo
SG Micro Corp
SGM8535 SGMICRO-SGM8535 Datasheet
379Kb / 16P
   Operational Amplifiers
logo
Texas Instruments
LM118-N TI1-LM118-N_15 Datasheet
1Mb / 25P
[Old version datasheet]   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com