データシートサーチシステム |
|
LM108-N データシート(PDF) 7 Page - Texas Instruments |
|
LM108-N データシート(HTML) 7 Page - Texas Instruments |
7 / 21 page LM108-N, LM108AQML www.ti.com SNOSAH4B – MARCH 2005 – REVISED MARCH 2013 LM108-NA Electrical Characteristics DC Parameters (continued) The following conditions apply to all the following parameters, unless otherwise specified. VCC = ±20V, VCM = 0V Sub- Symbol Parameter Conditions Notes Min Max Units groups IIO Input Offset Current VCM = -15V -0.2 0.2 nA 1 -0.4 0.4 nA 2, 3 VCM = 15V -0.2 0.2 nA 1 -0.4 0.4 nA 2, 3 -0.2 0.2 nA 1 -0.4 0.4 nA 2, 3 VCC = ±5V -0.2 0.2 nA 1 -0.4 0.4 nA 2, 3 ±IIB Input Bias Current VCM = -15V -0.1 2.0 nA 1 -1.0 3.0 nA 2 -0.1 3.0 nA 3 VCM = 15V -0.1 2.0 nA 1 -1.0 3.0 nA 2 -0.1 3.0 nA 3 -0.1 2.0 nA 1 -1.0 3.0 nA 2 -0.1 3.0 nA 3 VCC = ±5V -0.1 2.0 nA 1 -1.0 3.0 nA 2 -0.1 3.0 nA 3 PSRR Power Supply Rejection Ratio ±20V < = VCC < = ±5V 96 dB 1, 2, 3 CMRR Common Mode Rejection Ratio -15V < = VCM < = 15V 96 dB 1, 2, 3 +IOS Short Circuit Current VCC = ±15V -30 -1.0 mA 1, 2, 3 -IOS Short Circuit Current VCC = ±15V 1.0 30 mA 1, 2, 3 ICC Power Supply Current 0.6 mA 1 0.4 mA 2 0.8 mA 3 RIN Input Resistance See(1) 30 M Ω 1 VIN Input Voltage Range VCC = ±15V See(2) 14 V 1, 2 See(2) −14 V 1, 2 See(2) 13.5 V 3 See(2) −13. V 3 5 See(2) 15 V 1, 2, 3 See(2) −15 V 1, 2, 3 (1) Ensured parameter not tested. (2) Parameter tested Go-No-Go#SNOSAH42270 Copyright © 2005–2013, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Links: LM108-N LM108AQML |
同様の部品番号 - LM108-N_13 |
|
同様の説明 - LM108-N_13 |