データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM108-N データシート(PDF) 8 Page - Texas Instruments

部品番号 LM108-N
部品情報  Operational Amplifiers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM108-N データシート(HTML) 8 Page - Texas Instruments

Back Button LM108-N_13 Datasheet HTML 4Page - Texas Instruments LM108-N_13 Datasheet HTML 5Page - Texas Instruments LM108-N_13 Datasheet HTML 6Page - Texas Instruments LM108-N_13 Datasheet HTML 7Page - Texas Instruments LM108-N_13 Datasheet HTML 8Page - Texas Instruments LM108-N_13 Datasheet HTML 9Page - Texas Instruments LM108-N_13 Datasheet HTML 10Page - Texas Instruments LM108-N_13 Datasheet HTML 11Page - Texas Instruments LM108-N_13 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
LM108-N, LM108AQML
SNOSAH4B – MARCH 2005 – REVISED MARCH 2013
www.ti.com
LM108-NA Electrical Characteristics DC Parameters (continued)
The following conditions apply to all the following parameters, unless otherwise specified.
VCC = ±20V, VCM = 0V
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Units
groups
Delta VIO /
Temperature Coefficient of Input
See(3)
5.0
µV/°C
1, 2, 3
Delta T
Offset Voltage
Delta I IO/
Temperature Coefficient of Input
See(3)
2.5
pA/°C
1, 2, 3
Delta T
Offset Current
+VOP
Output Voltage Swing
VCC = ±15V, RL = 10KΩ
13
V
4, 5, 6
-VOP
Output Voltage Swing
VCC = ±15V, RL = 10KΩ
-13
V
4, 5, 6
+AVS
Open Loop Voltage Gain
VCC = ±15V, RL = 10KΩ,
See(4)
80
V/mV
4
Vout = 0 to 10V
See(4)
40
V/mV
5, 6
-AVS
Open Loop Voltage Gain
VCC = ±15V, RL = 10KΩ,
See(4)
80
V/mV
4
Vout = 0 to -10V
See(4)
40
V/mV
5, 6
(3)
Ensured parameter not tested.
(4)
Datalog reading in K = V/mV
LM108-NA Electrical Characteristics AC Parameters
The following conditions apply to all the following parameters, unless otherwise specified.
VCC = ±20V, VCM = 0V
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Units
groups
TRTR
Transient Response Rise Time
See(1)
1.0
µS
7
(1)
Ensured parameter not tested.
LM108-NA Rad Hard — Electrical Characteristics DC Parameters
The following conditions apply to all the following parameters, unless otherwise specified.
±VCC = ±20V, VCM = 0V, RS = 50Ω
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Units
groups
+VCC = 35V, -VCC = -5V,
-0.5
0.5
mV
1
VCM = -15V
-1.0
1.0
mV
2, 3
+VCC = 5V, -VCC = -35V,
-0.5
0.5
mV
1
VCM = 15V
-1.0
1.0
mV
2, 3
VIO
Input Offset Voltage
-0.5
0.5
mV
1
-1.0
1.0
mV
2, 3
+VCC = +5V, -VCC = -5V
-0.5
0.5
mV
1
-1.0
1.0
mV
2, 3
Delta VIO /
Temperature Coefficient of Input
25°C
≤ TA ≤ +125°C
See(1)
-5.0
5.0
µV/°C
2
Delta T
Offset Voltage
-55°C
≤ TA ≤ 25°C
See(1)
-5.0
5.0
µV/°C
3
IIO
Input Offset Current
+VCC = 35V, -VCC = -5V,
-0.2
0.2
nA
1
VCM = -15V
-0.4
0.4
nA
2, 3
+VCC = 5V, -VCC = -35V,
-0.2
0.2
nA
1
VCM = 15V
-0.4
0.4
nA
2, 3
-0.2
0.2
nA
1
-0.4
0.4
nA
2, 3
+VCC = +5V, -VCC = -5V
-0.2
0.2
nA
1
-0.4
0.4
nA
2, 3
Delta I IO/
Temperature Coefficient of Input
25°C
≤ TA ≤ +125°C
See(1)
-2.5
2.5
pA/°C
2
Delta T
Offset Current
-55°C
≤ TA ≤ 25°C
See(1)
-2.5
2.5
pA/°C
3
(1)
Calculated Parameter
8
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM108-N LM108AQML


同様の部品番号 - LM108-N_13

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM108-N TI-LM108-N Datasheet
791Kb / 22P
[Old version datasheet]   LM108/LM108AQML Operational Amplifiers
More results

同様の説明 - LM108-N_13

メーカー部品番号データシート部品情報
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
logo
SG Micro Corp
SGM8535 SGMICRO-SGM8535 Datasheet
379Kb / 16P
   Operational Amplifiers
logo
Texas Instruments
LM118-N TI1-LM118-N_15 Datasheet
1Mb / 25P
[Old version datasheet]   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com