データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM108-N データシート(PDF) 1 Page - Texas Instruments

部品番号 LM108-N
部品情報  Operational Amplifiers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM108-N データシート(HTML) 1 Page - Texas Instruments

  LM108-N Datasheet HTML 1Page - Texas Instruments LM108-N Datasheet HTML 2Page - Texas Instruments LM108-N Datasheet HTML 3Page - Texas Instruments LM108-N Datasheet HTML 4Page - Texas Instruments LM108-N Datasheet HTML 5Page - Texas Instruments LM108-N Datasheet HTML 6Page - Texas Instruments LM108-N Datasheet HTML 7Page - Texas Instruments LM108-N Datasheet HTML 8Page - Texas Instruments LM108-N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LM108-N, LM108AQML
www.ti.com
SNOSAH4B – MARCH 2005 – REVISED MARCH 2013
LM108-N/LM108AQML Operational Amplifiers
Check for Samples: LM108-N, LM108AQML
1
FEATURES
DESCRIPTION
The LM108-N is a precision operational amplifier
2
Maximum Input Bias Current of 3.0 nA Over
having specifications a factor of ten better than FET
Temperature
amplifiers over a
−55°C to +125°C temperature
Offset Current Less than 400 pA Over
range.
Temperature
The devices operate with supply voltages from ±2V to
Supply Current of Only 300
μA, even in
±20V and have sufficient supply rejection to use
Saturation
unregulated
supplies.
Although
the
circuit
is
Ensured Drift Characteristics
interchangeable
with,
and
uses
the
same
compensation
as
the
LM101A,
an
alternate
compensation scheme can be used to make it
particularly insensitive to power supply noise and to
make supply bypass capacitors unnecessary.
The low current error of the LM108-N makes possible
many designs that are not practical with conventional
amplifiers. In fact, it operates from 10 M
Ω source
resistances, introducing less error than devices like
the 709 with 10 k
Ω sources. Integrators with drifts
less than 500
μV/sec and analog time delays in
excess of one hour can be made using capacitors no
larger than 1
μF.
Connection Diagrams
*Package is connected to Pin 4 (V)
**Unused pin (no internal connection) to allow for input anti-leakage guard ring on printed circuit board layout.
Figure 1. TO-99 Package
Figure 2. 14 Lead Dual-In-Line Package (Top View)
8 Lead CDIP Package
See Package Number J
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - LM108-N

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM108-N TI-LM108-N Datasheet
791Kb / 22P
[Old version datasheet]   LM108/LM108AQML Operational Amplifiers
More results

同様の説明 - LM108-N

メーカー部品番号データシート部品情報
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
logo
SG Micro Corp
SGM8535 SGMICRO-SGM8535 Datasheet
379Kb / 16P
   Operational Amplifiers
logo
Texas Instruments
LM118-N TI1-LM118-N_15 Datasheet
1Mb / 25P
[Old version datasheet]   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com