データシートサーチシステム |
|
LM108-N データシート(PDF) 10 Page - Texas Instruments |
|
LM108-N データシート(HTML) 10 Page - Texas Instruments |
10 / 21 page LM108-N, LM108AQML SNOSAH4B – MARCH 2005 – REVISED MARCH 2013 www.ti.com LM108-NA Rad Hard — Electrical Characteristics AC Parameters (continued) The following conditions apply to all the following parameters, unless otherwise specified. AC ±VCC = ±20V, VCM = 0V, RS = 50Ω Sub- Symbol Parameter Conditions Notes Min Max Units groups TROS Transient Response Overshoot RL = 10KΩ, CL = 100pF, f < 1KHz, Vin = +50mV 50 % 9, 10, 11 +SR Slew Rate AV = 1, VIN = -5V to +5V 0.05 V/µS 9, 10, 11 −SR Slew Rate AV = 1, VIN = +5V to -5V 0.05 V/µS 9, 10, 11 NIBB Noise Broadband BW = 10Hz to 5KHz, RS = 0 Ω 15 µVRMS 9 NIPC Noise Popcorn BW = 10Hz to 5KHz, RS= 100KΩ 40 µVPK 9 LM108-NA Rad Hard — Electrical Characteristics Post Radiation Parameters @ +25°C (1) (2) The following conditions apply to all the following parameters, unless otherwise specified. DC: ±VCC = ±20V, VCM = 0V, RS = 50Ω Sub- Symbol Parameter Conditions Notes Min Max Units groups ±IIB Input Bias Current +VCC = 35V, -VCC = -5V, VCM = -15V See(1) 5.0 nA 1 +VCC = 5V, -VCC = -35V, VCM = -15V See(1) 5.0 nA 1 See(1) 5.0 nA 1 +VCC = +5V, -VCC = -5V See(1) 5.0 nA 1 IIO Input Offset Current +VCC = 35V, -VCC = -5V, VCM = -15V See(1) 0.5 nA 1 +VCC = 5V, -VCC = -35V, VCM = -15V See(1) 0.5 nA 1 See(1) 0.5 nA 1 +VCC = +5V, -VCC = -5V See(1) 0.5 nA 1 (1) Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics except as listed in the Post Radiation Limits Table. These parts may be dose rate sensitive in a space environment and demonstrate enhanced low dose rate effect. Radiation end point limits for the noted parameters are specified only for the conditions as specified in MIL-STD-883, Method 1019.5. (2) Calculated parameter for Class “S” only 10 Submit Documentation Feedback Copyright © 2005–2013, Texas Instruments Incorporated Product Folder Links: LM108-N LM108AQML |
同様の部品番号 - LM108-N |
|
同様の説明 - LM108-N |