データシートサーチシステム |
|
LM101AMD8 データシート(PDF) 5 Page - Texas Instruments |
|
|
LM101AMD8 データシート(HTML) 5 Page - Texas Instruments |
5 / 28 page LM101AQML www.ti.com SNOSAI0A – JANUARY 2006 – REVISED MARCH 2013 LM101A 883 Electrical Characteristics DC Parameters The following conditions apply to all parameters, unless otherwise specified VCC = ±20V, VCM= 0V Symbol Parameter Conditions Sub- Notes Min Max Units groups VIO Input Offset Voltage VCM = -15V, RS = 50Ω -2.0 2.0 mV 1 -3.0 3.0 mV 2, 3 VCM = 15V, RS = 50Ω -2.0 2.0 mV 1 -3.0 3.0 mV 2, 3 RS = 50Ω -2.0 2.0 mV 1 -3.0 3.0 mV 2, 3 VCC = ±5V, RS = 50Ω -2.0 2.0 mV 1 -3.0 3.0 mV 2, 3 IIO Input Offset Current VCM = -15V -10 10 nA 1 -20 20 nA 2, 3 VCM = 15V -10 10 nA 1 -20 20 nA 2, 3 -10 10 nA 1 -20 20 nA 2, 3 VCC = ±5V -10 10 nA 1 -20 20 nA 2, 3 ±IIB Input Bias Current VCM = -15V 1.0 75 nA 1 1.0 100 nA 2, 3 VCM = 15V 1.0 75 nA 1 1.0 100 nA 2, 3 1.0 75 nA 1 1.0 100 nA 2, 3 VCC = ±5V 1.0 75 nA 1 1.0 100 nA 2, 3 PSRR+ Power Supply Rejection Ratio +VCC = +20V and +5V, -VCC=-20V, 80 dB 1, 2, 3 RS=50Ω PSRR- Power Supply Rejection Ratio +VCC = +20V, 80 dB 1, 2, 3 -VCC= -20V and -5V, RS=50Ω CMRR Common Mode Rejection Ratio -15V ≤ VCM ≤ 15V, RS = 50Ω 80 dB 1, 2, 3 ICC Supply Current 3.0 mA 1 2.5 mA 2 3.5 mA 3 +VIO Adj Input Offset Voltage Adjust 4.0 mV 1, 2, 3 −VIO Adj Input Offset Voltage Adjust -4.0 mV 1, 2, 3 +IOS Short Circuit Current -45 -7.0 mA 1, 2, 3 -IOS Short Circuit Current 7.0 45 mA 1, 2, 3 VI Input Voltage Range VCC = ±20V See(1) -15 15 V 1, 2, 3 +AVS Large Signal Gain VCC = ±15V, RS = 0, RL=2KΩ, VO 50 V/mV 4 =10V 25 V/mV 5, 6 -AVS Large Signal Gain VCC = ±15V, RS = 0, RL=2KΩ, VO 50 V/mV 4 =-10V 25 V/mV 5, 6 RI Input Resistance See(2) 1.5 M Ω 4 see(2) 0.5 M Ω 5, 6 (1) Parameter specified by the input conditions of several DC parameters (2) Parameter specified by design, not tested. Copyright © 2006–2013, Texas Instruments Incorporated Submit Documentation Feedback 5 Product Folder Links: LM101AQML |
同様の部品番号 - LM101AMD8 |
|
同様の説明 - LM101AMD8 |