データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM101AMD8 データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM101AMD8
部品情報  LM101AQML Operational Amplifiers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM101AMD8 データシート(HTML) 7 Page - Texas Instruments

Back Button LM101AMD8 Datasheet HTML 3Page - Texas Instruments LM101AMD8 Datasheet HTML 4Page - Texas Instruments LM101AMD8 Datasheet HTML 5Page - Texas Instruments LM101AMD8 Datasheet HTML 6Page - Texas Instruments LM101AMD8 Datasheet HTML 7Page - Texas Instruments LM101AMD8 Datasheet HTML 8Page - Texas Instruments LM101AMD8 Datasheet HTML 9Page - Texas Instruments LM101AMD8 Datasheet HTML 10Page - Texas Instruments LM101AMD8 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LM101AQML
www.ti.com
SNOSAI0A – JANUARY 2006 – REVISED MARCH 2013
LM101A
QML and RH Electrical Characteristics
(1) DC Parameters (continued)
The following conditions apply to all parameters, unless otherwise specified
VCC = ±20V, VCM = 0V, RS = 50Ω
Symbol
Parameter
Conditions
Sub-
Notes
Min
Max
Units
groups
±IIB
Input Bias Current
+VCC = 35V, -VCC = -5V,
-0.1
75
nA
1, 2
VCM = -15V, RS = 100KΩ
-0.1
100
nA
3
+VCC = 5V, -VCC = -35V,
-0.1
75
nA
1, 2
VCM = +15V, RS = 100KΩ
-0.1
100
nA
3
VCM = 0V, RS = 100KΩ
-0.1
75
nA
1, 2
-0.1
100
nA
3
+VCC = 5V, -VCC = -5V,
-0.1
75
nA
1, 2
VCM = 0V, RS = 100KΩ
-0.1
100
nA
3
+PSRR
Power Supply Rejection Ratio
+VCC = 10V, -VCC = -20V
-50
+50
µV/V
1
-100
+100
µV/V
2, 3
-PSRR
Power Supply Rejection Ratio
+VCC = 20V, -VCC = -10V
-50
+50
µV/V
1
-100
+100
µV/V
2, 3
CMRR
Common Mode Rejection Ratio
VCC = ±35V to ±5V, VCM = ±15V
80
dB
1, 2, 3
+VIO Adj
Adjustment for Input Offset
4.0
mV
1, 2, 3
Voltage
-VIO Adj
Adjustment for Input Offset
-4.0
mV
1, 2, 3
Voltage
+IOS
Output Short Circuit Current
+VCC = 15V, -VCC = -15V,
-60
mA
1, 2, 3
t
≤ 25mS, VCM = -15V
-IOS
Output Short Circuit Current
+VCC = 15V, -VCC = -15V,
+60
mA
1, 2, 3
t
≤ 25mS, VCM = +15V
ICC
Power Supply Current
+VCC = 15V, -VCC = -15V
3.0
mA
1
2.32
mA
2
3.5
mA
3
ΔVIO/ ΔT
Temperature Coefficient of Input
-55°C
≤ TA ≤ +25°C
See(2)
-18
+18
µV/°C
2
Offset Voltage
+25°C
≤ TA ≤ +125°C
See(2)
-15
+15
uV/°C
3
Δ IIO / ΔT
Temperature Coefficient of Input
-55°C
≤ TA ≤ +25°C
See(2)
-200
+200
pA/°C
2
Offset Current
+25°C
≤ TA ≤ +125°C
See(2)
-100
+100
pA/°C
3
-AVS
Large Signal (Open Loop) Voltage RL = 2KΩ, VO = -15V
See(3)
50
V/mV
4
Gain
See(3)
25
V/mV
5, 6
RL = 10KΩ, VO = -15V
See(3)
50
V/mV
4
See(3)
25
V/mV
5, 6
+AVS
Large Signal (Open Loop) Voltage RL = 2KΩ, VO = +15V
See(3)
50
V/mV
4
Gain
See(3)
25
V/mV
5, 6
RL = 10KΩ, VO = +15V
See(3)
50
V/mV
4
See(3)
25
V/mV
5, 6
AVS
Large Signal (Open Loop) Voltage VCC = ±5V,RL = 2KΩ,
See(3)
10
V/mV
4,5, 6
Gain
VO = ±2V
VCC = ±5V, RL = 10KΩ,
See(3)
10
V/mV
4,5, 6
VO = ±2V
+VOP
Output Voltage Swing
RL = 10KΩ, VCM = -20V
+16
V
4,5, 6
RL = 2K
Ω, VCM = -20V
+15
V
4,5, 6
-VOP
Output Voltage Swing
RL = 10KΩ, VCM = 20V
-16
V
4,5, 6
RL = 2KΩ, VCM = 20V
-15
V
4,5, 6
(2)
Calculated parameter
(3)
Datalog reading of K = V/mV.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM101AQML


同様の部品番号 - LM101AMD8

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM101A NSC-LM101A Datasheet
509Kb / 17P
   Operational Amplifiers
logo
STMicroelectronics
LM101A STMICROELECTRONICS-LM101A Datasheet
165Kb / 11P
   SINGLE OPERATIONAL AMPLIFIER
logo
Linear Technology
LM101A LINER-LM101A Datasheet
388Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A Datasheet
226Kb / 15P
   SINGLE OPERATIONAL AMPLIFIER
LM101A NSC-LM101A Datasheet
32Kb / 5P
   OPERATION AMPLIFIER
More results

同様の説明 - LM101AMD8

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM101AQML TI1-LM101AQML Datasheet
992Kb / 25P
[Old version datasheet]   LM101AQML Operational Amplifiers
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com