データシートサーチシステム |
|
LM208-N データシート(PDF) 8 Page - Texas Instruments |
|
LM208-N データシート(HTML) 8 Page - Texas Instruments |
8 / 21 page LM108-N, LM108AQML SNOSAH4B – MARCH 2005 – REVISED MARCH 2013 www.ti.com LM108-NA Electrical Characteristics DC Parameters (continued) The following conditions apply to all the following parameters, unless otherwise specified. VCC = ±20V, VCM = 0V Sub- Symbol Parameter Conditions Notes Min Max Units groups Delta VIO / Temperature Coefficient of Input See(3) 5.0 µV/°C 1, 2, 3 Delta T Offset Voltage Delta I IO/ Temperature Coefficient of Input See(3) 2.5 pA/°C 1, 2, 3 Delta T Offset Current +VOP Output Voltage Swing VCC = ±15V, RL = 10KΩ 13 V 4, 5, 6 -VOP Output Voltage Swing VCC = ±15V, RL = 10KΩ -13 V 4, 5, 6 +AVS Open Loop Voltage Gain VCC = ±15V, RL = 10KΩ, See(4) 80 V/mV 4 Vout = 0 to 10V See(4) 40 V/mV 5, 6 -AVS Open Loop Voltage Gain VCC = ±15V, RL = 10KΩ, See(4) 80 V/mV 4 Vout = 0 to -10V See(4) 40 V/mV 5, 6 (3) Ensured parameter not tested. (4) Datalog reading in K = V/mV LM108-NA Electrical Characteristics AC Parameters The following conditions apply to all the following parameters, unless otherwise specified. VCC = ±20V, VCM = 0V Sub- Symbol Parameter Conditions Notes Min Max Units groups TRTR Transient Response Rise Time See(1) 1.0 µS 7 (1) Ensured parameter not tested. LM108-NA Rad Hard — Electrical Characteristics DC Parameters The following conditions apply to all the following parameters, unless otherwise specified. ±VCC = ±20V, VCM = 0V, RS = 50Ω Sub- Symbol Parameter Conditions Notes Min Max Units groups +VCC = 35V, -VCC = -5V, -0.5 0.5 mV 1 VCM = -15V -1.0 1.0 mV 2, 3 +VCC = 5V, -VCC = -35V, -0.5 0.5 mV 1 VCM = 15V -1.0 1.0 mV 2, 3 VIO Input Offset Voltage -0.5 0.5 mV 1 -1.0 1.0 mV 2, 3 +VCC = +5V, -VCC = -5V -0.5 0.5 mV 1 -1.0 1.0 mV 2, 3 Delta VIO / Temperature Coefficient of Input 25°C ≤ TA ≤ +125°C See(1) -5.0 5.0 µV/°C 2 Delta T Offset Voltage -55°C ≤ TA ≤ 25°C See(1) -5.0 5.0 µV/°C 3 IIO Input Offset Current +VCC = 35V, -VCC = -5V, -0.2 0.2 nA 1 VCM = -15V -0.4 0.4 nA 2, 3 +VCC = 5V, -VCC = -35V, -0.2 0.2 nA 1 VCM = 15V -0.4 0.4 nA 2, 3 -0.2 0.2 nA 1 -0.4 0.4 nA 2, 3 +VCC = +5V, -VCC = -5V -0.2 0.2 nA 1 -0.4 0.4 nA 2, 3 Delta I IO/ Temperature Coefficient of Input 25°C ≤ TA ≤ +125°C See(1) -2.5 2.5 pA/°C 2 Delta T Offset Current -55°C ≤ TA ≤ 25°C See(1) -2.5 2.5 pA/°C 3 (1) Calculated Parameter 8 Submit Documentation Feedback Copyright © 2005–2013, Texas Instruments Incorporated Product Folder Links: LM108-N LM108AQML |
同様の部品番号 - LM208-N |
|
同様の説明 - LM208-N |