データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM308-N データシート(PDF) 10 Page - Texas Instruments

部品番号 LM308-N
部品情報  Operational Amplifiers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM308-N データシート(HTML) 10 Page - Texas Instruments

Back Button LM308-N Datasheet HTML 6Page - Texas Instruments LM308-N Datasheet HTML 7Page - Texas Instruments LM308-N Datasheet HTML 8Page - Texas Instruments LM308-N Datasheet HTML 9Page - Texas Instruments LM308-N Datasheet HTML 10Page - Texas Instruments LM308-N Datasheet HTML 11Page - Texas Instruments LM308-N Datasheet HTML 12Page - Texas Instruments LM308-N Datasheet HTML 13Page - Texas Instruments LM308-N Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
LM108-N, LM108AQML
SNOSAH4B – MARCH 2005 – REVISED MARCH 2013
www.ti.com
LM108-NA Rad Hard — Electrical Characteristics AC Parameters (continued)
The following conditions apply to all the following parameters, unless otherwise specified.
AC
±VCC = ±20V, VCM = 0V, RS = 50Ω
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Units
groups
TROS
Transient Response Overshoot
RL = 10KΩ, CL = 100pF,
f < 1KHz, Vin = +50mV
50
%
9, 10, 11
+SR
Slew Rate
AV = 1,
VIN = -5V to +5V
0.05
V/µS
9, 10, 11
−SR
Slew Rate
AV = 1,
VIN = +5V to -5V
0.05
V/µS
9, 10, 11
NIBB
Noise Broadband
BW = 10Hz to 5KHz,
RS = 0 Ω
15
µVRMS
9
NIPC
Noise Popcorn
BW = 10Hz to 5KHz,
RS= 100KΩ
40
µVPK
9
LM108-NA Rad Hard — Electrical Characteristics Post Radiation Parameters @ +25°C
(1) (2)
The following conditions apply to all the following parameters, unless otherwise specified.
DC:
±VCC = ±20V, VCM = 0V, RS = 50Ω
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Units
groups
±IIB
Input Bias Current
+VCC = 35V, -VCC = -5V,
VCM = -15V
See(1)
5.0
nA
1
+VCC = 5V, -VCC = -35V,
VCM = -15V
See(1)
5.0
nA
1
See(1)
5.0
nA
1
+VCC = +5V, -VCC = -5V
See(1)
5.0
nA
1
IIO
Input Offset Current
+VCC = 35V, -VCC = -5V,
VCM = -15V
See(1)
0.5
nA
1
+VCC = 5V, -VCC = -35V,
VCM = -15V
See(1)
0.5
nA
1
See(1)
0.5
nA
1
+VCC = +5V, -VCC = -5V
See(1)
0.5
nA
1
(1)
Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics except as listed in the Post
Radiation Limits Table. These parts may be dose rate sensitive in a space environment and demonstrate enhanced low dose rate effect.
Radiation end point limits for the noted parameters are specified only for the conditions as specified in MIL-STD-883, Method 1019.5.
(2)
Calculated parameter for Class “S” only
10
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM108-N LM108AQML


同様の部品番号 - LM308-N

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM308 NSC-LM308 Datasheet
158Kb / 8P
   Operational Amplifiers
logo
Linear Technology
LM308 LINER-LM308 Datasheet
451Kb / 8P
   Operational Amplifiers?
logo
Intersil Corporation
LM308 INTERSIL-LM308 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
National Semiconductor ...
LM308 NSC-LM308 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Linear Technology
LM308 LINER-LM308 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
More results

同様の説明 - LM308-N

メーカー部品番号データシート部品情報
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
logo
SG Micro Corp
SGM8535 SGMICRO-SGM8535 Datasheet
379Kb / 16P
   Operational Amplifiers
logo
Texas Instruments
LM118-N TI1-LM118-N_15 Datasheet
1Mb / 25P
[Old version datasheet]   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com